Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N25SR2M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 4N25SR2M
Description  General Purpose 6-Pin Phototransistor Optocouplers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N25SR2M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  4N25SR2M Datasheet HTML 1Page - Fairchild Semiconductor 4N25SR2M Datasheet HTML 2Page - Fairchild Semiconductor 4N25SR2M Datasheet HTML 3Page - Fairchild Semiconductor 4N25SR2M Datasheet HTML 4Page - Fairchild Semiconductor 4N25SR2M Datasheet HTML 5Page - Fairchild Semiconductor 4N25SR2M Datasheet HTML 6Page - Fairchild Semiconductor 4N25SR2M Datasheet HTML 7Page - Fairchild Semiconductor 4N25SR2M Datasheet HTML 8Page - Fairchild Semiconductor 4N25SR2M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
4NXXM, H11AXM Rev. 1.0.0
3
Electrical Characteristics (Continued) (TA = 25°C unless otherwise specified)
Transfer Characteristics
* Typical values at TA = 25°C
Symbol
Parameter
Test Conditions
Device
Min.
Typ.* Max.
Unit
DC CHARACTERISTICS
CTR
Current Transfer Ratio,
Collector to Emitter
IF = 10mA, VCE = 10V
4N35M, 4N36M,
4N37M
100
%
H11A1M
50
H11A5M
30
4N25M, 4N26M
H11A2M, H11A3M
20
4N27M, 4N28M
H11A4M
10
IF = 10mA, VCE = 10V,
TA = -55°C
4N35M, 4N36M,
4N37M
40
IF = 10mA, VCE = 10V,
TA = +100°C
4N35M, 4N36M,
4N37M
40
VCE (SAT) Collector-Emitter
Saturation Voltage
IC = 2mA, IF = 50mA
4N25M, 4N26M,
4N27M, 4N28M,
0.5
V
IC = 0.5mA, IF = 10mA
4N35M, 4N36M,
4N37M
0.3
H11A1M, H11A2M,
H11A3M, H11A4M,
H11A5M
0.4
AC CHARACTERISTICS
TON
Non-Saturated
Turn-on Time
IF = 10mA, VCC = 10V,
RL = 100Ω (Fig. 11)
4N25M, 4N26M,
4N27M, 4N28M,
H11A1M, H11A2M,
H11A3M, H11A4,
H11A5M
2µs
IC = 2mA, VCC = 10V,
RL = 100Ω (Fig. 11)
4N35M, 4N36M,
4N37M
210
µs
TOFF
Turn-off Time
IF = 10mA, VCC = 10V,
RL = 100Ω (Fig. 11)
4N25M, 4N26M,
4N27M, 4N28M,
H11A1M, H11A2M,
H11A3M, H11A4M,
H11A5M
2µs
IC = 2mA, VCC = 10V,
RL = 100Ω (Fig. 11)
4N35M, 4N36M,
4N37M
210


Similar Part No. - 4N25SR2M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
4N25SR2M ONSEMI-4N25SR2M Datasheet
336Kb / 12P
   6-Pin General Purpose Phototransistor Optocouplers
September, 2021 - Rev. 2
More results

Similar Description - 4N25SR2M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Rohm
4N26-M ROHM-4N26-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N27SM FAIRCHILD-4N27SM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SVM FAIRCHILD-4N35SVM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SR2M FAIRCHILD-4N35SR2M Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL117M FAIRCHILD-TIL117M_09 Datasheet
273Kb / 11P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25M FAIRCHILD-4N25M_09 Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1VM FAIRCHILD-H11A1VM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N37TVM FAIRCHILD-4N37TVM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1SM FAIRCHILD-H11A1SM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25-M FAIRCHILD-4N25-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com