Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC32SJ Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74AC32SJ
Description  Quad 2-Input OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC32SJ Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74AC32SJ Datasheet HTML 1Page - Fairchild Semiconductor 74AC32SJ Datasheet HTML 2Page - Fairchild Semiconductor 74AC32SJ Datasheet HTML 3Page - Fairchild Semiconductor 74AC32SJ Datasheet HTML 4Page - Fairchild Semiconductor 74AC32SJ Datasheet HTML 5Page - Fairchild Semiconductor 74AC32SJ Datasheet HTML 6Page - Fairchild Semiconductor 74AC32SJ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
DC Electrical Characteristics for ACT
Note 6: All outputs loaded; thresholds on input associated with output under test.
Note 7: Maximum test duration 2.0 ms, one output loaded at a time.
AC Electrical Characteristics for AC
Note 8: Voltage Range 3.3 is 3.3V
r 0.3V
Voltage Range 5.0 is 5.0V
r 0.5V
AC Electrical Characteristics for ACT
Note 9: Voltage Range 5.0 is 5.0V
r 0.3V
Capacitance
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC  0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC  0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
V
IOUT 50 PA
Output Voltage
5.5
5.49
5.4
5.4
VIN VIL or VIH
4.5
3.86
3.76
V
IOH 24 mA
5.5
4.86
4.76
IOH 24 mA (Note 6)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
V
IOUT 50 PA
Output Voltage
5.5
0.001
0.1
0.1
VIN VIL or VIH
4.5
0.36
0.44
V
IOL 24 mA
5.5
0.36
0.44
IOL 24 mA (Note 6)
IIN
Maximum Input
5.5
r0.1
r1.0
PA
VI VCC, GND
Leakage Current
ICCT
Maximum
5.5
0.6
1.5
mA
VI VCC  2.1V
ICC/Input
IOLD
Minimum Dynamic
5.5
75
mA
VOLD 1.65V Max
IOHD
Output Current (Note 7)
5.5
75
mA
VOHD 3.85V Min
ICC
Maximum Quiescent
5.5
4.0
40.0
PA
VIN VCC
Supply Current
or GND
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 8)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
1.5
7.0
9.0
1.5
10.0
ns
5.0
1.5
5.5
7.5
1.0
8.5
tPHL
Propagation Delay
3.3
1.5
7.0
8.5
1.0
9.0
ns
5.0
1.5
5.0
7.0
1.0
7.5
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 9)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
1.0
6.5
9.0
1.0
10.0
ns
tPHL
Propagation Delay
5.0
1.0
6.5
9.0
1.0
10.0
ns
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC OPEN
CPD
Power Dissipation Capacitance
20.0
pF
VCC 5.0V


Similar Part No. - 74AC32SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC32SJ FAIRCHILD-74AC32SJ Datasheet
87Kb / 7P
   Quad 2-Input OR Gate
74AC32SJ FAIRCHILD-74AC32SJ Datasheet
307Kb / 10P
   Quad 2-Input OR Gate
logo
ON Semiconductor
74AC32SJ ONSEMI-74AC32SJ Datasheet
343Kb / 6P
   Quad 2-Input OR Gate
October-2017, Rev. 2
More results

Similar Description - 74AC32SJ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com