Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB2309AI1HDG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB2309AI1HDG
Description  3.3 V Zero Delay Clock Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB2309AI1HDG Datasheet(HTML) 5 Page - ON Semiconductor

  NB2309AI1HDG Datasheet HTML 1Page - ON Semiconductor NB2309AI1HDG Datasheet HTML 2Page - ON Semiconductor NB2309AI1HDG Datasheet HTML 3Page - ON Semiconductor NB2309AI1HDG Datasheet HTML 4Page - ON Semiconductor NB2309AI1HDG Datasheet HTML 5Page - ON Semiconductor NB2309AI1HDG Datasheet HTML 6Page - ON Semiconductor NB2309AI1HDG Datasheet HTML 7Page - ON Semiconductor NB2309AI1HDG Datasheet HTML 8Page - ON Semiconductor NB2309AI1HDG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NB2309A
http://onsemi.com
5
Table 6. SWITCHING CHARACTERISTICS (Commercial and Industrial) (Note 6)
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
1/t1
Output Frequency
30 pF load
10 pF load
15
15
100
133.33
MHz
1/t1
Duty Cycle = (t2 / t1) * 100
(−1, −1H)
(−1H)
Measured at 1.4 V, FOUT = 66.67 MHz
< 50 MHz
40
45
50
50
60
55
%
t3
Output Rise Time
(−1, −1H)
(−1H)
Measured between 0.8 V and 2.0 V
2.5
1.5
ns
t4
Output Fall Time
Measured between 2.0 V and 0.8 V
1.5
ns
t5
Output−to−Output Skew
All outputs equally loaded
250
ps
t6
Delay, REF Rising Edge to CLKOUT
Rising Edge
Measured at VDD/2
0
±350
ps
t7
Device−to−Device Skew
Measured at VDD/2 on the CLKOUT pins of
the device
0
700
ps
t8
Output Slew Rate
Measured between 0.8 V and 2.0 V using
Test Circuit #2
1
V/ns
tJ
Cycle−to−Cycle Jitter
Measured at 66.67 MHz, loaded outputs
200
ps
tLOCK
PLL Lock Time
Stable power supply, valid clock presented
on REF pin
1.0
ms
trin
REF Input Rise Time
Measured between 0.8 V to 2.0 V
1.0
ns
tfin
REF Input Rise Fall Time
Measured between 2.0 V to 0.8 V
1.0
ns
6. All parameters specified with loaded outputs and apply to both PLL−Mode and PLL−Bypass Mode.


Similar Part No. - NB2309AI1HDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2309AI1HDG ONSEMI-NB2309AI1HDG Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
More results

Similar Description - NB2309AI1HDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
NB2309A ONSEMI-NB2309A_15 Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2304A ONSEMI-NB2304A_10 Datasheet
155Kb / 7P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 9
NB2304A ONSEMI-NB2304A Datasheet
125Kb / 10P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_12 Datasheet
629Kb / 21P
   3.3 V Zero Delay Clock Buffer
logo
ON Semiconductor
NB2308AI1DTG ONSEMI-NB2308AI1DTG Datasheet
195Kb / 12P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 8
NB2308A ONSEMI-NB2308A Datasheet
161Kb / 12P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 3
logo
Cypress Semiconductor
CY2305C CYPRESS-CY2305C_11 Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com