Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBC12429FAG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NBC12429FAG
Description  3.3V/5V Programmable PLL Synthesized Clock Generator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBC12429FAG Datasheet(HTML) 1 Page - ON Semiconductor

  NBC12429FAG Datasheet HTML 1Page - ON Semiconductor NBC12429FAG Datasheet HTML 2Page - ON Semiconductor NBC12429FAG Datasheet HTML 3Page - ON Semiconductor NBC12429FAG Datasheet HTML 4Page - ON Semiconductor NBC12429FAG Datasheet HTML 5Page - ON Semiconductor NBC12429FAG Datasheet HTML 6Page - ON Semiconductor NBC12429FAG Datasheet HTML 7Page - ON Semiconductor NBC12429FAG Datasheet HTML 8Page - ON Semiconductor NBC12429FAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
© Semiconductor Components Industries, LLC, 2007
February, 2007 -- Rev. 10
1
Publication Order Number:
NBC12429/D
NBC12429, NBC12429A
3.3V/5V Programmable PLL
Synthesized Clock
Generator
25 MHz to 400 MHz
Description
The NBC12429 and NBC12429A are general purpose,
Phase--Lock--Loop (PLL) based synthesized clock sources. The VCO
will operate over a frequency range of 200 MHz to 400 MHz. The
VCO frequency is sent to the N--output divider, where it can be
configured to provide division ratios of 1, 2, 4, or 8. The VCO and
output frequency can be programmed using the parallel or serial
interfaces to the configuration logic. Output frequency steps of
125 kHz, 250 kHz, 500 kHz, or 1.0 MHz can be achieved using a
16 MHz crystal, depending on the output dividers. The PLL loop filter
is fully integrated and does not require any external components.
Features
Best--in--Class Output Jitter Performance, ±20 ps Peak--to--Peak
25 MHz to 400 MHz Programmable Differential PECL Outputs
Fully Integrated Phase--Lock--Loop with Internal Loop Filter
Parallel Interface for Programming Counter and Output Dividers
During Powerup
Minimal Frequency Overshoot
Serial 3--Wire Programming Interface
Crystal Oscillator Interface
Operating Range: VCC = 3.135 V to 5.25 V
CMOS and TTL Compatible Control Inputs
Pin and Function Compatible with Motorola MC12429 and
MPC9229
0°Cto 70°C Ambient Operating Temperature (NBC12429)
--40°Cto 85°C Ambient Operating Temperature (NBC12429A)
Pb--Free Packages are Available
MARKING
DIAGRAMS
PLCC--28
FN SUFFIX
CASE 776
NBC12429xG
AWLYYWW
128
See detailed ordering and shipping informationin thepackage
dimensions section on page 17 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
LQFP--32
FA SUFFIX
CASE 873A
NBC12
429x
AWLYYWWG
QFN32
MN SUFFIX
CASE 488AM
32
1
NBC12
429x
AWLYYWWG
G
1
x
= Blank or A
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
Gor G
= Pb--Free Package
(Note: Microdot may be in either location)


Similar Part No. - NBC12429FAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12429FAG ONSEMI-NBC12429FAG Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
More results

Similar Description - NBC12429FAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
NBC12439 ONSEMI-NBC12439_07 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12430 ONSEMI-NBC12430_06 Datasheet
238Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
NBC12429 ONSEMI-NBC12429 Datasheet
139Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2003 - Rev. 2
NBC12429 ONSEMI-NBC12429_09 Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12430 ONSEMI-NBC12430 Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
   DUAL 3.3V PLL CLOCK GENERATOR
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com