Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC109MTC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74AC109MTC
Description  Dual JK Positive Edge-Triggered Flip-Flop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC109MTC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74AC109MTC Datasheet HTML 1Page - Fairchild Semiconductor 74AC109MTC Datasheet HTML 2Page - Fairchild Semiconductor 74AC109MTC Datasheet HTML 3Page - Fairchild Semiconductor 74AC109MTC Datasheet HTML 4Page - Fairchild Semiconductor 74AC109MTC Datasheet HTML 5Page - Fairchild Semiconductor 74AC109MTC Datasheet HTML 6Page - Fairchild Semiconductor 74AC109MTC Datasheet HTML 7Page - Fairchild Semiconductor 74AC109MTC Datasheet HTML 8Page - Fairchild Semiconductor 74AC109MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC109, 74ACT109 Rev. 1.5
5
DC Electrical Characteristics for ACT
Notes:
4. All outputs loaded; thresholds on input associated with output under test.
5. Maximum test duration 2.0ms, one output loaded at a time.
Symbol
Parameter
VCC
(V)
Conditions
TA = +25°C TA = –40°C to +85°C
Units
Typ.
Guaranteed Limits
VIH
Minimum HIGH
Level Input Voltage
4.5
VOUT = 0.1V or
VCC – 0.1V
1.5
2.0
2.0
V
5.5
1.5
2.0
2.0
VIL
Maximum LOW
Level Input Voltage
4.5
VOUT = 0.1V or
VCC – 0.1V
1.5
0.8
0.8
V
5.5
1.5
0.8
0.8
VOH
Minimum HIGH
Level Output
Voltage
4.5
IOUT = –50µA
4.49
4.4
4.4
V
5.5
5.49
5.4
5.4
VIN = VIL or VIH:
4.5
IOH = –24mA
3.86
3.76
5.5
IOH = –24mA
(4)
4.86
4.76
VOL
Maximum LOW
Level Output
Voltage
4.5
IOUT = 50µA
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
VIN = VIL or VIH:
4.5
IOL = 24mA
0.36
0.44
5.5
IOL = 24mA
(4)
0.36
0.44
IIN
Maximum Input
Leakage Current
5.5
VI = VCC, GND
±0.1
± 1.0
µA
ICCT
Maximum ICC/Input
5.5
VI = VCC – 2.1V
0.6
1.5
mA
IOLD
Minimum Dynamic
Output Current(5)
5.5
VOLD = 1.65V Max.
75
mA
IOHD
VOHD = 3.85V Min.
–75
mA
ICC
Maximum
Quiescent Supply
Current
5.5
VIN = VCC or GND
2.0
20.0
µA


Similar Part No. - 74AC109MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC109MTC FAIRCHILD-74AC109MTC Datasheet
100Kb / 9P
   Dual JK Positive Edge-Triggered Flip-Flop
More results

Similar Description - 74AC109MTC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS109A MOTOROLA-SN54LS109A Datasheet
147Kb / 4P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
AVG Semiconductors(HITE...
DV74ACT109 AVG-DV74ACT109 Datasheet
346Kb / 5P
   Dual JK Positive Edge-triggered Flip-Flop
logo
National Semiconductor ...
54F109DM NSC-54F109DM Datasheet
133Kb / 10P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F109 FAIRCHILD-74F109 Datasheet
79Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC109 NSC-54AC109 Datasheet
167Kb / 8P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F109 FAIRCHILD-74F109_00 Datasheet
80Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
74AC109 FAIRCHILD-74AC109 Datasheet
100Kb / 9P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC54F74109 MOTOROLA-MC54F74109 Datasheet
72Kb / 3P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
National Semiconductor ...
54LS113 NSC-54LS113 Datasheet
98Kb / 6P
   Dual JK Edge-Triggered Flip-Flop
54ACT112 NSC-54ACT112_09 Datasheet
357Kb / 8P
   Dual JK Negative Edge-Triggered Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com