Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC253SC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74AC253SC
Description  Dual 4-Input Multiplexer with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC253SC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74AC253SC Datasheet HTML 1Page - Fairchild Semiconductor 74AC253SC Datasheet HTML 2Page - Fairchild Semiconductor 74AC253SC Datasheet HTML 3Page - Fairchild Semiconductor 74AC253SC Datasheet HTML 4Page - Fairchild Semiconductor 74AC253SC Datasheet HTML 5Page - Fairchild Semiconductor 74AC253SC Datasheet HTML 6Page - Fairchild Semiconductor 74AC253SC Datasheet HTML 7Page - Fairchild Semiconductor 74AC253SC Datasheet HTML 8Page - Fairchild Semiconductor 74AC253SC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, with-
out exception, to ensure that the system design is reliable over its power
supply, temperature, and output/input loading variables. Fairchild does not
recommend operation of FACT
 circuits outside databook specifications.
DC Electrical Characteristics for AC
Note 2: All outputs loaded; thresholds on input associated with output under test.
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
Note 4: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Diode Current (IIK)
VI = −0.5V
−20 mA
VI = VCC + 0.5V
+20 mA
DC Input Voltage (VI)
−0.5V to V
CC + 0.5V
DC Output Diode Current (IOK)
VO = −0.5V
−20 mA
VO = VCC + 0.5V
+20 mA
DC Output Voltage (VO)
−0.5V to V
CC + 0.5V
DC Output Source
or Sink Current (IO)
± 50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
± 50 mA
Storage Temperature (TSTG)
−65°C to +150°C
Junction Temperature (TJ)
PDIP
140
°C
Supply Voltage (VCC)
AC
2.0V to 6.0V
ACT
4.5V to 5.5V
Input Voltage (VI)0V to VCC
Output Voltage (VO)0V to VCC
Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆V/∆t)
AC Devices
VIN from 30% to 70% of VCC
VCC @ 3.3V, 4.5V, 5.5V
125 mV/ns
Minimum Input Edge Rate (
∆V/∆t)
ACT Devices
VIN from 0.8V to 2.0V
VCC @ 4.5V, 5.5V
125 mV/ns
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
3.0
1.5
2.1
2.1
VOUT = 0.1V
Input Voltage
4.5
2.25
3.15
3.15
V
or VCC − 0.1V
5.5
2.75
3.85
3.85
VIL
Maximum LOW Level
3.0
1.5
0.9
0.9
VOUT = 0.1V
Input Voltage
4.5
2.25
1.35
1.35
V
or VCC − 0.1V
5.5
2.75
1.65
1.65
VOH
Minimum HIGH Level
3.0
2.99
2.9
2.9
Output Voltage
4.5
4.49
4.4
4.4
V
IOUT = −50 µA
5.5
5.49
5.4
5.4
VIN = VIL or VIH
3.0
2.56
2.46
IOH = −12 mA
4.5
3.86
3.76
V
IOH = −24 mA
5.5
4.86
4.76
IOH = −24 mA (Note 2)
VOL
Maximum LOW Level
3.0
0.002
0.1
0.1
Output Voltage
4.5
0.001
0.1
0.1
V
IOUT = 50 µA
5.5
0.001
0.1
0.1
VIN = VIL or VIH
3.0
0.36
0.44
IOL = 12 mA
4.5
0.36
0.44
V
IOL = 24 mA
5.5
0.36
0.44
IOL = 24 mA (Note 2)
IIN (Note 4)
Maximum Input Leakage Current
5.5
± 0.1
± 1.0
µAV
I = VCC, GND
IOZ
Maximum 3-STATE
VI (OE) = VIL, VIH
Current
5.5
±0.25
±2.5
µAV
I = VCC, GND
VO = VCC, GND
IOLD
Minimum Dynamic
5.5
75
mA
VOLD = 1.65V Max
IOHD
Output Current (Note 3)
5.5
−75
mA
VOHD = 3.85V Min
ICC (Note 4)
Maximum Quiescent Supply Current
5.5
4.0
40.0
µAV
IN = VCC or GND


Similar Part No. - 74AC253SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC253SC FAIRCHILD-74AC253SC Datasheet
88Kb / 8P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74AC253SC FAIRCHILD-74AC253SC Datasheet
326Kb / 12P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74AC253SCX FAIRCHILD-74AC253SCX Datasheet
88Kb / 8P
   Dual 4-Input Multiplexer with 3-STATE Outputs
More results

Similar Description - 74AC253SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253 Datasheet
88Kb / 8P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC74AC353 MOTOROLA-MC74AC353 Datasheet
195Kb / 8P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F253 FAIRCHILD-74F253_00 Datasheet
80Kb / 7P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
SN54LS353 MOTOROLA-SN54LS353 Datasheet
192Kb / 6P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT253 AVG-DV74ACT253 Datasheet
321Kb / 4P
   Dual 4-Input Multiplexer with 3-State Outputs
logo
ON Semiconductor
MC74AC253 ONSEMI-MC74AC253_15 Datasheet
103Kb / 9P
   Dual 4-Input Multiplexer with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253_07 Datasheet
326Kb / 12P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74F253 FAIRCHILD-74F253 Datasheet
58Kb / 6P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC5474F253 MOTOROLA-MC5474F253 Datasheet
69Kb / 3P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
SN54LS253 MOTOROLA-SN54LS253 Datasheet
166Kb / 5P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com