Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB2309AI1DTG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB2309AI1DTG
Description  3.3 V Zero Delay Clock Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB2309AI1DTG Datasheet(HTML) 4 Page - ON Semiconductor

  NB2309AI1DTG Datasheet HTML 1Page - ON Semiconductor NB2309AI1DTG Datasheet HTML 2Page - ON Semiconductor NB2309AI1DTG Datasheet HTML 3Page - ON Semiconductor NB2309AI1DTG Datasheet HTML 4Page - ON Semiconductor NB2309AI1DTG Datasheet HTML 5Page - ON Semiconductor NB2309AI1DTG Datasheet HTML 6Page - ON Semiconductor NB2309AI1DTG Datasheet HTML 7Page - ON Semiconductor NB2309AI1DTG Datasheet HTML 8Page - ON Semiconductor NB2309AI1DTG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NB2309A
http://onsemi.com
4
Table 3. MAXIMUM RATINGS
Parameter
Min
Max
Unit
Supply Voltage to Ground Potential
−0.5
+7.0
V
DC Input Voltage (Except REF)
−0.5
VDD + 0.5
V
DC Input Voltage (REF)
−0.5
7
V
Storage Temperature
−65
+150
°C
Maximum Soldering Temperature (10 sec)
260
°C
Junction Temperature
150
°C
Static Discharge Voltage (per MIL−STD−883, Method 3015)
>2000
V
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
Table 4. OPERATING CONDITIONS FOR COMMERCIAL AND INDUSTRIAL TEMPERATURE DEVICES
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
Commercial
Industrial
0
−40
70
85
°C
CL
Load Capacitance, below 100 MHz
30
pF
CL
Load Capacitance, from 100 MHz to 133 MHz
10
pF
CIN
Input Capacitance
7
pF
Table 5. ELECTRICAL CHARACTERISTICS FOR COMMERCIAL AND INDUSTRIAL TEMPERATURE DEVICES
Parameter
Description
Test Conditions
Min
Max
Unit
VIL
Input LOW Voltage (Note 5)
0.8
V
VIH
Input HIGH Voltage (Note 5)
2.0
V
IIL
Input LOW Current
VIN = 0 V
50.0
mA
IIH
Input HIGH Current
VIN = VDD
100.0
mA
VOL
Output LOW Voltage
IOL = 8 mA (−1)
IOL = 12 mA (−1H)
0.4
V
VOH
Output HIGH Voltage
IOH = −8 mA (−1)
IOH = −12 mA (−1H)
2.4
V
IDD
Supply Current (Commercial Temp)
Unloaded outputs at 66.67 MHz,
Select inputs at VDD
34
mA
IDD
Supply Current (Industrial Temp)
Unloaded outputs at 100 MHz
66.67 MHz
33 MHz
Select inputs at VDD or GND, at Room
Temp
50
34
19
mA
5. REF input has a threshold voltage of VDD/2.


Similar Part No. - NB2309AI1DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2309AI1DTG ONSEMI-NB2309AI1DTG Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
More results

Similar Description - NB2309AI1DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
NB2309A ONSEMI-NB2309A_15 Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2304A ONSEMI-NB2304A_10 Datasheet
155Kb / 7P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 9
NB2304A ONSEMI-NB2304A Datasheet
125Kb / 10P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_12 Datasheet
629Kb / 21P
   3.3 V Zero Delay Clock Buffer
logo
ON Semiconductor
NB2308AI1DTG ONSEMI-NB2308AI1DTG Datasheet
195Kb / 12P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 8
NB2308A ONSEMI-NB2308A Datasheet
161Kb / 12P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 3
logo
Cypress Semiconductor
CY2305C CYPRESS-CY2305C_11 Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com