Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV99WT1G Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # BAV99WT1G
Description  Small Signal Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BAV99WT1G Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BAV99WT1G Datasheet HTML 1Page - Fairchild Semiconductor BAV99WT1G Datasheet HTML 2Page - Fairchild Semiconductor BAV99WT1G Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
www.fairchildsemi.com
BAV99WT1G Rev. A
Typical Performance Characteristics
Figure 1. Power Voltage Characteristics
Figure 2. Reverse Current vs Reverse Voltage
Figure 3. Total Capacitance
Figure 4. Power Derating Curve
1E-4
1E-3
0.01
0.1
1
0.2
0.4
0.6
0.8
1.0
1.2
75 °C
25 °C
100 °C
125 °C
Forward Voltage Drop, V
F[V]
20
40
60
1E-8
1E-7
1E-6
1E-5
125 °C
100 °C
75 °C
25 °C
Reverse Voltage, V
R[V]
02
46
8
10
1.65
1.68
1.70
1.73
1.75
1.78
1.80
Reverse Voltage, V
R[V]
0
25
50
75
100
125
150
0.00
0.05
0.10
0.15
0.20
0.25
Case Temperature, T
C[°C]


Similar Part No. - BAV99WT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAV99WT1G ONSEMI-BAV99WT1G Datasheet
49Kb / 4P
   Dual Series Switching Diodes
January, 2005 ??Rev. 4
BAV99WT1G ONSEMI-BAV99WT1G Datasheet
64Kb / 4P
   Dual Series Switching Diodes
April, 2015 ??Rev. 9
More results

Similar Description - BAV99WT1G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N456A FAIRCHILD-1N456A Datasheet
25Kb / 2P
   Small Signal Diode
FDLL914 FAIRCHILD-FDLL914_07 Datasheet
101Kb / 4P
   Small Signal Diode
1N459_0412 FAIRCHILD-1N459_0412 Datasheet
28Kb / 2P
   Small Signal Diode
BAV19 FAIRCHILD-BAV19_01 Datasheet
61Kb / 4P
   Small Signal Diode
BAS16 FAIRCHILD-BAS16 Datasheet
48Kb / 4P
   Small Signal Diode
FDLL4151 FAIRCHILD-FDLL4151 Datasheet
20Kb / 2P
   Small Signal Diode
1N485B FAIRCHILD-1N485B Datasheet
61Kb / 2P
   Small Signal Diode
1N4305 FAIRCHILD-1N4305 Datasheet
27Kb / 2P
   Small Signal Diode
1N4447 FAIRCHILD-1N4447_11 Datasheet
96Kb / 2P
   Small Signal Diode
1N4148TA FAIRCHILD-1N4148TA Datasheet
137Kb / 6P
   Small Signal Diode
logo
Gaomi Xinghe Electronic...
1N4148WS GXELECTRONICS-1N4148WS Datasheet
544Kb / 2P
   Small Signal Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com