Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBC12429AFNR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NBC12429AFNR2G
Description  3.3V/5V Programmable PLL Synthesized Clock Generator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBC12429AFNR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NBC12429AFNR2G Datasheet HTML 7Page - ON Semiconductor NBC12429AFNR2G Datasheet HTML 8Page - ON Semiconductor NBC12429AFNR2G Datasheet HTML 9Page - ON Semiconductor NBC12429AFNR2G Datasheet HTML 10Page - ON Semiconductor NBC12429AFNR2G Datasheet HTML 11Page - ON Semiconductor NBC12429AFNR2G Datasheet HTML 12Page - ON Semiconductor NBC12429AFNR2G Datasheet HTML 13Page - ON Semiconductor NBC12429AFNR2G Datasheet HTML 14Page - ON Semiconductor NBC12429AFNR2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
NBC12429, NBC12429A
http://onsemi.com
11
Table 11. FREQUENCY OPERATING RANGE
VCO Frequency Range for a Crystal Frequency of:
Output Frequency for
FXTAL =16MHz andfor N=
M
M[8:0]
10
12
14
16
18
20
÷1
÷2
÷4
÷8
160
010100000
200
170
010101010
212.5
180
010110100
202.5
225
190
010111110
213.75
237.5
200
011001000
200
225
250
200
100
50
25
210
011010010
210
236.25
262.5
210
105
52.5
26.25
220
011011100
220
247.5
275
220
110
55
27.5
230
011100110
201.25
230
258.75
287.5
230
115
57.5
28.75
240
011110000
210
240
270
300
240
120
60
30
250
011111010
218.75
250
281.25
312.5
250
125
62.5
31.25
260
100000100
227.5
260
292.5
325
260
130
65
32.5
270
100001110
202.5
236.25
270
303.75
337.5
270
135
67.5
33.75
280
100011000
210
245
280
315
350
280
140
70
35
290
100100010
217.5
253.75
290
326.25
362.5
290
145
72.5
36.25
300
100101100
225
262.5
300
337.5
375
300
150
75
37.5
310
100110110
232.5
271.25
310
348.75
387.5
310
155
77.5
38.75
320
101000000
200
240
280
320
360
400
320
160
80
40
330
101001010
206.25
247.5
288.75
330
371.25
330
165
82.5
41.25
340
101010100
212.5
255
297.5
340
382.5
340
170
85
42.5
350
101011110
218.75
262.5
306.25
350
393.75
350
175
87.5
43.75
360
101101000
225
270
315
360
360
180
90
45
370
101110010
231.25
277.5
323.75
370
370
185
92.5
46.25
380
101111100
237.5
285
332.5
380
380
190
95
47.5
390
110000110
243.75
292.5
341.25
390
390
195
97.5
48.75
400
110010000
250
300
350
400
400
200
100
50
410
110011010
256.25
307.5
358.75
420
110100100
262.5
315
367.5
430
110101110
268.75
322.5
376.25
440
110111000
275
330
385
450
111000010
281.25
337.5
393.75
460
111001100
287.5
345
470
111010110
293.75
352.5
480
111100000
300
360
490
111101010
306.25
367.5
500
111110100
312.5
375
510
111111110
318.75
382.5


Similar Part No. - NBC12429AFNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12429AFNR2G ONSEMI-NBC12429AFNR2G Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
More results

Similar Description - NBC12429AFNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
NBC12439 ONSEMI-NBC12439_07 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12430 ONSEMI-NBC12430_06 Datasheet
238Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
NBC12429 ONSEMI-NBC12429 Datasheet
139Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2003 - Rev. 2
NBC12429 ONSEMI-NBC12429_09 Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12430 ONSEMI-NBC12430 Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
   DUAL 3.3V PLL CLOCK GENERATOR
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com