Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBSG14BA Datasheet(PDF) 10 Page - ON Semiconductor

Part # NBSG14BA
Description  2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG14BA Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NBSG14BA Datasheet HTML 5Page - ON Semiconductor NBSG14BA Datasheet HTML 6Page - ON Semiconductor NBSG14BA Datasheet HTML 7Page - ON Semiconductor NBSG14BA Datasheet HTML 8Page - ON Semiconductor NBSG14BA Datasheet HTML 9Page - ON Semiconductor NBSG14BA Datasheet HTML 10Page - ON Semiconductor NBSG14BA Datasheet HTML 11Page - ON Semiconductor NBSG14BA Datasheet HTML 12Page - ON Semiconductor NBSG14BA Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NBSG14
http://onsemi.com
10
OUTPUT P−P SPEC
(AMPLITUDE GUARANTEE)
Figure 4. Output Voltage Amplitude (VOUTPP) / RMS Jitter vs.
Input Frequency (fin) at Ambient Temperature (Typical)
0
100
200
300
400
500
12
34
5678
9
10
11
12
INPUT FREQUENCY (GHz)
RMS JITTER
1
2
3
4
5
6
7
8
9
10
0
OUTPUT AMPLITUDE
Figure 5. Eye Diagram at 10.8 Gbps
(VCC − VEE = 3.3 V @ 255C with Input Data Pattern of 2^31−1 PRBS.
Total Pk−Pk System Jitter Including Signal Generator is 18 ps.
This Data was taken by Acquiring 7000 Waveforms.)
X = 17 ps/DIV, Y = 53 mV/DIV


Similar Part No. - NBSG14BA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG14BA ONSEMI-NBSG14BA Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14BAEVB ONSEMI-NBSG14BAEVB Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14BAR2 ONSEMI-NBSG14BAR2 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
More results

Similar Description - NBSG14BA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG14 ONSEMI-NBSG14 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG111 ONSEMI-NBSG111 Datasheet
174Kb / 11P
   2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
January, 2007 ??Rev. 8
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
NBSG11 ONSEMI-NBSG11_06 Datasheet
117Kb / 12P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
July, 2006 ??Rev. 8
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG14 ONSEMI-NBSG14_14 Datasheet
397Kb / 12P
   SiGe Differential 1:4 Clock/Data Driver
June, 2014 ??Rev. 17
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NB7VQ58M ONSEMI-NB7VQ58M Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
NB7L111M ONSEMI-NB7L111M Datasheet
256Kb / 13P
   2.5V / 3.3V, 6.125Gb/s 1:10 Differential Clock/Data Driver with CML Output
January, 2006 ??Rev. 1
NB7L14M ONSEMI-NB7L14M Datasheet
230Kb / 11P
   2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com