Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBSG16 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NBSG16
Description  2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG16 Datasheet(HTML) 3 Page - ON Semiconductor

  NBSG16 Datasheet HTML 1Page - ON Semiconductor NBSG16 Datasheet HTML 2Page - ON Semiconductor NBSG16 Datasheet HTML 3Page - ON Semiconductor NBSG16 Datasheet HTML 4Page - ON Semiconductor NBSG16 Datasheet HTML 5Page - ON Semiconductor NBSG16 Datasheet HTML 6Page - ON Semiconductor NBSG16 Datasheet HTML 7Page - ON Semiconductor NBSG16 Datasheet HTML 8Page - ON Semiconductor NBSG16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NBSG16
http://onsemi.com
3
50
W
50
W
VTD
D
D
VTD
VMM
Q
Q
VBB
VEE
VCC
Figure 3. Logic Diagram
75 k
W
75 k
W
36.5
KW
Table 2. INTERFACING OPTIONS
INTERFACING OPTIONS
CONNECTIONS
CML
Connect VTD and VTD to VCC
LVDS
Connect VTD and VTD together
AC−COUPLED
Bias VTD and VTD Inputs within (VIHCMR)
Common Mode Range
RSECL, PECL, NECL
Standard ECL Termination Techniques
LVTTL
The external voltage should be applied to the
unused complementary differential input.
Nominal voltage is 1.5 V for LVTTL.
LVCMOS
VMM should be connected to the unused
complementary differential input.
Table 3. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor (D, D)
75 k
W
Internal Input Pullup Resistor (D)
36.5 k
W
ESD Protection
Human Body Model
Machine Model
> 2 kV
> 100 V
Moisture Sensitivity (Note 1)
Pb Pkg
Pb−Free Pkg
FCBGA−16
QFN−16
Level 3
Level 1
N/A
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
167
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


Similar Part No. - NBSG16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG16 ONSEMI-NBSG16 Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NBSG16 ONSEMI-NBSG16 Datasheet
160Kb / 12P
   SiGe Differential Receiver/Driver
June, 2014 ??Rev. 20
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NBSG16BAEVB ONSEMI-NBSG16BAEVB Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NBSG16BAR2 ONSEMI-NBSG16BAR2 Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
More results

Similar Description - NBSG16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
NBSG11 ONSEMI-NBSG11_06 Datasheet
117Kb / 12P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
July, 2006 ??Rev. 8
NBSG111 ONSEMI-NBSG111 Datasheet
174Kb / 11P
   2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
January, 2007 ??Rev. 8
NBSG14 ONSEMI-NBSG14 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14 ONSEMI-NBSG14_06 Datasheet
390Kb / 13P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
July, 2006 ??Rev. 9
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NBSG16VS ONSEMI-NBSG16VS Datasheet
192Kb / 14P
   2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
July, 2006 ??Rev. 7
NB100LVEP17 ONSEMI-NB100LVEP17 Datasheet
147Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receiver
November, 2006 ??Rev. 7
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com