Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBSG16BA Datasheet(PDF) 8 Page - ON Semiconductor

Part # NBSG16BA
Description  2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG16BA Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NBSG16BA Datasheet HTML 4Page - ON Semiconductor NBSG16BA Datasheet HTML 5Page - ON Semiconductor NBSG16BA Datasheet HTML 6Page - ON Semiconductor NBSG16BA Datasheet HTML 7Page - ON Semiconductor NBSG16BA Datasheet HTML 8Page - ON Semiconductor NBSG16BA Datasheet HTML 9Page - ON Semiconductor NBSG16BA Datasheet HTML 10Page - ON Semiconductor NBSG16BA Datasheet HTML 11Page - ON Semiconductor NBSG16BA Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NBSG16
http://onsemi.com
8
Table 8. AC CHARACTERISTICS for FCBGA−16
VCC = 0 V; VEE = −3.465 V to −2.375 V or VCC = 2.375 V to 3.465 V; VEE = 0 V
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Frequency
(See Figure 4. Fmax/JITTER) (Note 17)
10.7
12
10.7
12
10.7
12
GHz
tPLH,
tPHL
Propagation Delay to
Output Differential
90
110
130
100
120
140
105
125
145
ps
tSKEW
Duty Cycle Skew (Note 18)
3
15
3
15
3
15
ps
tJITTER
RMS Random Clock Jitter
fin < 10 GHz
Peak−to−Peak Data Dependent Jitter
fin < 10 Gb/s
0.2
TBD
1
0.2
TBD
1
0.2
TBD
1
ps
VINPP
Input Voltage Swing/Sensitivity
(Differential Configuration) (Note 19)
75
2600
75
2600
75
2600
mV
tr
tf
Output Rise/Fall Times @ 1 GHz
Q, Q
(20% − 80%)
30
45
75
20
40
65
20
40
65
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
17. Measured using a 400 mV source, 50% duty cycle clock source. All loading with 50
W to VCC − 2.0 V. Input edge rates 40 ps (20% − 80%).
18. See Figure 6. tskew = |tPLH − tPHL| for a nominal 50% differential clock input waveform.
19. VINPP(max) cannot exceed VCC − VEE
Table 9. AC CHARACTERISTICS for QFN−16
VCC = 0 V; VEE = −3.465 V to −2.375 V or VCC = 2.375 V to 3.465 V; VEE = 0 V
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Frequency
(See Figure 4. Fmax/JITTER) (Note 20)
10.7
12
10.7
12
10.7
12
GHz
tPLH,
tPHL
Propagation Delay to
Output Differential
90
110
130
100
120
140
95
125
145
ps
tSKEW
Duty Cycle Skew (Note 21)
3
15
3
15
3
15
ps
tJITTER
RMS Random Clock Jitter
fin < 10 GHz
Peak−to−Peak Data Dependent Jitter
fin < 10 Gb/s
0.2
TBD
2
0.2
TBD
2
0.2
TBD
2
ps
VINPP
Input Voltage Swing/Sensitivity
(Differential Configuration) (Note 22)
75
2600
75
2600
75
2600
mV
tr
tf
Output Rise/Fall Times @ 1 GHz
Q, Q
(20% − 80%)
20
30
50
20
30
50
20
30
50
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
20. Measured using a 400 mV source, 50% duty cycle clock source. All loading with 50
W to VCC − 2.0 V. Input edge rates 40 ps (20% − 80%).
21. See Figure 6. tskew = |tPLH − tPHL| for a nominal 50% differential clock input waveform.
22. VINPP(max) cannot exceed VCC − VEE


Similar Part No. - NBSG16BA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NBSG16BAEVB ONSEMI-NBSG16BAEVB Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NBSG16BAR2 ONSEMI-NBSG16BAR2 Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
More results

Similar Description - NBSG16BA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
NBSG11 ONSEMI-NBSG11_06 Datasheet
117Kb / 12P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
July, 2006 ??Rev. 8
NBSG111 ONSEMI-NBSG111 Datasheet
174Kb / 11P
   2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
January, 2007 ??Rev. 8
NBSG14 ONSEMI-NBSG14 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14 ONSEMI-NBSG14_06 Datasheet
390Kb / 13P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
July, 2006 ??Rev. 9
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NBSG16VS ONSEMI-NBSG16VS Datasheet
192Kb / 14P
   2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
July, 2006 ??Rev. 7
NB100LVEP17 ONSEMI-NB100LVEP17 Datasheet
147Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receiver
November, 2006 ??Rev. 7
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com