Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBC12439FNG Datasheet(PDF) 11 Page - ON Semiconductor

Part # NBC12439FNG
Description  3.3V/5V Programmable PLL Synthesized Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBC12439FNG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NBC12439FNG Datasheet HTML 7Page - ON Semiconductor NBC12439FNG Datasheet HTML 8Page - ON Semiconductor NBC12439FNG Datasheet HTML 9Page - ON Semiconductor NBC12439FNG Datasheet HTML 10Page - ON Semiconductor NBC12439FNG Datasheet HTML 11Page - ON Semiconductor NBC12439FNG Datasheet HTML 12Page - ON Semiconductor NBC12439FNG Datasheet HTML 13Page - ON Semiconductor NBC12439FNG Datasheet HTML 14Page - ON Semiconductor NBC12439FNG Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
NBC12439, NBC12439A
http://onsemi.com
11
Most of the signals available on the TEST output pin are
useful only for performance verification of the device itself.
However, the PLL bypass mode may be of interest at the
board level for functional debug. When T[2:0] is set to 110,
the device is placed in PLL bypass mode. In this mode the
S_CLOCK input is fed directly into the M and N dividers.
The N divider drives the FOUT differential pair and the M
counter drives the TEST output pin. In this mode the
S_CLOCK input could be used for low speed board level
functional test or debug. Bypassing the PLL and driving
FOUT directly gives the user more control on the test clocks
sent through the clock tree. Figure 7 shows the functional
setup of the PLL bypass mode. Because the S_CLOCK is a
CMOS level the input frequency is limited to 250 MHz or
less. This means the fastest the FOUT pin can be toggled via
the S_CLOCK is 250 MHz as the minimum divide ratio of
the N counter is 1. Note that the M counter output on the
TEST output will not be a 50% duty cycle due to the way the
divider is implemented.
T2
T1
T0
TEST OUTPUT
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
SHIFT REGISTER OUT
HIGH
FREF
M COUNTER OUT
FOUT
LOW
PLL BYPASS
FOUT ÷ 4
Figure 5. Parallel Interface Timing Diagram
M[6:0]
N[1:0]
P_LOAD
VALID
th
ts
M, N to P_LOAD
Figure 6. Serial Interface Timing Diagram
S_CLOCK
S_DATA
S_LOAD
Last
Bit
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
T2
T1
T0
N1
N0
M6
M5
M4
M3
M2
M1
M0
First
Bit
ts
ts
th
th
S_CLOCK to S_LOAD
S_DATA to S_CLOCK
Figure 7. Serial Test Clock Block Diagram
T2=T1=1, T0=0: Test Mode
SCLOCK is selected, MCNT is on TEST output, SCLOCK ÷ NisonFOUTpin.
PLOAD acts as reset for test pin latch. When latch reset, T2 data is shifted out TEST pin.
FDIV4
MCNT
LOW
FOUT
MCNT
FREF
HIGH
TEST
MUX
7
0
TEST
FOUT
(VIA ENABLE GATE)
N ÷
(1,2,4,8)
0
1
PLL 12430
LATCH
Reset
PLOAD
M COUNTER
SLOAD
T0
T1
T2
VCO_CLK
SHIFT
REG
14--BIT
DECODE
SDATA
SCLOCK
MCNT
FREF_EXT


Similar Part No. - NBC12439FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12439FNG ONSEMI-NBC12439FNG Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
More results

Similar Description - NBC12439FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
NBC12429 ONSEMI-NBC12429_07 Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12430 ONSEMI-NBC12430_06 Datasheet
238Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
NBC12429 ONSEMI-NBC12429 Datasheet
139Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2003 - Rev. 2
NBC12429 ONSEMI-NBC12429_09 Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12430 ONSEMI-NBC12430 Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
   DUAL 3.3V PLL CLOCK GENERATOR
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
   3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com