Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8196 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8196
Description  (8 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8196 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8196_07 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8196_07 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8196_07 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8196_07 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8196_07 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8196_07 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8196_07 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8196_07 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8196_07 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
WM8196
Production Data
w
PD Rev 4.3 March 2007
5
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
Wolfson tests its package types according to IPC/JEDEC J-STD-020B for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
°C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
CONDITION
MIN
MAX
Analogue supply voltage: AVDD
GND - 0.3V
GND + 7V
Digital supply voltages: DVDD1
− 2
GND - 0.3V
GND + 7V
Digital ground: DGND
GND - 0.3V
GND + 0.3V
Analogue grounds: AGND1
− 2
GND - 0.3V
GND + 0.3V
Digital inputs, digital outputs and digital I/O pins
GND - 0.3V
DVDD2 + 0.3V
Analogue inputs (RINP, GINP, BINP)
GND - 0.3V
AVDD + 0.3V
Other pins
GND - 0.3V
AVDD + 0.3V
Operating temperature range: TA
0°C
+70°C
Storage temperature prior to soldering
30°C max / 85% RH max
Storage temperature after soldering
-65°C
+150°C
Notes:
1.
GND denotes the voltage of any ground pin.
2.
AGND1, AGND2 and DGND pins are intended to be operated at the same potential. Differential voltages
between these pins will degrade performance.
RECOMMENDED OPERATING CONDITIONS
CONDITION
SYMBOL
MIN
TYP
MAX
UNITS
Operating temperature range
TA
0
70
°C
Analogue supply voltage
AVDD
4.75
5.0
5.25
V
Digital core supply voltage
DVDD1
4.75
5.0
5.25
V
5V I/O
DVDD2
4.75
5.0
5.25
V
Digital I/O supply voltage
3.3V I/O
DVDD2
2.97
3.3
3.63
V
THERMAL PERFORMANCE
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Performance
Thermal resistance – junction to
case
RθJC
23.9
°C/W
Thermal resistance – junction to
ambient
RθJA
Tambient = 25°C
67.1
°C/W
Notes:
1.
Figures given are for package mounted on 4-layer FR4 according to JESD51-5 and JESD51-7.


Similar Part No. - WM8196_07

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8196 WOLFSON-WM8196 Datasheet
366Kb / 30P
   (88)BIT OUTPUT 16-BIT CIS/CCD AFE/DIGITISER
logo
Cirrus Logic
WM8196 CIRRUS-WM8196 Datasheet
475Kb / 32P
   (8 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
More results

Similar Description - WM8196_07

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8198 WOLFSON-WM8198 Datasheet
379Kb / 31P
   (8 8 ) BIT OUTPUT 16 BIT CIS/CCD AFE/DIGITISER
WM8192 WOLFSON-WM8192 Datasheet
619Kb / 24P
   (88) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8196 WOLFSON-WM8196 Datasheet
366Kb / 30P
   (88)BIT OUTPUT 16-BIT CIS/CCD AFE/DIGITISER
logo
Cirrus Logic
WM8196 CIRRUS-WM8196 Datasheet
475Kb / 32P
   (8 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
logo
Wolfson Microelectronic...
WM8190 WOLFSON-WM8190 Datasheet
438Kb / 25P
   (86) Bit Output 14-bit CIS/CCD AFE/Digitiser
WM8181 WOLFSON-WM8181 Datasheet
150Kb / 14P
   12-bit 2MSPS Serial Output CIS/CCD Digitiser
WM8259 WOLFSON-WM8259 Datasheet
353Kb / 26P
   Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
logo
Cirrus Logic
WM8253 CIRRUS-WM8253 Datasheet
278Kb / 27P
   Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
logo
Wolfson Microelectronic...
WM8152 WOLFSON-WM8152_07 Datasheet
314Kb / 28P
   Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8152 WOLFSON-WM8152 Datasheet
284Kb / 26P
   Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com