Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYD57G Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BYD57G
Description  Ultra-fast soft-recovery controlled avalanche rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD57G Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BYD57G Datasheet HTML 4Page - NXP Semiconductors BYD57G Datasheet HTML 5Page - NXP Semiconductors BYD57G Datasheet HTML 6Page - NXP Semiconductors BYD57G Datasheet HTML 7Page - NXP Semiconductors BYD57G Datasheet HTML 8Page - NXP Semiconductors BYD57G Datasheet HTML 9Page - NXP Semiconductors BYD57G Datasheet HTML 10Page - NXP Semiconductors BYD57G Datasheet HTML 11Page - NXP Semiconductors BYD57G Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1999 Nov 11
8
Philips Semiconductors
Product specification
Ultra-fast soft-recovery
controlled avalanche rectifiers
BYD57 series
BYD57D to M
a=IF(RMS)/IF(AV); VR =VRRMmax; δ = 0.5.
Fig.10 Maximum steady state power dissipation
(forward plus leakage current losses,
excluding switching losses) as a function of
average forward current.
handbook, halfpage
0
3
2
1
0
1.0
MGC525
0.5
P
(W)
IF(AV) (A)
2
a=3
1.57
2.5
1.42
Fig.11 Maximum steady state power dissipation
(forward plus leakage current losses,
excluding switching losses) as a function of
average forward current.
BYD57U and V
a=IF(RMS)/IF(AV); VR =VRRMmax; δ = 0.5.
handbook, halfpage
02
5
0
1
MGM271
2
3
4
0.8
1.2
1.6
0.4
P
(W)
IF(AV) (A)
1.42
a = 3 2.5 2
1.57
Solid line = VR.
Dotted line = VRRM; δ = 0.5.
Fig.12 Maximum permissible junction temperature
as a function of reverse voltage.
handbook, halfpage
200
0
2000
0
MBK457
1000
100
V
(V)
R
Tj
( C)
o
UV
DG
J
K
M
BYD57D to M
Dotted line: Tj = 175 °C.
Solid line: Tj =25 °C.
Fig.13 Forward current as a function of forward
voltage; maximum values.
handbook, halfpage
02
4
8
6
1
2
3
4
I F
(A)
V
(V)
F
MSA963


Similar Part No. - BYD57G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BYD57GA EIC-BYD57GA Datasheet
113Kb / 3P
   ULTRA-FAST SOFT-RECOVERY CONTROLLED AVALANCHE RECTIFIERS
More results

Similar Description - BYD57G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BYD57DA EIC-BYD57DA Datasheet
113Kb / 3P
   ULTRA-FAST SOFT-RECOVERY CONTROLLED AVALANCHE RECTIFIERS
logo
Shenzhen Taychipst Elec...
BYG26D TAYCHIPST-BYG26D Datasheet
3Mb / 2P
   SMA ultra fast soft-recovery controlled avalanche rectifiers
logo
NXP Semiconductors
BYG26 PHILIPS-BYG26 Datasheet
60Kb / 12P
   SMA ultra fast soft-recovery controlled avalanche rectifiers
2000 Feb 14
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD33 PHILIPS-BYD33 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com