Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2559 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 2559
Description  PROTECTED QUAD POWER DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2559 Datasheet(HTML) 4 Page - Allegro MicroSystems

  2559 Datasheet HTML 1Page - Allegro MicroSystems 2559 Datasheet HTML 2Page - Allegro MicroSystems 2559 Datasheet HTML 3Page - Allegro MicroSystems 2559 Datasheet HTML 4Page - Allegro MicroSystems 2559 Datasheet HTML 5Page - Allegro MicroSystems 2559 Datasheet HTML 6Page - Allegro MicroSystems 2559 Datasheet HTML 7Page - Allegro MicroSystems 2559 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2559
PROTECTED
QUAD POWER DRIVER
www.allegromicro.com
ELECTRICAL CHARACTERISTICS at TA = +25°C (prefix ‘UDN’) or over operating
temperature range (prefix ‘UDK’ or ‘UDQ’), VCC = 4.75 V to 5.25 V
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Leakage Current
ICEX
VOUT = 50 V, VIN = 0.8 V, VEN = 2.0 V
<1.0
100
µA
VOUT = 50 V, VIN = 2.0 V, VEN = 0.8 V
<1.0
100
µA
Output Sustaining Voltage
VOUT(SUS)
IOUT = 100 mA, VIN = VEN = 0.8 V
40
——
V
Output Saturation Voltage
VOUT(SAT)
All Devices, IOUT = 100 mA
——
300
mV
All Devices, IOUT = 400 mA
——
500
mV
‘B’ & ‘EB’ Packages Only, IOUT = 600 mA
——
700
mV
Over-Current Trip
ITRIP
1.0
A
Input Voltage
Logic 1
VIN(1) or VEN(1)
2.0
——
V
Logic 0
VIN(0) or VEN(0)
——
0.8
V
Input Current
Logic 1
VIN(1) or VEN(1) = 2.0 V
——
40
µA
Logic 0
VIN(0) or VEN(0) = 0.8 V
——
-10
µA
Total Supply Current
ICC
All Outputs ON, VIN* = VEN = 2.0 V
——
80
mA
All Outputs OFF
——
5.0
mA
Clamp Diode Forward Voltage
VF
IF = 1.0 A
——
1.7
V
IF = 1.5 A
——
2.1
V
Clamp Diode Leakage Current
IR
VR = 50 V, D1 + D2 or D3 + D4
——
50
µA
Turn-On Delay
tPHL
IOUT = 500 mA
——
20
µs
tPLH
IOUT = 500 mA
——
20
µs
Thermal Limit
TJ
165
°C
Typical Data is for design information only.
Negative current is defined as coming out of (sourcing) the specified terminal.
As used here, -100 is defined as greater than +10 (absolute magnitude convention) and the minimum is implicitly zero.
* All inputs simultaneously, all other tests are performed with each input tested separately.


Similar Part No. - 2559

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2559 ALLEGRO-2559 Datasheet
146Kb / 8P
   PROTECTED QUAD POWER DRIVER
logo
List of Unclassifed Man...
2559 ETC2-2559 Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
2559 ETC2-2559 Datasheet
3Mb / 6P
   Bandwidth up to 300 MHz
logo
Heyco.
2559 HEYCO-2559 Datasheet
153Kb / 1P
   Louvered Plugs
More results

Similar Description - 2559

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2543 ALLEGRO-2543 Datasheet
135Kb / 8P
   PROTECTED QUAD POWER DRIVER
UDK2559LBTR ALLEGRO-UDK2559LBTR Datasheet
465Kb / 8P
   Protected Quad Power Driver
UDK2559EBTR ALLEGRO-UDK2559EBTR Datasheet
465Kb / 8P
   Protected Quad Power Driver
2549 ALLEGRO-2549 Datasheet
137Kb / 8P
   PROTECTED QUAD POWER DRIVER
2559 ALLEGRO-2559 Datasheet
146Kb / 8P
   PROTECTED QUAD POWER DRIVER
A2559 ALLEGRO-A2559 Datasheet
118Kb / 8P
   PROTECTED QUAD POWER DRIVER
A2547 ALLEGRO-A2547 Datasheet
248Kb / 9P
   Protected Quad Driver
October 28, 2005
logo
National Semiconductor ...
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
   Quad Fault Protected Peripheral Driver
logo
Linear Technology
LT1161 LINER-LT1161 Datasheet
290Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1161 LINER-LT1161_06 Datasheet
186Kb / 12P
   Quad Protected High-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com