Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2557SEB Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A2557SEB
Description  PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION and SLEEP MODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A2557SEB Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A2557SEB Datasheet HTML 4Page - Allegro MicroSystems A2557SEB Datasheet HTML 5Page - Allegro MicroSystems A2557SEB Datasheet HTML 6Page - Allegro MicroSystems A2557SEB Datasheet HTML 7Page - Allegro MicroSystems A2557SEB Datasheet HTML 8Page - Allegro MicroSystems A2557SEB Datasheet HTML 9Page - Allegro MicroSystems A2557SEB Datasheet HTML 10Page - Allegro MicroSystems A2557SEB Datasheet HTML 11Page - Allegro MicroSystems A2557SEB Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
2557
PROTECTED QUAD DRIVER
WITH FAULT DETECTION
& SLEEP MODE
www.allegromicro.com
11
LB Package, 16-pin SOIC
with internally fused pins 4 and 5, and 12 and 13
0.30
0.10
.012
.004
2.65
2.35
.104
.093
7.60
7.40
.299
.291
0.33
0.20
.013
.008
1.27
0.40
.050
.016
10.50
10.10
.614
.598
C
SEATING
PLANE
A
B
C
0.10 [.004]
16X
0.25 .010
0.51
0.31
.020
.012
16X
0.25 [.010] M C A B
10.63
9.97
.419
.393
0.25 [.010] M B M
1.27 .050
2
1
16
GAUGE PLANE
SEATING PLANE
Preliminary dimensions, for reference only
Dimensions in millimeters
U.S. Customary dimensions (in.) in brackets, for reference only
(reference JEDEC MS-013 AA)
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
A Terminal #1 mark area
A


Similar Part No. - A2557SEB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A2557SEB ALLEGRO-A2557SEB Datasheet
176Kb / 12P
   PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
A2557SEB ALLEGRO-A2557SEB Datasheet
154Kb / 12P
   PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
More results

Similar Description - A2557SEB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2557 ALLEGRO-2557 Datasheet
176Kb / 12P
   PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
A2557ELB ALLEGRO-A2557ELB Datasheet
154Kb / 12P
   PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
A3187LUA-T ALLEGRO-A3187LUA-T Datasheet
684Kb / 8P
   Protected Quad Driver with Fault Detection and Sleep Mode
A2557 ALLEGRO-A2557_09 Datasheet
306Kb / 12P
   Protected Quad Driver with Fault Detection and Sleep Mode
logo
National Semiconductor ...
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
   Quad Fault Protected Peripheral Driver
logo
Texas Instruments
TCAN1043A-Q1 TI1-TCAN1043A-Q1_V02 Datasheet
2Mb / 54P
[Old version datasheet]   TCAN1043A-Q1 Automotive Low-Power Fault Protected CAN FD Transceiver With Sleep Mode
REVISED JANUARY 2023
logo
IMP, Inc
IMP2524 IMP-IMP2524 Datasheet
117Kb / 4P
   Quad USB High-Side Power Switch with Fault Detection
logo
Texas Instruments
DS3668NHAPB TI1-DS3668NHAPB Datasheet
157Kb / 7P
[Old version datasheet]   DS3668 Quad Fault Protected Peripheral Driver
logo
Intersil Corporation
HIP0060 INTERSIL-HIP0060 Datasheet
50Kb / 7P
   1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
logo
Renesas Technology Corp
HIP0060 RENESAS-HIP0060 Datasheet
437Kb / 7P
   1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
July 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com