Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2557SEB-T Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A2557SEB-T
Description  PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION and SLEEP MODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A2557SEB-T Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A2557SEB-T Datasheet HTML 4Page - Allegro MicroSystems A2557SEB-T Datasheet HTML 5Page - Allegro MicroSystems A2557SEB-T Datasheet HTML 6Page - Allegro MicroSystems A2557SEB-T Datasheet HTML 7Page - Allegro MicroSystems A2557SEB-T Datasheet HTML 8Page - Allegro MicroSystems A2557SEB-T Datasheet HTML 9Page - Allegro MicroSystems A2557SEB-T Datasheet HTML 10Page - Allegro MicroSystems A2557SEB-T Datasheet HTML 11Page - Allegro MicroSystems A2557SEB-T Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2557
PROTECTED QUAD DRIVER
WITH FAULT DETECTION
& SLEEP MODE
www.allegromicro.com
8
CIRCUIT DESCRIPTION AND APPLICATION (continued)
NORMAL LOAD
TIME
Dwg. WP-013-1
NOT TO SCALE
CURRENT LIMIT (12 V SUPPLY)
SHORT CIRCUIT
CURRENT LIMIT (24 V SUPPLY)
IN
FAULT
(SHORTED
LOAD)
FAULT
(OPEN
LOAD)
WITH OUTPUT CAPACITOR
Dwg. WP-035
Thermal considerations
Device power dissipation can be calculated as:
PD = (VO1 x IO1 x duty cycle1) + … + (VO4 x IO4 x duty cycle4)
+ (VCC x ICC)
Note - ICC is also modulated by the duty cycle, but this is a
reasonable approximation for most purposes.
This can then be compared against the permitted package
power dissipation, using:
Permitted PD = (150 – TA)/RθJA
where RθJA is given as:
28-lead PLCC (part number suffix ‘–EB’) = 36°C/W
16-pin PDIP (part number suffix ‘–B’) =
43°C/W
16-lead SOIC (part number suffix ‘–LB’) = 90°C/W
RθJA is measured on typical two-sided PCB. Additional
Under some conditions it is possible to get spurious
glitches on the FAULT output at load turn-on and turn-off
transitions:
Light load turn-off. Under light loading conditions the
turn-off delay (see characteristics above) of the output stage
increases and may result in a spurious fault output of a few µs
(the duration being proportional to the turn-off delay). As it is
difficult to define this over all operating conditions, if a
particular application would be sensitive to this type of glitch,
then it is generally recommended to include a small (about
0.01 µF) smoothing/storage capacitor at the FAULT output.
Incandescent lamp turn-on. As described above, driving an
incandescent filament results in the driver operating in current
limit for a period after turn-on. During this period a “fault”
condition will be indicated (over current). As discussed above
this period can be 10s of ms. To avoid this indication, the
capacitor on the FAULT output would need to be increased to
provide an appropriate time constant. Alternatively, in a
microcontroller-based system, the code could be written to
ignore the FAULT condition for an appropriate period after
lamp turn on.
Correct FAULT operation cannot be guaranteed with an
unconnected output — unused outputs should not be turned on,
or unused outputs should be pulled high to >2.5 V, and/or
associated inputs tied low.
information is available on the Allegro web site.


Similar Part No. - A2557SEB-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A2557SEB ALLEGRO-A2557SEB Datasheet
176Kb / 12P
   PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
A2557SEB ALLEGRO-A2557SEB Datasheet
154Kb / 12P
   PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
More results

Similar Description - A2557SEB-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2557 ALLEGRO-2557 Datasheet
176Kb / 12P
   PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
A2557ELB ALLEGRO-A2557ELB Datasheet
154Kb / 12P
   PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
A3187LUA-T ALLEGRO-A3187LUA-T Datasheet
684Kb / 8P
   Protected Quad Driver with Fault Detection and Sleep Mode
A2557 ALLEGRO-A2557_09 Datasheet
306Kb / 12P
   Protected Quad Driver with Fault Detection and Sleep Mode
logo
National Semiconductor ...
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
   Quad Fault Protected Peripheral Driver
logo
Texas Instruments
TCAN1043A-Q1 TI1-TCAN1043A-Q1_V02 Datasheet
2Mb / 54P
[Old version datasheet]   TCAN1043A-Q1 Automotive Low-Power Fault Protected CAN FD Transceiver With Sleep Mode
REVISED JANUARY 2023
logo
IMP, Inc
IMP2524 IMP-IMP2524 Datasheet
117Kb / 4P
   Quad USB High-Side Power Switch with Fault Detection
logo
Texas Instruments
DS3668NHAPB TI1-DS3668NHAPB Datasheet
157Kb / 7P
[Old version datasheet]   DS3668 Quad Fault Protected Peripheral Driver
logo
Intersil Corporation
HIP0060 INTERSIL-HIP0060 Datasheet
50Kb / 7P
   1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
logo
Renesas Technology Corp
HIP0060 RENESAS-HIP0060 Datasheet
437Kb / 7P
   1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
July 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com