Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYD71 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYD71
Description  Ultra fast low-loss controlled avalanche rectifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD71 Datasheet(HTML) 3 Page - NXP Semiconductors

  BYD71 Datasheet HTML 1Page - NXP Semiconductors BYD71 Datasheet HTML 2Page - NXP Semiconductors BYD71 Datasheet HTML 3Page - NXP Semiconductors BYD71 Datasheet HTML 4Page - NXP Semiconductors BYD71 Datasheet HTML 5Page - NXP Semiconductors BYD71 Datasheet HTML 6Page - NXP Semiconductors BYD71 Datasheet HTML 7Page - NXP Semiconductors BYD71 Datasheet HTML 8Page - NXP Semiconductors BYD71 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1996 Sep 19
3
Not recommended for new designs
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifiers
BYD71 series
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
IFRM
repetitive peak forward current
Ttp =55 °C; see Figs 6 and 7
BYD71A to D
4.7
A
BYD71E to G
5.0
A
IFRM
repetitive peak forward current
Tamb =60 °C; see Figs 8 and 9
BYD71A to D
3.7
A
BYD71E to G
3.9
A
IFSM
non-repetitive peak forward current
t = 10 ms half sine wave;
Tj =Tj max prior to surge;
VR =VRRMmax
7A
PRSM
non-repetitive peak reverse power
dissipation
t=20
µs half sine wave; Tj =Tj max
prior to surge
BYD71A to D
250
W
BYD71E to G
150
W
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
−65
+175
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF = 0.5 A; Tj =Tj max;
see Figs 12 and 13
BYD71A to D
−−
0.84
V
BYD71E to G
−−
0.90
V
VF
forward voltage
IF = 0.5 A;
see Figs 12 and 13
BYD71A to D
−−
1.05
V
BYD71E to G
−−
1.11
V
V(BR)R
reverse avalanche breakdown
voltage
IR = 0.1 mA
BYD71A
55
−−
V
BYD71B
110
−−
V
BYD71C
165
−−
V
BYD71D
220
−−
V
BYD71E
275
−−
V
BYD71F
330
−−
V
BYD71G
440
−−
V
IR
reverse current
VR =VRRMmax;
see Fig 14
−−
1
µA
VR =VRRMmax;
Tj = 165 °C; see Fig 14
−−
75
µA
trr
reverse recovery time
when switched from
IF = 0.5 A to IR =1A;
measured at IR = 0.25 A
see Fig 18
BYD71A to D
−−
25
ns
BYD71E to G
−−
50
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT


Similar Part No. - BYD71

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BYD71 NJSEMI-BYD71 Datasheet
189Kb / 3P
   Ultra fast low-loss controlled avalanche rectifiers
BYD71A NJSEMI-BYD71A Datasheet
189Kb / 3P
   Ultra fast low-loss controlled avalanche rectifiers
BYD71B NJSEMI-BYD71B Datasheet
189Kb / 3P
   Ultra fast low-loss controlled avalanche rectifiers
BYD71C NJSEMI-BYD71C Datasheet
189Kb / 3P
   Ultra fast low-loss controlled avalanche rectifiers
BYD71D NJSEMI-BYD71D Datasheet
189Kb / 3P
   Ultra fast low-loss controlled avalanche rectifiers
More results

Similar Description - BYD71

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV27 PHILIPS-BYV27 Datasheet
110Kb / 16P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
BYG80 PHILIPS-BYG80 Datasheet
104Kb / 20P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 25
logo
EIC discrete Semiconduc...
BYD77AA EIC-BYD77AA Datasheet
113Kb / 3P
   ULTRA FAST LOW-LOSS CONTROLLED AVALANCHE RECTIFIERS
logo
NXP Semiconductors
ES1 PHILIPS-ES1 Datasheet
52Kb / 8P
   Ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
BYD72 PHILIPS-BYD72 Datasheet
55Kb / 8P
   Ultra fast low-loss controlled avalanche rectifiers
1998 Dec 03
BYD77 PHILIPS-BYD77 Datasheet
82Kb / 12P
   Ultra fast low-loss controlled avalanche rectifiers
1999 Nov 15
logo
New Jersey Semi-Conduct...
BYD73 NJSEMI-BYD73 Datasheet
105Kb / 3P
   Ultra fast low-loss controlled avalanche rectifiers
BYV27 NJSEMI-BYV27 Datasheet
201Kb / 3P
   Ultra fast low-loss controlled avalanche rectifiers
logo
NXP Semiconductors
BYV28 PHILIPS-BYV28 Datasheet
100Kb / 16P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
BYD73 PHILIPS-BYD73 Datasheet
63Kb / 11P
   Ultra fast low-loss controlled avalanche rectifiers
1996 Sep 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com