Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8722XWM8722EDS Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM8722XWM8722EDS
Description  Stereo DAC with Integrated Tone Generator and Line/Variable Level Outputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8722XWM8722EDS Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM8722XWM8722EDS Datasheet HTML 1Page - Wolfson Microelectronics plc WM8722XWM8722EDS Datasheet HTML 2Page - Wolfson Microelectronics plc WM8722XWM8722EDS Datasheet HTML 3Page - Wolfson Microelectronics plc WM8722XWM8722EDS Datasheet HTML 4Page - Wolfson Microelectronics plc WM8722XWM8722EDS Datasheet HTML 5Page - Wolfson Microelectronics plc WM8722XWM8722EDS Datasheet HTML 6Page - Wolfson Microelectronics plc WM8722XWM8722EDS Datasheet HTML 7Page - Wolfson Microelectronics plc WM8722XWM8722EDS Datasheet HTML 8Page - Wolfson Microelectronics plc WM8722XWM8722EDS Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
WM8722
Advanced Information
w
w
w
w
AI Rev 2.1 June 2001
3
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
CONDITION
MIN
MAX
Digital supply voltage
-0.3V
+7V
Analogue supply voltage
-0.3V
+7V
Voltage range digital inputs
DGND -0.3V
DVDD +0.3V
Voltage range analogue inputs
AGND -0.3V
AVDD +0.3V
Operating temperature range, TA
0
°C
+70
°C
Storage temperature before soldering
30
°C max / 85% RH max
Storage temperature after soldering
-65
°C
+150
°C
Package body temperature (soldering 10 seconds)
+240
°C
Package body temperature (soldering 2 minutes)
+183
°C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital supply range
DVDD
-10%
3.3 to 5
+10%
V
Analogue supply range
AVDD
-10%
3.3 to 5
+10%
V
Ground
AGND, DGND
0
V
Difference DGND to AGND
-0.3
0
+0.3
V
Analogue supply current
AVDD = 5V
25
mA
Digital supply current
DVDD = 5V
5
mA
Analogue supply current
AVDD = 3.3V
23
mA
Digital supply current
DVDD = 3.3V
3
mA
Analogue supply current
AVDD = 5V, PWD = 1
1.5
mA
Digital supply current
DVDD = 5V, PWD = 1
0.8
mA


Similar Part No. - WM8722XWM8722EDS

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8722 WOLFSON-WM8722 Datasheet
438Kb / 23P
   Stereo DAC with Integrated Tone Generator and Line/Variable Level Outputs
More results

Similar Description - WM8722XWM8722EDS

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8722 WOLFSON-WM8722 Datasheet
438Kb / 23P
   Stereo DAC with Integrated Tone Generator and Line/Variable Level Outputs
logo
Cirrus Logic
WM8521 CIRRUS-WM8521 Datasheet
316Kb / 21P
   Stereo DAC with Integrated Output Stage for 2Vrms LINE OUT
logo
Wolfson Microelectronic...
WM8521 WOLFSON-WM8521 Datasheet
304Kb / 20P
   STEREO DAC WITH INTEGRATED OUTPUT STAGE FOR 2VRMS LINE OUT
WM8521 WOLFSON-WM8521_06 Datasheet
267Kb / 20P
   Stereo DAC with Integrated Output Stage for 2Vrms LINE OUT
logo
Texas Instruments
PCM1774 TI-PCM1774 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
logo
Cirrus Logic
CS4350 CIRRUS-CS4350_07 Datasheet
857Kb / 41P
   192 kHz Stereo DAC with Integrated PLL
CS4350 CIRRUS-CS4350 Datasheet
727Kb / 39P
   192 kHz Stereo DAC with Integrated PLL
logo
National Semiconductor ...
LM4934 NSC-LM4934 Datasheet
1Mb / 39P
   3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
LM4934 NSC-LM4934_06 Datasheet
1Mb / 39P
   3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
logo
Nuvoton Technology Corp...
NAU8402 NUVOTON-NAU8402 Datasheet
830Kb / 22P
   Stereo 24-bit DAC with 2Vrms Line Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com