Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8740 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8740
Description  24-bit, High Performance 192kHz Stereo DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8740 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8740 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
WM8740
Production Data
w
PD Rev 4.0 April 2004
5
PIN
NAME
TYPE
DESCRIPTION
Hardware Mode
Normal Mode
Differential Mode
8X Mode
Software
Mode
23
CSBIWO
Digital input
Internal pull-down
Wordlength:
Low for 16-bit data.
High for 20-bit
(normal) or 24-bit
I
2S data.
Wordlength:
Low for 16-bit data.
High for 20-bit
(normal) or 24-bit
I
2S data.
Wordlength:
Low for 20-bit data.
High for 24-bit data.
Low for
serial
interface
operation.
24
MODE
Digital input
Internal pull-up
Low for hardware
mode.
Low for left
mono mode.
High for right
mono mode
DINR
High for
software
mode.
25
MUTEB
Digital input
Internal pull-up
Low to soft mute.
High for normal
operation.
Low to soft mute.
High for normal
operation.
Low to soft mute.
High for normal
operation.
Low to
soft mute.
High for
normal
operation.
26
MD/DM0
Digital input
Internal pull-up
De-emphasis mode
select bit 0.
Low for no
de-emphasis.
High for 44.1kHz
de-emphasis.
LRP – LRCLK
polarity select.
Control serial
interface
data signal.
27
MC/DM1
Digital input
Internal pull-up
De-emphasis mode
select bit 1.
Low for normal filter
operation.
High for filter slow
roll-off.
Unused.
Leave unconnected.
Control serial
interface
clock signal.
28
ML/I2S
Digital input
Internal pull-up
Audio serial format:
Low – right justified.
High – I
2S.
Audio serial format:
Low – right justified.
High – I
2S.
Input data format:
Low – right justified.
High – left justified.
Control serial
interface
load signal.
Note:
Digital input pins have Schmitt trigger input buffers.
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
Wolfson tests its package types according to IPC/JEDEC J-STD-020B for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
°C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
CONDITION
MIN
MAX
Supply voltage
-0.3V
+7.0V
Input
GND -0.3V
VDD + 0.3V
Operating temperature range, TA
-25°C
+85°C
Storage temperature prior to soldering
30
°C max / 85% RH max
Storage temperature after soldering
-65
°C
+150
°C
Note:
It is strongly recommended that AVDD, AVDDL and AVDDR are tied together. AGND, AGNDL and AGND right
must also be tied together.


Similar Part No. - WM8740

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8740 WOLFSON-WM8740 Datasheet
344Kb / 20P
   24-bit, High Performance 192kHz Stereo DAC
logo
Cirrus Logic
WM8740 CIRRUS-WM8740 Datasheet
495Kb / 27P
   24-bit, High Performance 192kHz Stereo DAC
logo
Wolfson Microelectronic...
WM8740SEDS/RV WOLFSON-WM8740SEDS/RV Datasheet
495Kb / 27P
   24-bit, High Performance 192kHz Stereo DAC
WM8740SEDS/V WOLFSON-WM8740SEDS/V Datasheet
495Kb / 27P
   24-bit, High Performance 192kHz Stereo DAC
WM8740 WOLFSON-WM8740_10 Datasheet
495Kb / 27P
   24-bit, High Performance 192kHz Stereo DAC
More results

Similar Description - WM8740

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8740 WOLFSON-WM8740 Datasheet
344Kb / 20P
   24-bit, High Performance 192kHz Stereo DAC
WM8716 WOLFSON-WM8716_08 Datasheet
507Kb / 26P
   High Performance 24-bit, 192kHz Stereo DAC
WM8716 WOLFSON-WM8716_06 Datasheet
334Kb / 27P
   High Performance 24-bit, 192kHz Stereo DAC
logo
Cirrus Logic
WM8740 CIRRUS-WM8740 Datasheet
495Kb / 27P
   24-bit, High Performance 192kHz Stereo DAC
WM8716 CIRRUS-WM8716 Datasheet
507Kb / 26P
   High Performance 24-bit, 192kHz Stereo DAC
logo
Wolfson Microelectronic...
WM8716 WOLFSON-WM8716 Datasheet
351Kb / 21P
   High Performance 24-bit, 192kHz Stereo DAC
WM8740 WOLFSON-WM8740_10 Datasheet
495Kb / 27P
   24-bit, High Performance 192kHz Stereo DAC
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
   24-bit 192kHz Stereo DAC
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729_06 Datasheet
222Kb / 18P
   24-bit, 192kHz Stereo DAC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
   24-bit 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com