Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8786 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8786
Description  24-Bit, 192kHz Stereo ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8786 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8786_07 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8786_07 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8786_07 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8786_07 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8786_07 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8786_07 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8786_07 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8786_07 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8786_07 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
WM8786
Production Data
w
PD Rev 4.2 February 2007
4
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
AINL+
Analogue Input
Left Channel Positive Input
2
AINL-
Analogue Input
Left Channel Negative Input
3
VREFGND
Analogue Reference
Negative Reference Connection
4
AVDD
Supply
Analogue Supply
5
AGND
Supply
Analogue Ground (return path for AVDD)
6
LRCLK
Digital Input / Output
Audio Interface Left / Right Clock
7
DOUT
Digital Output
ADC Digital Audio Data
8
BCLK
Digital Input / Output
Audio Interface Bit Clock
9
MCLK
Digital Input
Master Clock
10
MS0
(pull down pad)
Digital Input
Master/Slave Control
0 = Slave Mode Audio Interface
1 = Master Mode Audio Interface @ 256fs (or @128fs in quad rate)
11
AUDIOF0
Digital Input
12
AUDIOF1
Digital Input
Audio Format Selection
00 = 24 bit right justified audio data format
01 = 24 bit left audio data format
10 = I
2S audio data format
11 = DSP audio data format
13
OSR0
(pull down pad)
Digital Input
14
OSR1
Digital Input
Oversampling Rate Control
00 = Single rate (48kHz)
01 = Dual rate (96kHz)
10 = Quad rate (192kHz)
11 = Not valid
15
DVDD
Supply
Digital Supply
16
DGND
Supply
Digital Ground (return path for DVDD)
17
VMID
Analogue Output
Midrail Voltage Decoupling Capacitor
18
VREF
Analogue Reference
Reference Voltage Decoupling Capacitor
19
AINR-
Analogue Input
Right Channel Negative Input
20
AINR+
Analogue Input
Right Channel Positive Input


Similar Part No. - WM8786_07

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8786GEDS/RV WOLFSON-WM8786GEDS/RV Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8786GEDS/V WOLFSON-WM8786GEDS/V Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
More results

Similar Description - WM8786_07

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
   24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8782 CIRRUS-WM8782 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8781 CIRRUS-WM8781 Datasheet
293Kb / 21P
   24-Bit, 192kHz Stereo ADC
logo
Wolfson Microelectronic...
WM8785 WOLFSON-WM8785 Datasheet
321Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8782 WOLFSON-WM8782_10 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8782A CIRRUS-WM8782A Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
logo
Wolfson Microelectronic...
WM8782 WOLFSON-WM8782 Datasheet
216Kb / 19P
   24-Bit, 192kHz Stereo ADC
WM8782 WOLFSON-WM8782_06 Datasheet
248Kb / 21P
   24-Bit, 192kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com