Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2982SLWTR-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A2982SLWTR-T
Description  8-CHANNEL SOURCE DRIVERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A2982SLWTR-T Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A2982SLWTR-T Datasheet HTML 2Page - Allegro MicroSystems A2982SLWTR-T Datasheet HTML 3Page - Allegro MicroSystems A2982SLWTR-T Datasheet HTML 4Page - Allegro MicroSystems A2982SLWTR-T Datasheet HTML 5Page - Allegro MicroSystems A2982SLWTR-T Datasheet HTML 6Page - Allegro MicroSystems A2982SLWTR-T Datasheet HTML 7Page - Allegro MicroSystems A2982SLWTR-T Datasheet HTML 8Page - Allegro MicroSystems A2982SLWTR-T Datasheet HTML 9Page - Allegro MicroSystems A2982SLWTR-T Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2981 AND 2982
8-CHANNEL
SOURCE DRIVERS
www.allegromicro.com
5
Allowable peak collector current
as a function of duty cycle
Series UDN2980A
100
V = 35 V
8
7
6
4
5
NUMBER OF OUTPUTS
CONDUCTING
SIMULTANEOUSLY
90
80
70
60
50
40
30
20
10
0
0
50
100
150
200
250
300
350
400
450
500
RECOMMENDED MAXIMUM OUTPUT CURRENT
PER CENT DUTY CYCLE
S
3
100
V = 35 V
8
7
6
4
5
NUMBER OF OUTPUTS
CONDUCTING
SIMULTANEOUSLY
90
80
70
60
50
40
30
20
10
0
0
50
100
150
200
250
300
350
400
450
500
RECOMMENDED MAXIMUM OUTPUT CURRENT
PER CENT DUTY CYCLE
S
3
Dwg. No. A-11,111B
Dwg. No. A-11,106B
UDN2981A and UDN2982A
100
V = 15 V
8
7
6
4
5
NUMBER OF OUTPUTS
CONDUCTING
SIMULTANEOUSLY
90
80
70
60
50
40
30
20
10
0
0
50
100
150
200
250
300
350
400
450
500
RECOMMENDED MAXIMUM OUTPUT CURRENT
PER CENT DUTY CYCLE
S
3
100
V = 15 V
8
7
6
4
5
NUMBER OF OUTPUTS
CONDUCTING
SIMULTANEOUSLY
90
80
70
60
50
40
30
20
10
0
0
50
100
150
200
250
300
350
400
450
500
RECOMMENDED MAXIMUM OUTPUT CURRENT
PER CENT DUTY CYCLE
S
3
Dwg. No. A-11,107B
Dwg. No. A-11,108B


Similar Part No. - A2982SLWTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A2982SLW ALLEGRO-A2982SLW Datasheet
277Kb / 10P
   8-CHANNEL SOURCE DRIVERS
A2982SLW ALLEGRO-A2982SLW Datasheet
180Kb / 10P
   (UDN2981 - UDN2984) 8-CHANNEL SOURCE DRIVERS
2000
More results

Similar Description - A2982SLWTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UDN2982 ALLEGRO-UDN2982 Datasheet
351Kb / 8P
   8-Channel Source Drivers
UDN2580A ALLEGRO-UDN2580A Datasheet
175Kb / 12P
   8-CHANNEL SOURCE DRIVERS
A2981 ALLEGRO-A2981 Datasheet
277Kb / 10P
   8-CHANNEL SOURCE DRIVERS
UDN2983 ALLEGRO-UDN2983 Datasheet
180Kb / 10P
   (UDN2981 - UDN2984) 8-CHANNEL SOURCE DRIVERS
2000
5815 ALLEGRO-5815 Datasheet
157Kb / 6P
   BiMOS II 8-BIT LATCHED SOURCE DRIVERS
A2982 ALLEGRO-A2982 Datasheet
313Kb / 8P
   8-Channel Source Driver
2985 ALLEGRO-2985 Datasheet
145Kb / 4P
   8-CHANNEL SOURCE DRIVER
logo
Analog Intergrations Co...
AIC2803 AIC-AIC2803 Datasheet
52Kb / 5P
   8-CHANNEL DARLINGTON DRIVERS
logo
List of Unclassifed Man...
UDN-6510A ETC1-UDN-6510A Datasheet
162Kb / 3P
   HIGH-VOLTAGE SOURCE DRIVERS
logo
Allegro MicroSystems
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
   BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com