Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDN2981A-T Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # UDN2981A-T
Description  8-CHANNEL SOURCE DRIVERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UDN2981A-T Datasheet(HTML) 1 Page - Allegro MicroSystems

  UDN2981A-T Datasheet HTML 1Page - Allegro MicroSystems UDN2981A-T Datasheet HTML 2Page - Allegro MicroSystems UDN2981A-T Datasheet HTML 3Page - Allegro MicroSystems UDN2981A-T Datasheet HTML 4Page - Allegro MicroSystems UDN2981A-T Datasheet HTML 5Page - Allegro MicroSystems UDN2981A-T Datasheet HTML 6Page - Allegro MicroSystems UDN2981A-T Datasheet HTML 7Page - Allegro MicroSystems UDN2981A-T Datasheet HTML 8Page - Allegro MicroSystems UDN2981A-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
2
3
4
5
6
7
8
VS
GND
11
12
13
14
15
16
17
18
UDN2981A
Dwg. No. A-10, 243
Recommended for high-side switching applications that benefit from
separate logic and load grounds, these devices encompass load supply
voltages to 50 V and output currents to -500 mA. These 8-channel source
drivers are useful for interfacing between low-level logic and high-current
loads. Typical loads include relays, solenoids, lamps, stepper and/or servo
motors, print hammers, and LEDs.
All devices may be used with 5 V logic systems — TTL, Schottky TTL,
DTL, and 5 V CMOS. The UDN2981A, UDN2982A, and A2982SLW are
electrically interchangeable, will withstand a maximum output off voltage of
50 V, and operate to a minimum of 5 V. All devices in this series integrate
input current limiting resistors and output transient suppression diodes, and
are activated by an active high input.
The suffix ‘A’ (all devices) indicates an 18-lead plastic dual in-line
package with copper lead frame for optimum power dissipation. Under
normal operating conditions, these devices will sustain 120 mA continuously
for each of the eight outputs at an ambient temperature of +50°C and a supply
of 15 V.
The suffix ‘LW’ (UDN2982LW only) indicates an 18-lead surface-
mountable wide-body SOIC package; the A2982SLW is provided in a 20-lead
wide-body SOIC package with improved thermal characteristics.
The UDN2982A, UDN2982LW, and A2982SLW drivers are also
available for operation over an extended temperature range to -40°C. To
order, change the prefix ‘UDN’ to ‘UDQ’ or the suffix ‘SLW’ to ‘ELW’.
These packages are available in Pb (lead) free variants (suffix ‘-T’), with
100% matte-tin leadframe plating.
FEATURES
TTL, DTL, PMOS, or CMOS Compatible Inputs
500 mA Output Source Current Capability
Transient-Protected Outputs
Output Breakdown Voltage to 50 V
DIP or SOIC Packaging
8-CHANNEL SOURCE DRIVERS
Always order by complete part number, e.g.,
UDN2981A-T .
Note that all devices are not available in all package styles.
ABSOLUTE MAXIMUM RATINGS
at 25°C Free-Air Temperature
Output Voltage Range, VCE . . . . . . 5 V to 50 V
Input Voltage, VIN
UDN2981A . . . . . . . . . . . . . . . . . . . . . . . . 15 V
UDN2982A, UDN2982LW, and,
A2982SLW . . . . . . . . . . . . . . . . . . . . . . . 20 V
Output Current, IOUT . . . . . . . . . . . . . . -500 mA
Package Power Dissipation,
PD . . . . . . . . . . . . . . . . . . . . . . . See Graph
Operating Temperature Range,
TA . . . . . . . . . . . . . . . . . . . . -20°C to +85°C
Storage Temperature Range,
TS . . . . . . . . . . . . . . . . . . . -55°C to +150°C
2981 AND
2982
Note that the UDN2980A series (dual in-line
package) and UDN2980LW series (small-outline
IC package) are electrically identical and share a
common terminal number assignment.


Similar Part No. - UDN2981A-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UDN2981A ALLEGRO-UDN2981A Datasheet
277Kb / 10P
   8-CHANNEL SOURCE DRIVERS
UDN2981A ALLEGRO-UDN2981A Datasheet
180Kb / 10P
   (UDN2981 - UDN2984) 8-CHANNEL SOURCE DRIVERS
2000
More results

Similar Description - UDN2981A-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UDN2982 ALLEGRO-UDN2982 Datasheet
351Kb / 8P
   8-Channel Source Drivers
UDN2580A ALLEGRO-UDN2580A Datasheet
175Kb / 12P
   8-CHANNEL SOURCE DRIVERS
A2981 ALLEGRO-A2981 Datasheet
277Kb / 10P
   8-CHANNEL SOURCE DRIVERS
UDN2983 ALLEGRO-UDN2983 Datasheet
180Kb / 10P
   (UDN2981 - UDN2984) 8-CHANNEL SOURCE DRIVERS
2000
5815 ALLEGRO-5815 Datasheet
157Kb / 6P
   BiMOS II 8-BIT LATCHED SOURCE DRIVERS
A2982 ALLEGRO-A2982 Datasheet
313Kb / 8P
   8-Channel Source Driver
2985 ALLEGRO-2985 Datasheet
145Kb / 4P
   8-CHANNEL SOURCE DRIVER
logo
Analog Intergrations Co...
AIC2803 AIC-AIC2803 Datasheet
52Kb / 5P
   8-CHANNEL DARLINGTON DRIVERS
logo
List of Unclassifed Man...
UDN-6510A ETC1-UDN-6510A Datasheet
162Kb / 3P
   HIGH-VOLTAGE SOURCE DRIVERS
logo
Allegro MicroSystems
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
   BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com