Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST26C31BN Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST26C31BN
Description  CMOS quad tri-state differential line driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST26C31BN Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST26C31BN Datasheet HTML 6Page - STMicroelectronics ST26C31BN Datasheet HTML 7Page - STMicroelectronics ST26C31BN Datasheet HTML 8Page - STMicroelectronics ST26C31BN Datasheet HTML 9Page - STMicroelectronics ST26C31BN Datasheet HTML 10Page - STMicroelectronics ST26C31BN Datasheet HTML 11Page - STMicroelectronics ST26C31BN Datasheet HTML 12Page - STMicroelectronics ST26C31BN Datasheet HTML 13Page - STMicroelectronics ST26C31BN Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Package mechanical data
ST26C31
10/15
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.25
0.004
0.010
a2
1.64
0.063
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45° (typ.)
D
9.8
10
0.385
0.393
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
8.89
0.350
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.62
0.024
S8° (max.)
SO-16 MECHANICAL DATA
0016020D


Similar Part No. - ST26C31BN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST26C31BN STMICROELECTRONICS-ST26C31BN Datasheet
57Kb / 10P
   CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
ST26C31BN STMICROELECTRONICS-ST26C31BN Datasheet
625Kb / 15P
   CMOS quad 3-state differential line driver
More results

Similar Description - ST26C31BN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST26C31 STMICROELECTRONICS-ST26C31 Datasheet
57Kb / 10P
   CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
MNDS26C31M-X NSC-MNDS26C31M-X Datasheet
350Kb / 15P
   CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
logo
ARTSCHIP ELECTRONICS CO...
DS34C87T ARTSCHIP-DS34C87T Datasheet
249Kb / 7P
   CMOS Quad TRI-STATE Differential Line Driver
logo
National Semiconductor ...
DS26C31T NSC-DS26C31T Datasheet
393Kb / 12P
   CMOS Quad TRI-STATE Differential Line Driver
logo
Texas Instruments
DS26C31MQML TI1-DS26C31MQML Datasheet
438Kb / 16P
[Old version datasheet]   DS26C31MQML CMOS Quad TRI-STATE Differential Line Driver
DS34C87TMX TI1-DS34C87TMX Datasheet
862Kb / 14P
[Old version datasheet]   DS34C87T CMOS Quad TRI-STATE Differential Line Driver
logo
Analog Devices
DS8924 AD-DS8924 Datasheet
181Kb / 3P
   Quad TRI-STATE Differential Line Driver
logo
STMicroelectronics
ST26C32A STMICROELECTRONICS-ST26C32A Datasheet
173Kb / 15P
   CMOS quad tri-state differential line receiver
logo
National Semiconductor ...
DS34C87T NSC-DS34C87T_02 Datasheet
246Kb / 8P
   CMOS Qual TRI-STATE Differential Line Driver
DS3587 NSC-DS3587 Datasheet
295Kb / 3P
   QUAD TRI-STATE LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com