Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1321ELHLT-T Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A1321ELHLT-T
Description  Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1321ELHLT-T Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A1321ELHLT-T Datasheet HTML 3Page - Allegro MicroSystems A1321ELHLT-T Datasheet HTML 4Page - Allegro MicroSystems A1321ELHLT-T Datasheet HTML 5Page - Allegro MicroSystems A1321ELHLT-T Datasheet HTML 6Page - Allegro MicroSystems A1321ELHLT-T Datasheet HTML 7Page - Allegro MicroSystems A1321ELHLT-T Datasheet HTML 8Page - Allegro MicroSystems A1321ELHLT-T Datasheet HTML 9Page - Allegro MicroSystems A1321ELHLT-T Datasheet HTML 10Page - Allegro MicroSystems A1321ELHLT-T Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Ratiometric Linear Hall Effect Sensor
for High-Temperature Operation
A1321, A1322,
and
A1323
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
THERMAL CHARACTERISTICS may require derating at maximum conditions, see application information
Characteristic
Symbol
Test Conditions*
Value Units
Package Thermal Resistance
RθJA
Package LH, 1-layer PCB with copper limited to solder pads
228
ºC/W
Package LH, 2-layer PCB with 0.463 in.2 of copper area each side
connected by thermal vias
110
ºC/W
Package UA, 1-layer PCB with copper limited to solder pads
165
ºC/W
*Additional thermal information available on Allegro website.
6
5
4
3
2
1
0
20
40
60
80
100
120
140
160
180
Temperature (ºC)
Power Derating Curve
(R
JA = 228 ºC/W)
1-layer PCB, Package LH
(R
JA = 110 ºC/W)
2-layer PCB, Package LH
(R
JA = 165 ºC/W)
1-layer PCB, Package UA
VCC(min)
VCC(max)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
20
40
60
80
100
120
140
160
180
Temperature (°C)
Power Dissipation versus Ambient Temperature
(R
JA
= 165
ºC/W
)
1-layer
PCB,
Package
UA
(R
JA
= 228
ºC/W)
1-layer
PCB,
Packag
e LH
(R
JA = 110
ºC/W
)
2-layer
PCB,
Package
LH


Similar Part No. - A1321ELHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1321ELHLT-T2 ALLEGRO-A1321ELHLT-T2 Datasheet
501Kb / 13P
   Ratiometric Linear Hall Effect Sensor ICs for High-Temperature Operation
More results

Similar Description - A1321ELHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1321 ALLEGRO-A1321 Datasheet
413Kb / 9P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321 ALLEGRO-A1321_11 Datasheet
501Kb / 13P
   Ratiometric Linear Hall Effect Sensor ICs for High-Temperature Operation
3517 ALLEGRO-3517 Datasheet
305Kb / 13P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
December 31, 2005
A3515 ALLEGRO-A3515 Datasheet
811Kb / 11P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
3515 ALLEGRO-3515 Datasheet
322Kb / 6P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
May 2, 2005
3507 ALLEGRO-3507 Datasheet
170Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
logo
OPTEK Technologies
OHN3150U OPTEK-OHN3150U Datasheet
517Kb / 4P
   Ratiometric Linear Hall-effect Sensor
OMH3150 OPTEK-OMH3150_14 Datasheet
109Kb / 4P
   Ratiometric Linear Hall-effect Sensor
logo
TT Electronics.
OMH3150 TTELEC-OMH3150 Datasheet
530Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
OHS3150U TTELEC-OHS3150U Datasheet
195Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com