Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1392SEHLT-T Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A1392SEHLT-T
Description  Micro Power 3 V Linear Hall Effect Sensors withTri-State Output and User-Selectable Sleep Mode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1392SEHLT-T Datasheet(HTML) 5 Page - Allegro MicroSystems

  A1392SEHLT-T Datasheet HTML 1Page - Allegro MicroSystems A1392SEHLT-T Datasheet HTML 2Page - Allegro MicroSystems A1392SEHLT-T Datasheet HTML 3Page - Allegro MicroSystems A1392SEHLT-T Datasheet HTML 4Page - Allegro MicroSystems A1392SEHLT-T Datasheet HTML 5Page - Allegro MicroSystems A1392SEHLT-T Datasheet HTML 6Page - Allegro MicroSystems A1392SEHLT-T Datasheet HTML 7Page - Allegro MicroSystems A1392SEHLT-T Datasheet HTML 8Page - Allegro MicroSystems A1392SEHLT-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Micro Power 3 V Linear Hall Effect Sensor ICs
with Tri-State Output and User Selectable Sleep Mode
A1391, A1392,
A1393, and A1395
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
OUTPUT TIMING CHARACTERISTICS1
TA = 25°C
Characteristic
Symbol
Test Conditions
Min.
Typ.2
Max.
Units
Power-On Time3
tPON
–40
60
μs
Power-Off Time4
tPOFF
–1–
μs
1See figure 1 for explicit timing delays.
2Typical data are for initial design estimations only, and assume optimum manufacturing and application conditions, such as TA = 25°C. Performance
may vary for individual units, within the specified maximum and minimum limits.
3Power-On Time is the elapsed time after the voltage on the ¯S¯¯L¯¯E¯¯E¯¯P¯ pin exceeds the active mode threshold voltage,VINH, until the time the device output
reaches 90% of its value.
4Power-Off Time is the duration of time between when the signal on the ¯¯S¯¯L¯¯E¯¯E¯¯P¯ pin switches from HIGH to LOW and when ICC drops to under 100 μA.
During this time period, the output goes into the HIGH impedance state.
MAGNETIC CHARACTERISTICS
TA = 25°C
Characteristic
Symbol
Test Conditions
Min.
Typ.*
Max.
Units
Ratiometry
VOUTQ(V)
100
%
Ratiometry
Sens(V)
100
%
Positive Linearity
Lin+
100
%
Negative Linearity
Lin–
100
%
Symmetry
Sym
100
%
*Typical data are for initial design estimations only, and assume optimum manufacturing and application conditions, such as TA = 25°C. Performance
may vary for individual units, within the specified maximum and minimum limits.


Similar Part No. - A1392SEHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1392SEHLT-T2 ALLEGRO-A1392SEHLT-T2 Datasheet
492Kb / 16P
   Micro Power 3 V Linear Hall Effect Sensor ICs
More results

Similar Description - A1392SEHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3501 ALLEGRO-3501 Datasheet
189Kb / 4P
   LINEAR OUTPUT HALL EFFECT SENSORS
A1391 ALLEGRO-A1391_16 Datasheet
492Kb / 16P
   Micro Power 3 V Linear Hall Effect Sensor ICs
A1391 ALLEGRO-A1391 Datasheet
494Kb / 16P
   Micro Power 3 V Linear Hall Effect Sensor ICs
logo
Feeling Technology Corp...
FS50 FEELING-FS50 Datasheet
57Kb / 7P
   LINEAR HALL-EFFECT SENSORS
logo
Shaoxing Devechip Micro...
SDC49E SDC-SDC49E Datasheet
368Kb / 9P
   Linear Hall-effect Sensors
SDC3503 SDC-SDC3503 Datasheet
313Kb / 8P
   Linear Hall-effect Sensors
logo
Honeywell Accelerometer...
91SS12-2 HONEYWELL-ACC-91SS12-2 Datasheet
71Kb / 1P
   SOLID STATE LINEAR OUTPUT HALL EFFECT TRANSDUCER
logo
List of Unclassifed Man...
AH350 ETC-AH350 Datasheet
180Kb / 6P
   Linear Hall-Effect Sensors
logo
Shaoxing Devechip Micro...
SDC96B SDC-SDC96B Datasheet
309Kb / 8P
   Linear Hall-effect Sensors
logo
List of Unclassifed Man...
AMP50 ETC-AMP50 Datasheet
10Kb / 1P
   Hall effect linear sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com