Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1441 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A1441
Description  Low-Voltage Full-Bridge Brushless DC Motor Driver with Hall Element Commutation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1441 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A1441 Datasheet HTML 1Page - Allegro MicroSystems A1441 Datasheet HTML 2Page - Allegro MicroSystems A1441 Datasheet HTML 3Page - Allegro MicroSystems A1441 Datasheet HTML 4Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
2
3
6
5
4
Approximate Scale 1:1
Low-Voltage Full-Bridge Brushless DC Motor Driver
with Hall Element Commutation
A1441
Description
The A1441 is a full-bridge motor driver designed to drive
low-voltage bipolar brushless dc motors. Commutation of the
motor is achieved by use of a single Hall element sensor to
detect the position of an alternating-pole ring magnet. A high
density merged Bipolar-CMOS semiconductor process allows
the integration of the Hall element on the same IC as the motor
control circuitry, providing a single-chip solution for enhanced
reliability. All necessary circuitry is incorporated within the
device package, eliminating the need for any external support
components.
A micropower sleep mode can be enabled by an external
signal, to reduce current consumption for battery management
in portable electronic devices. In addition, the device offers an
active function for motor braking.
The A1441 is optimized for vibration motor applications such
as cellular phones, pagers, electronic toothbrushes, and hand-
held video game controllers. These devices also drive low
power fan motors designed with cogging plates.
1441-DS, Rev. 2
Features and Benefits
▪ Single-chip solution for high reliability
▪ Chopper stabilization technique for precise signal
response over operating range
▪ 2.0 to 4.0 V operation
▪ Sleep mode pin allowing external logic signal enable/
disable to reduce average power consumption
▪ Restart feature
▪ Small package size
Functional Block Diagram
Continued on the next page…
Package: 6 Contact MLP/DFN/SON (suffix EL)


Similar Part No. - A1441

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1441 ALLEGRO-A1441 Datasheet
156Kb / 4P
   Low-Voltage Full-Bridge Brushless DC Motor Driver with Hall Element Commutation
A1441SELLT-T ALLEGRO-A1441SELLT-T Datasheet
156Kb / 4P
   Low-Voltage Full-Bridge Brushless DC Motor Driver with Hall Element Commutation
More results

Similar Description - A1441

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1441 ALLEGRO-A1441 Datasheet
156Kb / 4P
   Low-Voltage Full-Bridge Brushless DC Motor Driver with Hall Element Commutation
A1442 ALLEGRO-A1442 Datasheet
258Kb / 9P
   Low Voltage Full Bridge Brushless DC Motor Driver with Hall Commutation
A1442 ALLEGRO-A1442 Datasheet
326Kb / 8P
   Low Voltage Full Bridge Brushless DC Motor Driver with Hall Commutation
May 31, 2013
A1444EEWLT-P ALLEGRO-A1444EEWLT-P Datasheet
405Kb / 9P
   Low-Voltage Full-Bridge Brushless DC Motor Driver
A1448 ALLEGRO-A1448 Datasheet
198Kb / 9P
   Full-Bridge Brushless DC Motor Driver with
A1448 ALLEGRO-A1448 Datasheet
181Kb / 7P
   Low-Voltage, Full-Bridge Brushless DC Motor Driver with Integrated Hall Sensor IC, PWM Speed Control, Soft-Switching
May 31, 2013
SPF7302 ALLEGRO-SPF7302 Datasheet
359Kb / 16P
   Full Bridge DC Motor Driver
logo
Sanken electric
SPF7302 SANKEN-SPF7302 Datasheet
262Kb / 16P
   Full Bridge DC Motor Driver
logo
Allegro MicroSystems
A3901 ALLEGRO-A3901 Datasheet
339Kb / 11P
   Dual Full Bridge Low Voltage Motor Driver
A3901 ALLEGRO-A3901_16 Datasheet
378Kb / 12P
   Dual Full Bridge Low Voltage Motor Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com