Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNC374 Datasheet(PDF) 5 Page - SONiX Technology Company

Part # SNC374
Description  Direct Drive Voice/Dual Tone Melody Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC374 Datasheet(HTML) 5 Page - SONiX Technology Company

  SNC374 Datasheet HTML 1Page - SONiX Technology Company SNC374 Datasheet HTML 2Page - SONiX Technology Company SNC374 Datasheet HTML 3Page - SONiX Technology Company SNC374 Datasheet HTML 4Page - SONiX Technology Company SNC374 Datasheet HTML 5Page - SONiX Technology Company SNC374 Datasheet HTML 6Page - SONiX Technology Company SNC374 Datasheet HTML 7Page - SONiX Technology Company SNC374 Datasheet HTML 8Page - SONiX Technology Company SNC374 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SNC374
Direct Drive Voice/Dual Tone Melody Controller
5.8. IR Function
P33 can be modulated with 38.5KHz square wave before sent out to P33 pin. The IR
signal can be achieved by this modulated signal.
Mode
38.5KHZ
P33
PAD
"1"
5.9. DAC & PWM
SNC374 is an advanced chip to be designed having two optimal methods to play out
the voices. One is DAC and the other is PWM. Upon user’s applications, user can
select either DAC or PWM in his design. Please be aware that only one method can
be activated at a time.
DAC: A 7-bit current type digital-to-analog converter is built-in SNC374. The
relationship between input digital data and output analog current signal is listed in the
following table. Also, the recommended application circuit is illustrated as follows.
Input data
Typical value of output current (mA)
0
0
1
3/127
N
n*(3/127)
127
3
Ver: 1.4
June 8, 2005
5


Similar Part No. - SNC374

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC374 SONIX-SNC374 Datasheet
406Kb / 11P
   Direct Drive Voice/Dual Tone Melody Controller?
More results

Similar Description - SNC374

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC323 SONIX-SNC323 Datasheet
422Kb / 12P
   Direct Drive Voice/Dual Tone Melody Controller?
SNC384 SONIX-SNC384 Datasheet
405Kb / 11P
   Direct Drive Voice/Dual Tone Melody Controller?
SNC385 SONIX-SNC385_05 Datasheet
402Kb / 11P
   Direct Drive Voice/Dual Tone Melody Controller
SNC313 SONIX-SNC313 Datasheet
421Kb / 12P
   Direct Drive Voice/Dual Tone Melody Controller?
SNC322 SONIX-SNC322 Datasheet
403Kb / 11P
   Direct Drive Voice/Dual Tone Melody Controller?
SNC333 SONIX-SNC333 Datasheet
422Kb / 12P
   Direct Drive Voice/Dual Tone Melody Controller?
SNC362 SONIX-SNC362 Datasheet
402Kb / 11P
   Direct Drive Voice/Dual Tone Melody Controller?
SNC323 SONIX-SNC323_05 Datasheet
400Kb / 11P
   Direct Drive Voice/Dual Tone Melody Controller
SNC342 SONIX-SNC342_05 Datasheet
397Kb / 11P
   Direct Drive Voice/Dual Tone Melody Controller
SNC362 SONIX-SNC362_05 Datasheet
397Kb / 11P
   Direct Drive Voice/Dual Tone Melody Controller
SNC332 SONIX-SNC332_05 Datasheet
397Kb / 11P
   Direct Drive Voice/Dual Tone Melody Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com