Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB081A-JC Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT45DB081A-JC
Description  8-megabit 2.7-volt Only Serial DataFlash
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB081A-JC Datasheet(HTML) 3 Page - ATMEL Corporation

  AT45DB081A-JC Datasheet HTML 1Page - ATMEL Corporation AT45DB081A-JC Datasheet HTML 2Page - ATMEL Corporation AT45DB081A-JC Datasheet HTML 3Page - ATMEL Corporation AT45DB081A-JC Datasheet HTML 4Page - ATMEL Corporation AT45DB081A-JC Datasheet HTML 5Page - ATMEL Corporation AT45DB081A-JC Datasheet HTML 6Page - ATMEL Corporation AT45DB081A-JC Datasheet HTML 7Page - ATMEL Corporation AT45DB081A-JC Datasheet HTML 8Page - ATMEL Corporation AT45DB081A-JC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AT45DB081A
3
Memory Architecture Diagram
Device Operation
The device operation is controlled by instructions from the
host processor. The list of instructions and their associated
opcodes are contained in Tables 1 through 4. A valid
instruction starts with the falling edge of CS followed by the
appropriate 8-bit opcode and the desired buffer or main
memory address location. While the CS pin is low, toggling
the SCK pin controls the loading of the opcode and the
desired buffer or main memory address location through
the SI (serial input) pin. All instructions, addresses and data
are transferred with the most-significant bit (MSB) first.
Buffer addressing is referenced in the datasheet using the
terminology BFA8-BFA0 to denote the nine address bits
required to designate a byte address within a buffer. Main
memory addressing is referenced using the terminology
PA11-PA0 and BA8-BA0 where PA11-PA0 denotes the
12 address bits required to designate a page address and
BA8-BA0 denotes the nine address bits required to desig-
nate a byte address within the page.
Read Commands
By specifying the appropriate opcode, data can be read
from the main memory or from either one of the two data
buffers. The DataFlash supports two categories of read
modes in relation to the SCK signal. The differences
between the modes are in respect to the inactive state of
the SCK signal as well as which clock cycle data will begin
to be output. The two categories, which are comprised of
four modes total, are defined as Inactive Clock Polarity Low
or Inactive Clock Polarity High and SPI Mode 0 or SPI
Mode 3. A separate opcode (refer to Table 1 on page 8 for
a complete list) is used to select which category will be
used for reading. Please refer to the “Detailed Bit-level
Read Timing” diagrams in this datasheet for details on the
clock cycle sequences for each mode.
CONTINUOUS ARRAY READ: By supplying an initial
starting address for the main memory array, the Continu-
ous Array Read command can be utilized to sequentially
read a continuous stream of data from the device by simply
provid in g a clock sign al; no additional addressing
information or control signals need to be provided. The
DataFlash incorporates an internal address counter that
will automatically increment on every clock cycle, allowing
one continuous read operation without the need of addi-
tional address sequences. To perform a continuous read,
an opcode of 68H or E8H must be clocked into the device
followed by 24 address bits and 32 don’t care bits. The first
three bits of the 24-bit address sequence are reserved for
upward and downward compatibility to larger and smaller
density devices (see Notes under “Command Sequence for
Read/Write Operations” diagram). The next 12 address bits
(PA11-PA0) specify which page of the main memory array
to read, and the last nine bits (BA8-BA0) of the 24-bit
address sequence specify the starting byte address within
the page. The 32 don’t care bits that follow the 24 address
bits are needed to initialize the read operation. Following
the 32 don’t care bits, additional clock pulses on the SCK
pin will result in serial data being output on the SO (serial
output) pin.
SECTOR 0 = 8 Pages
2112 bytes (2K + 64)
SECTOR 1 = 248 Pages
65,472 bytes (62K + 1984)
Block = 2112 bytes
(2K + 64)
8 Pages
SECTOR 0
Page = 264 bytes
(256 + 8)
PAGE 0
PAGE 1
PAGE 6
PAGE 7
PAGE 8
PAGE 9
PAGE 4094
PAGE 4095
PAGE 14
PAGE 15
PAGE 16
PAGE 17
PAGE 18
PAGE 4093
SECTOR ARCHITECTURE
BLOCK ARCHITECTURE
PAGE ARCHITECTURE
BLOCK 0
BLOCK 1
BLOCK 30
BLOCK 31
BLOCK 32
BLOCK 33
BLOCK 510
BLOCK 511
BLOCK 62
BLOCK 63
BLOCK 64
BLOCK 65
SECTOR 8 = 512 Pages
135,168 bytes (128K + 4K)
BLOCK 2
SECTOR 2 = 256 Pages
67,584 bytes (64K + 2K)
SECTOR 3 = 512 Pages
135,168 bytes (128K + 4K)
SECTOR 4 = 512 Pages
135,168 bytes (128K + 4K)
SECTOR 9 = 512 Pages
135,168 bytes (128K + 4K)


Similar Part No. - AT45DB081A-JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB081A ATMEL-AT45DB081A_14 Datasheet
440Kb / 28P
   Optional Page and Block Erase Operations
More results

Similar Description - AT45DB081A-JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB081 ATMEL-AT45DB081 Datasheet
115Kb / 16P
   8-Megabit 2.7-volt Only Serial DataFlash
AT45DB021 ATMEL-AT45DB021 Datasheet
201Kb / 18P
   2-Megabit 2.7-volt Only Serial DataFlash
AT45DB321 ATMEL-AT45DB321 Datasheet
154Kb / 20P
   32-Megabit 2.7-volt Only Serial DataFlash
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
   1-Megabit 2.7-volt Only Serial DataFlash
AT45DB161 ATMEL-AT45DB161_01 Datasheet
318Kb / 21P
   16-megabit 2.7-volt Only Serial DataFlash
AT45DB021A ATMEL-AT45DB021A Datasheet
395Kb / 28P
   2-megabit 2.7-volt Only Serial DataFlash
AT45DB041 ATMEL-AT45DB041 Datasheet
209Kb / 18P
   4-Megabit 2.7-volt Only Serial DataFlash
AT45DB161 ATMEL-AT45DB161 Datasheet
224Kb / 20P
   16-Megabit 2.7-volt Only Serial DataFlash
AT45DB011 ATMEL-AT45DB011_01 Datasheet
253Kb / 20P
   1-megabit 2.7-volt Only Serial DataFlash
AT26DF081A ATMEL-AT26DF081A_07 Datasheet
661Kb / 40P
   8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com