Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBSG53A Datasheet(PDF) 7 Page - ON Semiconductor

Part # NBSG53A
Description  2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG53A Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NBSG53A_06 Datasheet HTML 3Page - ON Semiconductor NBSG53A_06 Datasheet HTML 4Page - ON Semiconductor NBSG53A_06 Datasheet HTML 5Page - ON Semiconductor NBSG53A_06 Datasheet HTML 6Page - ON Semiconductor NBSG53A_06 Datasheet HTML 7Page - ON Semiconductor NBSG53A_06 Datasheet HTML 8Page - ON Semiconductor NBSG53A_06 Datasheet HTML 9Page - ON Semiconductor NBSG53A_06 Datasheet HTML 10Page - ON Semiconductor NBSG53A_06 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NBSG53A
http://onsemi.com
7
Table 9. DC CHARACTERISTICS, NECL INPUT WITH NECL OUTPUT
VCC = 0 V; VEE = −3.465 V to −2.375 V (Note 20)
Symbol
Characteristic
−40
°C
25
°C
70
°C(BGA)/85°C(QFN)***
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Negative Power Supply Current
35
47
59
35
47
59
35
47
59
mA
VOH
Output HIGH Voltage (Note 21)
−1040
−990
−940
−1010
−960
−910
−985
−935
−885
mV
VOL
Output LOW Voltage (Note 21)
−3.465 V
v VEE v −3.0 V
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS =FLOAT)
(OLS = VCC − 1.2 V)
**(OLS = VEE)
−3.0 V < VEE v −2.375 V
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS =FLOAT)
(OLS = VCC − 1.2 V)
(OLS = VEE)
−1980
−1270
−1750
−1040
−1515
−1945
−1265
−1725
−1045
−1495
−1830
−1210
−1630
−990
−1425
−1795
−1205
−1605
−995
−1405
−1680
−1120
−1510
−910
−1305
−1645
−1115
−1485
−915
−1285
−1940
−1235
−1715
−1010
−1480
−1905
−1230
−1690
−1010
−1460
−1790
−1175
−1595
−960
−1390
−1755
−1170
−1570
−960
−1370
−1640
−1085
−1475
−880
−1270
−1605
−1080
−1450
−880
−1250
−1910
−1210
−1685
−985
−1450
−1875
−1205
−1660
−990
−1435
−1760
−1150
−1565
−935
−1360
−1725
−1145
−1540
−940
−1345
−1610
−1060
−1445
−855
−1240
−1575
−1055
−1420
−860
−1225
mV
VOUTPP
Output Voltage Amplitude
−3.465 V
v VEE v −3.0 V
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V,
OLS = FLOAT)
(OLS = VCC − 1.2 V)
**(OLS = VEE)
−3.0 V < VEE v −2.375 V
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS
=FLOAT)
(OLS = VCC − 1.2 V)
(OLS = VEE)
705
130
535
0
345
670
125
510
0
325
815
220
640
0
435
800
215
615
5
415
695
125
530
0
340
660
120
505
0
320
805
215
635
0
430
795
210
610
0
410
690
125
525
0
335
655
120
500
0
320
800
215
630
0
425
790
210
605
5
410
mV
VIH
Input HIGH Voltage (Single−Ended)
(Notes 23 and 25) CLK, CLK, D, D
VEE +
1275
VCC
1000*
VCC
VEE +
1275
VCC
1000*
VCC
VEE +
1275
VCC
1000*
VCC
mV
VIL
Input LOW Voltage (Single−Ended)
(Notes 24 and 25) CLK, CLK, D, D
VIH
2600
VCC
1400*
VIH
150
VIH
2600
VCC
1400*
VIH
150
VIH
2600
VCC
1400*
VIH
150
mV
VIH
Input High Voltage
(Single−Ended)
R, SEL
−1210
VCC
−1145
VCC
−1085
VCC
mV
VIL
Input Low Voltage (Single−Ended)
R, SEL
VEE
−1610
VEE
−1545
VEE
−1485
mV
VTHR
Input Threshold Voltage
(Single−Ended) (Note 25)
VEE+
1125
VCC
75
VEE+
1125
VCC
75
VEE+
1125
VCC
75
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
20. Input and output parameters vary 1:1 with VCC.
21. All outputs loaded with 50
W to VCC − 2.0 V.
22. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
23. VIH cannot exceed VCC. |VIH − VTHR| < 2600 mV.
24. VIL always w VEE. |VIL − VTHR| < 2600 mV.
25. VTHR is the voltage applied to one input when running in single−ended mode.
*Typicals used for testing purposes.
**When an output level of 400 mV is desired and VCC − VEE > 3.0 V, a 2 kW resistor should be connected from OLS to VEE.
***The device packaged in FCBGA−16 have maximum ambient temperature specification of 70
°C and devices packaged in QFN−16 have
maximum ambient temperature specification of 85
°C.


Similar Part No. - NBSG53A_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG53ABA ONSEMI-NBSG53ABA Datasheet
133Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
March, 2004 ??Rev. 5
NBSG53ABAEVB ONSEMI-NBSG53ABAEVB Datasheet
133Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
March, 2004 ??Rev. 5
NBSG53ABAR2 ONSEMI-NBSG53ABAR2 Datasheet
133Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
March, 2004 ??Rev. 5
NBSG53AMN ONSEMI-NBSG53AMN Datasheet
133Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
March, 2004 ??Rev. 5
NBSG53AMNG ONSEMI-NBSG53AMNG Datasheet
167Kb / 17P
   2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider
June, 2014 ??Rev. 15
More results

Similar Description - NBSG53A_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG53A ONSEMI-NBSG53A Datasheet
133Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
March, 2004 ??Rev. 5
MC10EP51 ONSEMI-MC10EP51_06 Datasheet
155Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6
MC100LVEL29 ONSEMI-MC100LVEL29_06 Datasheet
120Kb / 6P
   3.3V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
November, 2006 ??Rev. 5
MC10EP29 ONSEMI-MC10EP29_06 Datasheet
173Kb / 11P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
December, 2006 ??Rev. 4
NBSG53A ONSEMI-NBSG53A_14 Datasheet
167Kb / 17P
   2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider
June, 2014 ??Rev. 15
MC10EP52 ONSEMI-MC10EP52_06 Datasheet
162Kb / 12P
   3.3V / 5V ECL Differential Data and Clock D Flip?묯lop
December, 2006 ??Rev. 6
MC100EL29 ONSEMI-MC100EL29_06 Datasheet
116Kb / 6P
   5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
October, 2006 ??Rev. 4
NLSF1174 ONSEMI-NLSF1174_06 Datasheet
82Kb / 6P
   Hex D Flip?묯lop with Common Clock and Reset
May, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_08 Datasheet
64Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com