Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCN2500MNR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCN2500MNR2G
Description  USB Single Channel Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN2500MNR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCN2500MNR2G Datasheet HTML 1Page - ON Semiconductor NCN2500MNR2G Datasheet HTML 2Page - ON Semiconductor NCN2500MNR2G Datasheet HTML 3Page - ON Semiconductor NCN2500MNR2G Datasheet HTML 4Page - ON Semiconductor NCN2500MNR2G Datasheet HTML 5Page - ON Semiconductor NCN2500MNR2G Datasheet HTML 6Page - ON Semiconductor NCN2500MNR2G Datasheet HTML 7Page - ON Semiconductor NCN2500MNR2G Datasheet HTML 8Page - ON Semiconductor NCN2500MNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NCN2500
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Pin
Min
Typ
Max
Unit
DIGITAL PARAMETERS SECTION @ 1.5 V < Vcc < 3.6 V (−40
°C to +85°C ambient temperature, unless otherwise noted.)
NOTE: Digital inputs undershoot < −0.3 V to ground, digital inputs overshoot < 0.3 V to Vcc.
High Level Input Voltage DSPD, Vp, Vm, EN_VObus,
SPND, OE, EN_RPU
VIH
1, 3, 4, 5,
7, 9, 16
0.80*Vcc
V
Low Level Input Voltage DSPD, Vp, Vm, EN_VObus,
SPND, OE, EN_RPU
VIL
1, 3, 4, 5,
7, 9, 16
0.20*Vcc
V
High Level Output Voltage RCV, Vp, Vm @ IOH = 1.0 mA
VOH
2, 3, 4
0.80*Vcc
V
Low Level Output Voltage RCV, Vp, Vm @ IOL = 1.0 mA
VOL
2, 3, 4
0.20*Vcc
V
Input Leakage Current DSPD, Vp, Vm, EN_VObus,
SPND, OE, EN_RPU
IIL
1, 3, 4, 5,
7, 9, 16
"5.0
mA
Input EN_RPU Pulldown Resistor @VCC = 3.3 V
RPU
300
k
W
TRANSCEIVER SECTION @ 1.5 V < Vcc < 3.6 V (−40
°C to +85°C ambient temperature, unless otherwise noted.)
Static Output High, D−, D+ @ OE = Low, RL = 15 kΩ
to GND
VOH
10, 11
2.8
3.6
V
Static Output Low, D−, D+ @ OE = Low, RL = 1.5 kΩ
to Vreg
VOL
10, 11
0.3
V
Single Input Receiver Threshold
VSE
10, 11
0.8
2.0
V
Single Ended Receiver Hysteresis (Note 3)
200
mV
Differential Input Sensitivity | D+ − D− | @ 0.8 V < VCM
< 2.5 V (Note 3)
VDI
10, 11
0.2
V
Differential Common Mode Including the VDI
VCM
10, 11
0.8
2.5
V
Differential Receiver Hysteresis (Note 3)
10, 11
70
mV
D+ and D− Transceiver Hi−Z State Leakage Current @
OE = 1, 0 V < Vusb < 3.3 V
ILO
10, 11
"10
mA
Transceiver Input Capacitance (Note 3)
Cin
10, 11
20
pF
Transceiver Output Resistance (Note 3)
ZDRV
10, 11
28
44
W
Transceiver Input Impedance (Note 3)
ZIN
10, 11
10
M
W
Internal RPU1 Pull Resistor
RRPU−1
10, 12
900
1575
W
Internal RPU2 Pull Up Resistor
RRPU−2
10, 12
525
1515
W
LOW SPEED DRIVER OPERATION (Note 3)
Transition Rise Time
@ CL = 50 pF
@ CL = 600 pF
tr
10, 11
75
75
300
300
ns
Transition Fall Time
@ CL = 50 pF
@ CL = 600 pF
tf
10, 11
75
75
300
300
ns
Rise and Fall Time Matching
tr, tf
10, 11
80
125
%
Output Signal Crossover Voltage
VCRS
10, 11
1.3
2.0
V
Data Transaction Rate
Drate
10, 11
1.5
Mbs
3. Parameter guaranteed by design, not production tested.


Similar Part No. - NCN2500MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN2500 ONSEMI-NCN2500 Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
More results

Similar Description - NCN2500MNR2G

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4170 AKM-AK4170 Datasheet
82Kb / 10P
   USB TRANSCEIVER
logo
Micrel Semiconductor
MIC2551A MICREL-MIC2551A Datasheet
79Kb / 11P
   USB TRANSCEIVER
MIC2551 MICREL-MIC2551_08 Datasheet
94Kb / 11P
   USB Transceiver
MIC2551A MICREL-MIC2551A_11 Datasheet
96Kb / 11P
   USB Transceiver
MIC2551A-2.5 MICREL-MIC2551A-2.5_10 Datasheet
498Kb / 10P
   USB Transceiver
MIC2551A-2.5 MICREL-MIC2551A-2.5 Datasheet
656Kb / 10P
   USB Transceiver
logo
STMicroelectronics
STUSB02E STMICROELECTRONICS-STUSB02E_07 Datasheet
363Kb / 20P
   USB Transceiver
STUSB02E STMICROELECTRONICS-STUSB02E Datasheet
480Kb / 20P
   USB Transceiver
STUSB03E STMICROELECTRONICS-STUSB03E Datasheet
470Kb / 20P
   USB Transceiver
logo
Micrel Semiconductor
MIC2551 MICREL-MIC2551 Datasheet
67Kb / 10P
   USB Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com