Electronic Components Datasheet Search |
|
NCN6001 Datasheet(PDF) 7 Page - ON Semiconductor |
|
NCN6001 Datasheet(HTML) 7 Page - ON Semiconductor |
7 / 34 page NCN6001 http://onsemi.com 7 DIGITAL PARAMETERS @ 2.7 V < VCC < 5.5 V (−25°C to +85°C ambient temperature, unless otherwise noted). Note: Digital inputs undershoot < − 0.3 V to ground, Digital inputs overshoot < 0.3 V to VCC. Rating Pin Symbol Min Typ Max Unit Input Asynchronous Clock Duty Cycle = 50% @ VCC = 3.0 V Over the Temperature Range @ VCC = 5.0 V Over the Temperature Range 3 FCLKIN − − − − 30 40 MHz Input Clock Rise Time Input Clock Fall Time 3 Ftr Ftf 2.5 2.5 − − − − ns ns Input SPI Clock 5 FCLKSPI − − 15 MHz Input CLK_SPI Rise/Fall Time @ Cout = 30 pF 5 trspi, tfspi − − 12 ns Input MOSI Rise/Fall Time @ Cout = 30 pF 4 trmosi, tfmosi − − 12 ns Output MISO Rise/Fall Time @ Cout = 30 pF 7 trmiso, tfmiso − − 12 ns Input CS Rise/Fall Time 8 trstr, tfstr − − 12 ns I/O Data Transfer Switching Time, both directions (I/O and CRD_IO), @ Cout = 30 pF I/O Rise Time * (Note 4) I/O Fall Time 1, 20 tRIO tFIO − − − − 0.8 0.8 ms ms INT Pullup Resistance 2 RITA 20 50 80 k W Positive Going Input High Voltage Threshold (CLK_IN, MOSI, CLK_SPI, EN_RPU, CS) 2, 3, 4, 5, 6, 8 VIA 0.70 * VCC − VCC V Negative Going Input High Voltage Threshold (CLK_IN, MOSI, CLK_SPI, EN_RPU, CS) 2, 3, 4, 5, 6, 8 VILLA 0 − 0.3 * VCC V Output High Voltage INT, MISO @ OH = −10 mA 2, 7 VOH VCC −1.0 V − VCC V Output Low Voltage INT, MISO @ OH = 200 mA 2, 7 VOL − − 0.4 V Delay Between Two Consecutive CLK_SPI Sequence 5 tdclk 33 − − ns 3. Since a 20 k W (typical) pullup resistor is provided by the NCN6001, the external MPU can use an Open Drain connection. On the other hand, NMOS smart cards can be used straightforward. |
Similar Part No. - NCN6001 |
|
Similar Description - NCN6001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |