Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCN6010 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCN6010
Description  SIM Card Supply and Level Shifter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN6010 Datasheet(HTML) 5 Page - ON Semiconductor

  NCN6010_06 Datasheet HTML 1Page - ON Semiconductor NCN6010_06 Datasheet HTML 2Page - ON Semiconductor NCN6010_06 Datasheet HTML 3Page - ON Semiconductor NCN6010_06 Datasheet HTML 4Page - ON Semiconductor NCN6010_06 Datasheet HTML 5Page - ON Semiconductor NCN6010_06 Datasheet HTML 6Page - ON Semiconductor NCN6010_06 Datasheet HTML 7Page - ON Semiconductor NCN6010_06 Datasheet HTML 8Page - ON Semiconductor NCN6010_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCN6010
http://onsemi.com
5
POWER SUPPLY SECTION (−25
5C to +855C)
Rating
Symbol
Pin
Min
Typ
Max
Unit
Power Supply
VDD
1
2.7
3.6
V
Standby Supply Current @ No Input Clock, All Input
Logic to H, No Load Connected to the SIM Interface.
I VDD
1
500
nA
Ground Current, @ VDD = 3.0 V, Operating Conditions:
PWR_ON = 0
SIM_VCC = 5.0 V, ICC = 0 mA
SIM_VCC = 5.0 V, ICC = 10 mA (Note 2)
SIM_VCC = 3.0 V, ICC = 0 mA
SIM_VCC = 3.0 V, ICC = 6.0 mA (Note 2)
I VDD
1
200
40
5.0
125
25
mA
External Card Power Supply at 5.0 V
@ 2.7 V
v VDD v 3.6 V, ICC = 10 mA
External Card Power Supply at 3.0 V
@ 2.7 V
v VDD v 3.6 V, ICC = 10 mA
SIM_VCC
14
4.5
VDD − 50 mV
VDD − 25 mV
5.5
VDD
V
Output SIM Card Supply Voltage Turn On Time
Ct = 220 nF, Cout1 = 1.0
mF "20%
VDD = 3.0 V, SIM_VCC = 5.0 V
VDD = 3.0 V, SIM_VCC = 3.0 V
VCCTON
14
0.5
1.0
ms
Output SIM Card Supply Voltage Turn Off Time
Ct = 220 nF, Cout1 = 1.0
mF "20% (Note 3)
VDD = 2.7 V, SIM_VCC = 5.0 V, @ VLOW = 0.4 V
VDD = 2.7 V, SIM_VCC = 3.0 V, @ VLOW = 0.4 V
VCCTOFF
14
300
300
ms
Output Voltage Ripple (Note 4)
Ct = 220 nF, Cout1 = 1.0
mF, Cout2 = 100 nF
VDD = 3.0 V, SIM_VCC = 5.0 V, ICC = 10 mA
(Not Relevant at SIM_VCC = 3.0 V)
VCCRIP
14
200
mV
Input Peak Current During DC−DC Startup
@ VDD = 3.0 V, SIM_VCC = 5.0 V
IDDpk
1
300
mA
Input Average Current During Normal Operation,
@ VDD = 3.0 V, SIM_VCC = 5.0 V
IDDavg
1
20
mA
DC−DC Internal Oscillator
Fosc
800
kHz
2. The IDD current represents the absolute difference between the current absorbed by the load and the one absorbed by the chip.
3. A 350
ms delay must be observed by the external MPU prior to reactivate the SIM_VCC output.
4. Using low ESR capacitors type (max 100 m
W) is mandatory for Ct, Cout1 and Cout2 to reach the NCN6010 specifications. Ceramic type
(X5R or X7R) are recommended.
DIGITAL INPUT SECTION CLOCK, RESET, I/O, STOP, MOD_VCC, PWR_ON
Rating
Symbol
Pin
Min
Typ
Max
Unit
High Level Input Voltage
Low Level Input Voltage
Input Rise Time
Input Fall Time
Input Capacitance
VIH
VIL
tr
tf
Cin
2, 3
4, 5
6, 7
0.7 * VDD
VDD
0.3 * VDD
50
50
10
V
V
ns
ns
pF
Input @ 45% < Duty Cycle < 55%
Clock Rise Time
Clock Fall Time
Input Clock Capacitance
CLOCK
6
5.0
50
50
10
MHz
ns
ns
pF
Input/Output Data Transfer Frequency
I/O Rise Time
I/O Fall Time
Input I/O Capacitance
I/O
5
15
160
0.8
0.8
10
kHz
ms
ms
pF


Similar Part No. - NCN6010_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN6010D ONSEMI-NCN6010D Datasheet
173Kb / 16P
   SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
NCN6010DTB ONSEMI-NCN6010DTB Datasheet
173Kb / 16P
   SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
NCN6010DTBR2 ONSEMI-NCN6010DTBR2 Datasheet
173Kb / 16P
   SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
More results

Similar Description - NCN6010_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN6010 ONSEMI-NCN6010 Datasheet
173Kb / 16P
   SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
FXLP4555 ONSEMI-FXLP4555 Datasheet
818Kb / 15P
   SIM Card Power Supply and Level Shifter
May 2011 Rev. 1.0.0
logo
Fairchild Semiconductor
FXLP4555 FAIRCHILD-FXLP4555 Datasheet
992Kb / 13P
   1.8V / 3.0V SIM Card Power Supply and Level Shifter
logo
ON Semiconductor
NCN4555 ONSEMI-NCN4555_10 Datasheet
145Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
October, 2010 ??Rev. 3
NCN4555 ONSEMI-NCN4555 Datasheet
102Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
March, 2006 ??Rev. 1
logo
Fairchild Semiconductor
FXLP4555MPX FAIRCHILD-FXLP4555MPX Datasheet
992Kb / 13P
   1.8V / 3.0V SIM Card Power Supply and Level Shifter
logo
Micrel Semiconductor
MIC4555 MICREL-MIC4555_11 Datasheet
841Kb / 16P
   SIM Card Level Shifter with 50mA LDO
logo
ON Semiconductor
NCN4557 ONSEMI-NCN4557 Datasheet
173Kb / 12P
   1.8 V/3.0 V Dual SIM/SAM/Smart Card Power Supply and Level Shifter
June, 2006 ??Rev. 0
logo
Linear Technology
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
   SIM Power Supply and Level Translator
LTC4555 LINER-LTC4555 Datasheet
102Kb / 8P
   SIM Power Supply and Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com