Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCN6010 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCN6010
Description  SIM Card Supply and Level Shifter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN6010 Datasheet(HTML) 3 Page - ON Semiconductor

  NCN6010_06 Datasheet HTML 1Page - ON Semiconductor NCN6010_06 Datasheet HTML 2Page - ON Semiconductor NCN6010_06 Datasheet HTML 3Page - ON Semiconductor NCN6010_06 Datasheet HTML 4Page - ON Semiconductor NCN6010_06 Datasheet HTML 5Page - ON Semiconductor NCN6010_06 Datasheet HTML 6Page - ON Semiconductor NCN6010_06 Datasheet HTML 7Page - ON Semiconductor NCN6010_06 Datasheet HTML 8Page - ON Semiconductor NCN6010_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NCN6010
http://onsemi.com
3
PIN DESCRIPTIONS
Pin
Name
Type
Description
1
VDD
POWER
This pin is connected to the system controller power supply suitable to operate from a
3.6 V typical battery. A low ESR ceramic capacitor (4.7
mF typical) shall be used to bypass
the power supply voltage.
2
STOP
INPUT
A Low level on this pin resets the SIM interface, switching off the SIM_VCC, according to
the ISO7816−3 Power Down procedure (See Table 1 and Figure 3).
3
MOD_VCC
INPUT
The signal present on this pin programs the SIM_VCC value (See Table 1):
MOD_VCC = L
→ SIM_VCC = 5.0 V
MOD_VCC = H
→ SIM_VCC = 3.0 V
4
PWR_ON
INPUT
The signal present on this pin controls the SIM_VCC state (See Table 1):
PWR_ON = L
→ SIM_VCC = Open, no supply connected to the SIM card.
PWR_ON = H
→ SIM_VCC = Active, the card is powered.
5
I/O
INPUT
This pin is connected to an external microcontroller or GSM management unit. A
bi−directional level translator adapts the serial I/O signal between the smart card and the
external controller. A built−in constant 20 k
W (typical) resistor provides a high impedance
state when not activated.
6
CLOCK
INPUT
The clock signal, coming from the external controller, must have a Duty Cycle within the
Min/Max values defined by the specification (typically 50%). The built−in level shifter
translates the input signal to the external SIM card CLK input.
7
RESET
INPUT
The RESET signal present at this pin is connected to the SIM card. The internal level
shifter translates the level according to the voltages present at pin 1 and the SIM_VCC
programmed value.
8
SIM_RST
OUTPUT
This pin is connected to the RESET pin of the card connector. A level translator adapts the
external RESET signal to the SIM card. A built−in active pull down connects this pin to
ground when the device is in a nonoperating mode.
9
SIM_CLK
OUTPUT
This pin is connected to the CLK pin of the card connector. The CLOCK signal comes from
the external clock generator, the internal level shifter being used to adapt the voltage
defined for the SIM_VCC. A built−in active pull down connects this pin to ground when the
device is in a nonoperating mode.
10
GND
GROUND
This pin is the GROUND reference for the integrated circuit and associated signals. Cares
must be observed to avoid voltage spikes when the device operates in a normal operation.
11
SIM_I/O
This pin handles the connection to the serial I/O of the card connector. A bi−directional
level translator adapts the serial I/O signal between the card and the microcontroller. A 20
k
W (typical) pull up resistor provides a High impedance state for the SIM card I/O link.
12
Cta
POWER
This pin is connected to the external capacitor used by the internal Charge Pump
converter. Using Low ESR ceramic type is recommended (X5R or X7R).
13
Ctb
POWER
This pin is connected to the external capacitor used by the internal Charge Pump
converter. Using Low ESR ceramic type is recommended (X5R or X7R).
14
SIM_VCC
POWER
This pin is connected to the SIM card power supply pin. An internal Charge Pump
converter is programmable by the external MPU to supply either 3.0 V or 5.0 V output
voltage. An external 1.0
mF minimum ceramic capacitor (ESR t 100 mW, X5R or X7R
recommended) must be connected across SIM_VCC and GND.
During a normal operation, the SIM_VCC voltage can be set to 3.0 V followed by a 5.0 V
value, or can start directly to any of these two values. When the voltage is adjusted
downward (from 5.0 V to 3.0 V) cares must be observed as reverse peak current can flow
from the external capacitors to the battery during a short amount of time (in the 1.0
ms
range). When such a voltage adjustment is necessary, it is recommended to force
SIM_VCC to zero, wait 350
ms minimum, then reprogram the chip to get SIM_VCC = 3.0 V.


Similar Part No. - NCN6010_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN6010D ONSEMI-NCN6010D Datasheet
173Kb / 16P
   SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
NCN6010DTB ONSEMI-NCN6010DTB Datasheet
173Kb / 16P
   SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
NCN6010DTBR2 ONSEMI-NCN6010DTBR2 Datasheet
173Kb / 16P
   SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
More results

Similar Description - NCN6010_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN6010 ONSEMI-NCN6010 Datasheet
173Kb / 16P
   SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
FXLP4555 ONSEMI-FXLP4555 Datasheet
818Kb / 15P
   SIM Card Power Supply and Level Shifter
May 2011 Rev. 1.0.0
logo
Fairchild Semiconductor
FXLP4555 FAIRCHILD-FXLP4555 Datasheet
992Kb / 13P
   1.8V / 3.0V SIM Card Power Supply and Level Shifter
logo
ON Semiconductor
NCN4555 ONSEMI-NCN4555_10 Datasheet
145Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
October, 2010 ??Rev. 3
NCN4555 ONSEMI-NCN4555 Datasheet
102Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
March, 2006 ??Rev. 1
logo
Fairchild Semiconductor
FXLP4555MPX FAIRCHILD-FXLP4555MPX Datasheet
992Kb / 13P
   1.8V / 3.0V SIM Card Power Supply and Level Shifter
logo
Micrel Semiconductor
MIC4555 MICREL-MIC4555_11 Datasheet
841Kb / 16P
   SIM Card Level Shifter with 50mA LDO
logo
ON Semiconductor
NCN4557 ONSEMI-NCN4557 Datasheet
173Kb / 12P
   1.8 V/3.0 V Dual SIM/SAM/Smart Card Power Supply and Level Shifter
June, 2006 ??Rev. 0
logo
Linear Technology
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
   SIM Power Supply and Level Translator
LTC4555 LINER-LTC4555 Datasheet
102Kb / 8P
   SIM Power Supply and Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com