Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCN6004AFTBR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCN6004AFTBR2G
Description  Dual SAM/SIM Interface Integrated Circuit
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN6004AFTBR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCN6004AFTBR2G Datasheet HTML 7Page - ON Semiconductor NCN6004AFTBR2G Datasheet HTML 8Page - ON Semiconductor NCN6004AFTBR2G Datasheet HTML 9Page - ON Semiconductor NCN6004AFTBR2G Datasheet HTML 10Page - ON Semiconductor NCN6004AFTBR2G Datasheet HTML 11Page - ON Semiconductor NCN6004AFTBR2G Datasheet HTML 12Page - ON Semiconductor NCN6004AFTBR2G Datasheet HTML 13Page - ON Semiconductor NCN6004AFTBR2G Datasheet HTML 14Page - ON Semiconductor NCN6004AFTBR2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
NCN6004A
http://onsemi.com
11
POWER SUPPLY SECTION General test conditions, unless otherwise specified: Operating temperature: −25
°C < TA < +85°C,
VCC = +3.0 V, CRD_VCC_A = CRD_VCC_B = +5.0 V. (continued)
Rating
Unit
Max
Typ
Min
Pin
Symbol
Output Card Supply Shut Off Time @
Cout = 10 mF, ceramic.
VCC = 2.7 V, CRD_VCC = 5.0 V, VCCOFF < 0.4 V (A or B)
VCCTOFF
31, 42
100
250
ms
DC/DC Converter Operating Frequency (A or B)
FSW
31, 42
600
kHz
5. Assuming ANLG_VCC and PWR_VCC pins are connected to the same power supply.
DIGITAL INPUT/OUTPUT SECTION
2.70 < VCC < 5.50 V, Normal Operating Mode (−25°C to +85°C ambient temperature, unless otherwise noted)
Rating
Symbol
Pin
Min
Typ
Max
Unit
A0, A1, A2, A3, CARD_SEL, PWR_ON, PGM, CS, MUX_MODE,
EN_RPU, RESET_A, RESET_B, C4_A, C8_A, C4_B, C8_B
High Level Input Voltage
Low Level Input Voltage
Input Capacitance
VIH
VIL
Cin
1, 2, 3,
4, 5, 6,
7, 8,
44, 45,
10, 18,
11, 12,
16, 17
0.7 * Vbat
Vbat
0.3 * Vbat
10
V
V
pF
STATUS, INT
Output High Voltage @ IOH = −10 mA
Output Low Voltage @ IOH = 200 mA
VOH
VOL
46, 47
Vbat –1.0 V
0.40
V
STATUS, INT
Output Rise Time @ Cout = 30 pF
Output Fall Time @ Cout = 30 pF
trsta, trint
tfsta, tfint
5
100
ms
ns
CLOCK_A Asynchronous Input Clock @ DC = 50%
"1%
FCLKINA
13
40
MHz
CLOCK_B Asynchronous Input Clock @ DC = 50%
"1%
FCLKINB
15
40
MHz
I/O_A, I/O_B, both directions @ Cout = 30 pF
I/O Rise Time
I/O Fall Time
trioA, trioB
tfioA, tfioB
9, 19
0.8
0.8
ms
STATUS Pull Up Resistance
RSTA
46
35
50
k
W
INT Pull Up Resistance
RINT
47
35
50
k
W
I/O_A Pull Up Resistance
RIOA
9
14
20
35
k
W
I/O_B Pull Up Resistance
RIOB
19
14
20
35
k
W
RESET_A Pull Up Resistance
RRSTA
10
60
100
k
W
RESET_B Pull Up Resistance
RRSTB
18
60
100
k
W
C4_A Pull Up Resistance
RC4A
11
60
100
k
W
C8_A Pull Up Resistance
RC8A
12
60
100
k
W
C4_B Pull Up Resistance
RC4B
17
60
100
k
W
C8_B Pull Up Resistance
RC8B
16
60
100
k
W
CS Pull Up Resistance
RCS
7
60
100
k
W
CRD_DET_A and CRD_DET_B Pull Up Resistance
RDETA
RDETB
20
41
500
500
k
W
k
W


Similar Part No. - NCN6004AFTBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN6004AFTBR2 ONSEMI-NCN6004AFTBR2 Datasheet
329Kb / 40P
   Dual SAM/SIM Interface Integrated Circuit
June, 2003 - Rev. 2
More results

Similar Description - NCN6004AFTBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN6004A ONSEMI-NCN6004A Datasheet
329Kb / 40P
   Dual SAM/SIM Interface Integrated Circuit
June, 2003 - Rev. 2
NCN4557 ONSEMI-NCN4557 Datasheet
173Kb / 12P
   1.8 V/3.0 V Dual SIM/SAM/Smart Card Power Supply and Level Shifter
June, 2006 ??Rev. 0
logo
Linear Technology
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558 Datasheet
159Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557 Datasheet
231Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
logo
Leshan Radio Company
LBSS138V33T1G LRC-LBSS138V33T1G_15 Datasheet
396Kb / 3P
   Dual Integrated Circuit
logo
Texas Instruments
TPD3F303 TI1-TPD3F303 Datasheet
571Kb / 13P
[Old version datasheet]   EMI FILTER WITH INTEGRATED VCC CLAMP FOR SIM CARD INTERFACE
JANUARY2011
logo
NTE Electronics
NTE1812 NTE-NTE1812 Datasheet
23Kb / 2P
   Integrated Circuit Capstan Interface Circuit for VCR
logo
Nexperia B.V. All right...
NXT4556 NEXPERIA-NXT4556 Datasheet
268Kb / 19P
   SIM card interface level translator
Rev. 2 - 15 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com