Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP100ALPRPG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP100ALPRPG
Description  Sub 1.0 V Precision Adjustable Shunt Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP100ALPRPG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP100ALPRPG Datasheet HTML 1Page - ON Semiconductor NCP100ALPRPG Datasheet HTML 2Page - ON Semiconductor NCP100ALPRPG Datasheet HTML 3Page - ON Semiconductor NCP100ALPRPG Datasheet HTML 4Page - ON Semiconductor NCP100ALPRPG Datasheet HTML 5Page - ON Semiconductor NCP100ALPRPG Datasheet HTML 6Page - ON Semiconductor NCP100ALPRPG Datasheet HTML 7Page - ON Semiconductor NCP100ALPRPG Datasheet HTML 8Page - ON Semiconductor NCP100ALPRPG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NCP100
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Reference Voltage (IKA = 10 mA, Figure 3)
VKA = 0.9 V
TA = 25°C
TA = 0°C to 70°C
TA = −40°C to 85°C
VKA = 1.0 V
TA = 25°C
TA = 0°C to 70°C
TA = −40°C to 85°C
VREF
0.684
0.682
0.678
0.686
0.684
0.680
0.696
0.698
0.708
0.710
0.714
0.710
0.712
0.716
V
Reference Input Voltage Change Over Temperature
VKA = 1.0 V, IK = 10 mA, TA = −40°C to 85°C, Figure 3 (Notes 4, 5)
DVREF
1.0
12
mV
Reference Input Voltage Change Over Programmed Cathode Voltage
(IK = 10 mA, Figure 3)
VKA = 0.9 V to 1.0 V
VKA = 1.0 V to 6.0 V
Regline
−5.0
0
0.2
6.7
5.0
12
mV
Ratio of Reference Input Voltage Change to Cathode Voltage Change
VKA = 0.9 V to 6.0 V, IK = 10 mA, Figure 3
DVREF
DVKA
1.3
2.4
mV/V
Reference Input Current (VKA = 1.0 V, IK = 10 mA)
IREF
−100
−30
100
nA
Minimum Cathode Current for Regulation
IK(min)
80
mA
Cathode Off−State Current (VKA = 6.0 V, VREF = 0 V)
IK(off)
70
90
mA
Dynamic Output Impedance
VKA = 1.0 V, IK = 100 mA to 20 mA, f v 1.0 kHz, Figure 3
|ZKA|
0.2
W
4. Low duty cycle pulse techniques are used during testing to maintain the junction temperatures as close to ambient as possible.
5. The
DVREF parameter is defined as the difference between the maximum and minimum values obtained over the ambient temperature range
of −40
°C to 85°C.
AMBIENT TEMPERATURE
DVREF = VREF (max) − VREF (min)
DTA = T2 − T1
T1
VREF (max)
VREF (min)
T2


Similar Part No. - NCP100ALPRPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP100 ONSEMI-NCP100 Datasheet
103Kb / 10P
   Sub 1.0 V Precision Adjustable Shunt Regulator
July, 2004 ??Rev. 8
NCP1000 ONSEMI-NCP1000 Datasheet
115Kb / 16P
   Integrated Off-Line Switching Regulator
December, 2003 ??Rev. 7
NCP1000 ONSEMI-NCP1000 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1000 ONSEMI-NCP1000 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1000P ONSEMI-NCP1000P Datasheet
115Kb / 16P
   Integrated Off-Line Switching Regulator
December, 2003 ??Rev. 7
More results

Similar Description - NCP100ALPRPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP100 ONSEMI-NCP100 Datasheet
103Kb / 10P
   Sub 1.0 V Precision Adjustable Shunt Regulator
July, 2004 ??Rev. 8
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com