Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY11L-2SU Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATTINY11L-2SU
Description  8-bit Microcontroller with 1K Byte Flash
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY11L-2SU Datasheet(HTML) 1 Page - ATMEL Corporation

  ATTINY11L-2SU Datasheet HTML 1Page - ATMEL Corporation ATTINY11L-2SU Datasheet HTML 2Page - ATMEL Corporation ATTINY11L-2SU Datasheet HTML 3Page - ATMEL Corporation ATTINY11L-2SU Datasheet HTML 4Page - ATMEL Corporation ATTINY11L-2SU Datasheet HTML 5Page - ATMEL Corporation ATTINY11L-2SU Datasheet HTML 6Page - ATMEL Corporation ATTINY11L-2SU Datasheet HTML 7Page - ATMEL Corporation ATTINY11L-2SU Datasheet HTML 8Page - ATMEL Corporation ATTINY11L-2SU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Features
Utilizes the AVR® RISC Architecture
AVR – High-performance and Low-power RISC Architecture
– 90 Powerful Instructions – Most Single Clock Cycle Execution
– 32 x 8 General-purpose Working Registers
– Up to 4 MIPS Throughput at 4 MHz
Nonvolatile Program Memory
– 2K Bytes of Flash Program Memory
– Endurance: 1,000 Write/Erase Cycles
– Programming Lock for Flash Program Data Security
Peripheral Features
– Interrupt and Wake-up on Low-level Input
– One 8-bit Timer/Counter with Separate Prescaler
– On-chip Analog Comparator
– Programmable Watchdog Timer with On-chip Oscillator
– Built-in High-current LED Driver with Programmable Modulation
Special Microcontroller Features
– Low-power Idle and Power-down Modes
– External and Internal Interrupt Sources
– Power-on Reset Circuit with Programmable Start-up Time
– Internal Calibrated RC Oscillator
Power Consumption at 1 MHz, 2V, 25°C
– Active: 3.0 mA
– Idle Mode: 1.2 mA
– Power-down Mode: <1 µA
I/O and Packages
– 11 Programmable I/O Lines, 8 Input Lines and a High-current LED Driver
– 28-lead PDIP, 32-lead TQFP, and 32-pad MLF
Operating Voltages
–VCC: 1.8V - 5.5V for the ATtiny28V
–V
CC: 2.7V - 5.5V for the ATtiny28L
Speed Grades
– 0 - 1.2 MHz for the ATtiny28V
– 0 - 4 MHz For the ATtiny28L
Pin Configurations
PDIP
RESET
PD0
PD1
PD2
PD3
PD4
VCC
GND
XTAL1
XTAL2
PD5
PD6
PD7
(AIN0) PB0
PA0
PA1
PA3
PA2 (IR)
PB7
PB6
GND
NC
VCC
PB5
PB4 (INT1)
PB3 (INT0)
PB2 (T0)
PB1 (AIN1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
TQFP/QFN/MLF
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
PD3
PD4
NC
VCC
GND
NC
XTAL1
XTAL2
PB7
PB6
NC
GND
NC
NC
VCC
PB5
8-bit
Microcontroller
with 2K Bytes of
Flash
ATtiny28L
ATtiny28V
Summary
Rev. 1062FS–AVR–07/06
Note: This is a summary document. A complete document
is available on our Web site at www.atmel.com.


Similar Part No. - ATTINY11L-2SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY11L-2SU ATMEL-ATTINY11L-2SU Datasheet
229Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
More results

Similar Description - ATTINY11L-2SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY15L-1PU ATMEL-ATTINY15L-1PU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
758Kb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L-1SU ATMEL-ATTINY15L-1SU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051U ATMEL-AT89C1051U_00 Datasheet
201Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051 ATMEL-AT89C1051 Datasheet
151Kb / 12P
   8-Bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_07 Datasheet
229Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11 Datasheet
1Mb / 91P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
210Kb / 11P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15 ATMEL-ATTINY15_01 Datasheet
1Mb / 79P
   8-BIT AVR짰 Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_14 Datasheet
230Kb / 15P
   Microcontroller with 1K Byte Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com