Electronic Components Datasheet Search |
|
NCP565 Datasheet(PDF) 1 Page - ON Semiconductor |
|
NCP565 Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 16 page © Semiconductor Components Industries, LLC, 2007 February, 2007 − Rev. 12 1 Publication Order Number: NCP565/D NCP565/NCV565 1.5 A Low Dropout Linear Regulator The NCP565/NCV565 low dropout linear regulator will provide 1.5 A at a fixed output voltage or an adjustable voltage down to 0.9 V. The fast loop response and low dropout voltage make this regulator ideal for applications where low voltage and good load transient response are important. Device protection includes current limit, short circuit protection, and thermal shutdown. Features • Ultra Fast Transient Response (t1.0 ms) • Low Ground Current (1.1 mA @ Iload = 1.5 A) • Low Dropout Voltage (0.9 V @ Iload = 1.5 A) • Low Noise (28 mVrms) • 0.9 V Reference Voltage • Adjustable Output Voltage from 7.7 V down to 0.9 V • 1.2 V Fixed Output Version. Other Fixed Voltages Available on Request • Current Limit Protection (3.5 A Typ) • Thermal Shutdown Protection (160°C) • Pb−Free Packages are Available Typical Applications • Servers • ASIC Power Supplies • Post Regulation for Power Supplies • Constant Current Source http://onsemi.com D2PAK CASE 936A ADJUSTABLE 1 5 Tab = Ground Pin 1. N.C. 2. Vin 3. Ground 4. Vout 5. Adj xx = 12 or 33 y = P or V A = Assembly Location WL = Wafer Lot Y = Year WW = Work Week G = Pb−Free See detailed ordering and shipping information in the package dimensions section on page 12 of this data sheet. ORDERING INFORMATION 1 2 3 D2PAK CASE 936 FIXED MARKING DIAGRAMS Tab = Ground Pin 1. Vin 2. Ground 3. Vout NC P565D2Txx AWLYWWG NC y565D2T AWLYWWG DFN6 CASE 506AX yy = Voltage Rating 12 = 1.2 V A = Assembly Location Y = Year WW = Work Week M = Date Code G = Pb−Free Package P565 MNxx AYWW G G 1 1 AYM 565yy G G SOT−223 CASE 318E (Note: Microdot may be in either location) xx = Voltage Rating AJ = Adjustible 12 = 1.2 V 33 = 3.3 V Tab = Vout Pin 1. Ground 2. Vout 3. Vin |
Similar Part No. - NCP565 |
|
Similar Description - NCP565 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |