Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY28L-4AU Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATTINY28L-4AU
Description  8-bit Microcontroller with 2K Bytes of Flash
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY28L-4AU Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATTINY28L-4AU Datasheet HTML 4Page - ATMEL Corporation ATTINY28L-4AU Datasheet HTML 5Page - ATMEL Corporation ATTINY28L-4AU Datasheet HTML 6Page - ATMEL Corporation ATTINY28L-4AU Datasheet HTML 7Page - ATMEL Corporation ATTINY28L-4AU Datasheet HTML 8Page - ATMEL Corporation ATTINY28L-4AU Datasheet HTML 9Page - ATMEL Corporation ATTINY28L-4AU Datasheet HTML 10Page - ATMEL Corporation ATTINY28L-4AU Datasheet HTML 11Page - ATMEL Corporation ATTINY28L-4AU Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
ATtiny28L/V
1062FS–AVR–07/06
Packaging Information
32A
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
32A, 32-lead, 7 x 7 mm Body Size, 1.0 mm Body Thickness,
0.8 mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP)
B
32A
10/5/2001
PIN 1 IDENTIFIER
0˚~7˚
PIN 1
L
C
A1
A2
A
D1
D
e
E1
E
B
Notes:
1. This package conforms to JEDEC reference MS-026, Variation ABA.
2. Dimensions D1 and E1 do not include mold protrusion. Allowable
protrusion is 0.25 mm per side. Dimensions D1 and E1 are maximum
plastic body size dimensions including mold mismatch.
3. Lead coplanarity is 0.10 mm maximum.
A
1.20
A1
0.05
0.15
A2
0.95
1.00
1.05
D
8.75
9.00
9.25
D1
6.90
7.00
7.10
Note 2
E
8.75
9.00
9.25
E1
6.90
7.00
7.10
Note 2
B
0.30
0.45
C
0.09
0.20
L
0.45
0.75
e
0.80 TYP
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE


Similar Part No. - ATTINY28L-4AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY28L-4AC ATMEL-ATTINY28L-4AC Datasheet
932Kb / 75P
   8-bit AVR Microcontroller with 2K Bytes of Flash
ATTINY28L-4AI ATMEL-ATTINY28L-4AI Datasheet
932Kb / 75P
   8-bit AVR Microcontroller with 2K Bytes of Flash
More results

Similar Description - ATTINY28L-4AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY28L ATMEL-ATTINY28L Datasheet
932Kb / 75P
   8-bit AVR Microcontroller with 2K Bytes of Flash
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
251Kb / 13P
   8-Bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26_07 Datasheet
374Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
329Kb / 20P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com