Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP551SN27T1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP551SN27T1
Description  150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP551SN27T1 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP551SN27T1 Datasheet HTML 1Page - ON Semiconductor NCP551SN27T1 Datasheet HTML 2Page - ON Semiconductor NCP551SN27T1 Datasheet HTML 3Page - ON Semiconductor NCP551SN27T1 Datasheet HTML 4Page - ON Semiconductor NCP551SN27T1 Datasheet HTML 5Page - ON Semiconductor NCP551SN27T1 Datasheet HTML 6Page - ON Semiconductor NCP551SN27T1 Datasheet HTML 7Page - ON Semiconductor NCP551SN27T1 Datasheet HTML 8Page - ON Semiconductor NCP551SN27T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NCP551, NCV551
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
(Vin = Vout(nom.) + 1.0 V, VEN = Vin, Cin = 1.0 mF, Cout = 1.0 mF, TJ = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TA = 25
°C, Iout = 10 mA)
1.5 V
1.8 V
2.5 V
2.7 V
2.8 V
2.9 V
3.0 V
3.1 V
3.2 V
3.3 V
5.0 V
Vout
1.455
1.746
2.425
2.646
2.744
2.842
2.940
3.038
3.136
3.234
4.90
1.5
1.8
2.5
2.7
2.8
2.9
3.0
3.1
3.2
3.3
5.0
1.545
1.854
2.575
2.754
2.856
2.958
3.060
3.162
3.264
3.366
5.10
V
Output Voltage (TA = Tlow to Thigh, Iout = 10 mA)
1.5 V
1.8 V
2.5 V
2.7 V
2.8 V
2.9 V
3.0 V
3.1 V
3.2 V
3.3 V
5.0 V
Vout
1.440
1.728
2.400
2.619
2.716
2.813
2.910
3.007
3.104
3.201
4.850
1.5
1.8
2.5
2.7
2.8
2.9
3.0
3.1
3.2
3.3
5.0
1.560
1.872
2.600
2.781
2.884
2.987
3.090
3.193
3.296
3.399
5.150
V
Line Regulation (Vin = Vout + 1.0 V to 12 V, Iout = 10 mA)
Regline
10
30
mV
Load Regulation (Iout = 10 mA to 150 mA, Vin = Vout + 2.0 V)
Regload
40
65
mV
Output Current (Vout = (Vout at Iout = 100 mA) −3%)
1.5 V−2.0 V (Vin = 4.0 V)
2.1 V−3.0 V (Vin = 5.0 V)
3.1 V−4.0 V (Vin = 6.0 V)
4.1 V−5.0 V (Vin = 8.0 V)
Io(nom.)
150
150
150
150
mA
Dropout Voltage (Iout = 10 mA, Measured at Vout −3.0%)
1.5 V, 1.8 V, 2.5 V
2.7 V, 2.8 V, 2.9 V, 3.0 V, 3.1 V, 3.2 V, 3.3 V, 5.0 V
Vin−Vout
130
40
220
150
mV
Quiescent Current
(Enable Input = 0 V)
(Enable Input = Vin, Iout = 1.0 mA to Io(nom.))
IQ
0.1
4.0
1.0
8.0
mA
Output Voltage Temperature Coefficient
Tc
"100
ppm/
°C
Enable Input Threshold Voltage
(Voltage Increasing, Output Turns On, Logic High)
(Voltage Decreasing, Output Turns Off, Logic Low)
Vth(en)
1.3
0.3
V
Output Short Circuit Current (Vout = 0 V)
1.5 V−2.0 V (Vin = 4.0 V)
2.1 V−3.0 V (Vin = 5.0 V)
3.1 V−4.0 V (Vin = 6.0 V)
4.1 V−5.0 V (Vin = 8.0 V)
Iout(max)
160
160
160
160
350
350
350
350
600
600
600
600
mA
3. Maximum package power dissipation limits must be observed.
PD
+
TJ(max) * TA
R
qJA
4. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
5. NCP551
Tlow = −40°CThigh = +85°C
NCV551
Tlow = −40°CThigh = +125°C.


Similar Part No. - NCP551SN27T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP551SN27T1 ONSEMI-NCP551SN27T1 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP551SN27T1G ONSEMI-NCP551SN27T1G Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP551SN27T1G ONSEMI-NCP551SN27T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP551SN27T1G ONSEMI-NCP551SN27T1G Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
More results

Similar Description - NCP551SN27T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP511 ONSEMI-NCP511_06 Datasheet
94Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 10
NCP502 ONSEMI-NCP502_07 Datasheet
92Kb / 11P
   80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
NCP500 ONSEMI-NCP500_06 Datasheet
142Kb / 20P
   150 mA CMOS Low Noise Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 19
NCV4299 ONSEMI-NCV4299 Datasheet
165Kb / 23P
   150 mA Low?묭ropout Voltage Regulator
April, 2006 ??Rev. 16
NCP571 ONSEMI-NCP571_14 Datasheet
258Kb / 11P
   150 mA CMOS Low Iq Low Output Voltage Regulator
June, 2014 ??Rev. 5
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCP571 ONSEMI-NCP571 Datasheet
298Kb / 12P
   150 mA CMOS Low Iq Low Output Voltage Regulator
May, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com