Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP502ASQ35T1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP502ASQ35T1G
Description  80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP502ASQ35T1G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP502ASQ35T1G Datasheet HTML 3Page - ON Semiconductor NCP502ASQ35T1G Datasheet HTML 4Page - ON Semiconductor NCP502ASQ35T1G Datasheet HTML 5Page - ON Semiconductor NCP502ASQ35T1G Datasheet HTML 6Page - ON Semiconductor NCP502ASQ35T1G Datasheet HTML 7Page - ON Semiconductor NCP502ASQ35T1G Datasheet HTML 8Page - ON Semiconductor NCP502ASQ35T1G Datasheet HTML 9Page - ON Semiconductor NCP502ASQ35T1G Datasheet HTML 10Page - ON Semiconductor NCP502ASQ35T1G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NCP502, NCP502A
http://onsemi.com
8
ORDERING INFORMATION
Device
Nominal
Output Voltage
Marking
Package
Shipping
NCP502SQ15T1
1.5
LCC
SC70−5
3000 / Tape & Reel
NCP502SQ15T1G
1.5
LCC
SC70−5
(Pb−Free)
3000 / Tape & Reel
NCP502SQ18T1
1.8
LCD
SC70−5
3000 / Tape & Reel
NCP502SQ18T1G
1.8
LCD
SC70−5
(Pb−Free)
3000 / Tape & Reel
NCP502SQ25T1
2.5
LCE
SC70−5
3000 / Tape & Reel
NCP502SQ25T1G
2.5
LCE
SC70−5
(Pb−Free)
3000 / Tape & Reel
NCP502SQ27T1
2.7
LCF
SC70−5
3000 / Tape & Reel
NCP502SQ27T1G
2.7
LCF
SC70−5
(Pb−Free)
3000 / Tape & Reel
NCP502SQ28T1
2.8
LCG
SC70−5
3000 / Tape & Reel
NCP502SQ28T1G
2.8
LCG
SC70−5
(Pb−Free)
3000 / Tape & Reel
NCP502SQ29T1G
2.9
LJI
SC70−5
(Pb−Free)
3000 / Tape & Reel
NCP502SQ30T1
3.0
LCH
SC70−5
3000 / Tape & Reel
NCP502SQ30T1G
3.0
LCH
SC70−5
(Pb−Free)
3000 / Tape & Reel
NCP502SQ31T1G
3.1
LJJ
SC70−5
(Pb−Free)
3000 / Tape & Reel
NCP502SQ33T1
3.3
LCI
SC70−5
3000 / Tape & Reel
NCP502SQ33T1G
3.3
LCI
SC70−5
(Pb−Free)
3000 / Tape & Reel
NCP502SQ34T1G
3.4
LJK
SC70−5
(Pb−Free)
3000 / Tape & Reel
NCP502SQ35T1
3.5
LGO
SC70−5
3000 / Tape & Reel
NCP502SQ35T1G
3.5
LGO
SC70−5
(Pb−Free)
3000 / Tape & Reel
NCP502SQ36T1G
3.6
LIU
SC70−5
(Pb−Free)
3000 / Tape & Reel
NCP502SQ37T1G
3.7
LJQ
SC70−5
(Pb−Free)
3000 / Tape & Reel
NCP502SQ50T1
5.0
LCJ
SC70−5
3000 / Tape & Reel
NCP502SQ50T1G
5.0
LCJ
SC70−5
(Pb−Free)
3000 / Tape & Reel
NCP502ASQ15T1G
1.5
LGP
SC70−5
(Pb−Free)
3000 / Tape & Reel
NCP502ASQ18T1G
1.8
LGQ
SC70−5
(Pb−Free)
3000 / Tape & Reel
NCP502ASQ25T1G
2.5
LGR
SC70−5
(Pb−Free)
3000 / Tape & Reel
NCP502ASQ27T1G
2.7
LGS
SC70−5
(Pb−Free)
3000 / Tape & Reel
NCP502ASQ28T1G
2.8
LGT
SC70−5
(Pb−Free)
3000 / Tape & Reel


Similar Part No. - NCP502ASQ35T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP502ASQ35T1 ONSEMI-NCP502ASQ35T1 Datasheet
114Kb / 10P
   80 mA CMOS Low Iq Voltage Regulator in an SC70??
January, 2005 ??Rev. 9
More results

Similar Description - NCP502ASQ35T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP551 ONSEMI-NCP551_06 Datasheet
102Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
November, 2006 ??Rev. 14
NCP511 ONSEMI-NCP511_06 Datasheet
94Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 10
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_16 Datasheet
99Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
December, 2016 ??Rev. 21
NCP553SQ18T1G ONSEMI-NCP553SQ18T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com