Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA162V-8MU Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATMEGA162V-8MU
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA162V-8MU Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATMEGA162V-8MU Datasheet HTML 3Page - ATMEL Corporation ATMEGA162V-8MU Datasheet HTML 4Page - ATMEL Corporation ATMEGA162V-8MU Datasheet HTML 5Page - ATMEL Corporation ATMEGA162V-8MU Datasheet HTML 6Page - ATMEL Corporation ATMEGA162V-8MU Datasheet HTML 7Page - ATMEL Corporation ATMEGA162V-8MU Datasheet HTML 8Page - ATMEL Corporation ATMEGA162V-8MU Datasheet HTML 9Page - ATMEL Corporation ATMEGA162V-8MU Datasheet HTML 10Page - ATMEL Corporation ATMEGA162V-8MU Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
ATmega162/V
2513IS–AVR–02/07
Register Summary
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
(0xFF)
Reserved
..
Reserved
(0x9E)
Reserved
(0x9D)
Reserved
(0x9C)
Reserved
(0x9B)
Reserved
(0x9A)
Reserved
(0x99)
Reserved
(0x98)
Reserved
(0x97)
Reserved
(0x96)
Reserved
(0x95)
Reserved
(0x94)
Reserved
(0x93)
Reserved
(0x92)
Reserved
(0x91)
Reserved
(0x90)
Reserved
(0x8F)
Reserved
(0x8E)
Reserved
(0x8D)
Reserved
(0x8C)
Reserved
(0x8B)
TCCR3A
COM3A1
COM3A0
COM3B1
COM3B0
FOC3A
FOC3B
WGM31
WGM30
130
(0x8A)
TCCR3B
ICNC3
ICES3
WGM33
WGM32
CS32
CS31
CS30
127
(0x89)
TCNT3H
Timer/Counter3 – Counter Register High Byte
132
(0x88)
TCNT3L
Timer/Counter3 – Counter Register Low Byte
132
(0x87)
OCR3AH
Timer/Counter3 – Output Compare Register A High Byte
132
(0x86)
OCR3AL
Timer/Counter3 – Output Compare Register A Low Byte
132
(0x85)
OCR3BH
Timer/Counter3 – Output Compare Register B High Byte
132
(0x84)
OCR3BL
Timer/Counter3 – Output Compare Register B Low Byte
132
(0x83)
Reserved
(0x82)
Reserved
(0x81)
ICR3H
Timer/Counter3 – Input Capture Register High Byte
133
(0x80)
ICR3L
Timer/Counter3 – Input Capture Register Low Byte
133
(0x7F)
Reserved
(0x7E)
Reserved
(0x7D)
ETIMSK
TICIE3
OCIE3A
OCIE3B
TOIE3
134
(0x7C)
ETIFR
ICF3
OCF3A
OCF3B
TOV3
135
(0x7B)
Reserved
(0x7A)
Reserved
(0x79)
Reserved
(0x78)
Reserved
(0x77)
Reserved
(0x76)
Reserved
(0x75)
Reserved
(0x74)
Reserved
(0x73)
Reserved
(0x72)
Reserved
(0x71)
Reserved
(0x70)
Reserved
(0x6F)
Reserved
(0x6E)
Reserved
(0x6D)
Reserved
(0x6C)
PCMSK1
PCINT15
PCINT14
PCINT13
PCINT12
PCINT11
PCINT10
PCINT9
PCINT8
87
(0x6B)
PCMSK0
PCINT7
PCINT6
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
87
(0x6A)
Reserved
(0x69)
Reserved
(0x68)
Reserved
(0x67)
Reserved
(0x66)
Reserved
(0x65)
Reserved
(0x64)
Reserved
(0x63)
Reserved
(0x62)
Reserved
(0x61)
CLKPR
CLKPCE
CLKPS3
CLKPS2
CLKPS1
CLKPS0
39


Similar Part No. - ATMEGA162V-8MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA162V-8MU ATMEL-ATMEGA162V-8MU Datasheet
2Mb / 325P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATmega162V-8MU ATMEL-ATmega162V-8MU Datasheet
590Kb / 22P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATmega162V-8MU ATMEL-ATmega162V-8MU Datasheet
5Mb / 324P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA162V-8MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P_08 Datasheet
363Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V ATMEL-ATMEGA165V_06 Datasheet
241Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_1 Datasheet
4Mb / 393P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162 ATMEL-ATMEGA162_1 Datasheet
5Mb / 324P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com