Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY13V-10SSU Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATTINY13V-10SSU
Description  8-bit Microcontroller with 1K Bytes In-System Programmable Flash
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY13V-10SSU Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATTINY13V-10SSU Datasheet HTML 5Page - ATMEL Corporation ATTINY13V-10SSU Datasheet HTML 6Page - ATMEL Corporation ATTINY13V-10SSU Datasheet HTML 7Page - ATMEL Corporation ATTINY13V-10SSU Datasheet HTML 8Page - ATMEL Corporation ATTINY13V-10SSU Datasheet HTML 9Page - ATMEL Corporation ATTINY13V-10SSU Datasheet HTML 10Page - ATMEL Corporation ATTINY13V-10SSU Datasheet HTML 11Page - ATMEL Corporation ATTINY13V-10SSU Datasheet HTML 12Page - ATMEL Corporation ATTINY13V-10SSU Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
ATtiny13
2535GS–AVR–01/07
Ordering Information
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging alternative, complies to the European Directive for Restriction of Hazardous Substances (RoHS direc-
tive). Also Halide free and fully Green
3. For Speed vs. VCC, see “Maximum Speed vs. VCC” on page 122.
Speed (MHz)(3)
Power Supply
Ordering Code
Package(1)
Operation Range
10
1.8 - 5.5
ATtiny13V-10PI
ATtiny13V-10PU(2)
ATtiny13V-10SI
ATtiny13V-10SU(2)
ATtiny13V-10SSI
ATtiny13V-10SSU(2)I
ATtiny13V-10MU(2)
8P3
8P3
8S2
8S2
S8S1
S8S1
20M1
Industrial
(-40
°C to 85°C)
20
2.7 - 5.5
ATtiny13-20PI
ATtiny13-20PU(2)
ATtiny13-20SI
ATtiny13-20SU(2)
ATtiny13-20SSI
ATtiny13-20SSU(2)
ATtiny13-20MU(2)
8P3
8P3
8S2
8S2
S8S1
S8S1
20M1
Industrial
(-40
°C to 85°C)
Package Type
8P3
8-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
8S2
8-lead, 0.209" Wide, Plastic Small Outline Package (EIAJ SOIC)
S8S1
8-lead, 0.150" Wide, Plastic Gull-Wing Small Outline (JEDEC SOIC)
20M1
20-pad, 4 x 4 x 0.8 mm Body, Lead Pitch 0.50 mm, Micro Lead Frame Package (MLF)


Similar Part No. - ATTINY13V-10SSU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY13V-10SSU ATMEL-ATTINY13V-10SSU Datasheet
3Mb / 176P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13V-10SSUI ATMEL-ATTINY13V-10SSUI Datasheet
1Mb / 177P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY13V-10SSU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY13A ATMEL-ATTINY13A_09 Datasheet
539Kb / 20P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13A ATMEL-ATTINY13A_1 Datasheet
3Mb / 174P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13 ATMEL-ATTINY13_10 Datasheet
584Kb / 22P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
AT90S1200 ATMEL-AT90S1200 Datasheet
310Kb / 7P
   8-Bit Microcontroller with 1K bytes In-System Programmable Flash
ATTINY13-10SU ATMEL-ATTINY13-10SU Datasheet
535Kb / 22P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13A ATMEL-ATTINY13A_10 Datasheet
605Kb / 20P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13A ATMEL-ATTINY13A Datasheet
462Kb / 20P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13V_0701 ATMEL-ATTINY13V_0701 Datasheet
1Mb / 177P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13 ATMEL-ATTINY13_08 Datasheet
3Mb / 176P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13 ATMEL-ATTINY13 Datasheet
2Mb / 169P
   8-bit AVR Microcontroller with 1K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com