Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA165V Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATMEGA165V
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA165V Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATMEGA165V_06 Datasheet HTML 5Page - ATMEL Corporation ATMEGA165V_06 Datasheet HTML 6Page - ATMEL Corporation ATMEGA165V_06 Datasheet HTML 7Page - ATMEL Corporation ATMEGA165V_06 Datasheet HTML 8Page - ATMEL Corporation ATMEGA165V_06 Datasheet HTML 9Page - ATMEL Corporation ATMEGA165V_06 Datasheet HTML 10Page - ATMEL Corporation ATMEGA165V_06 Datasheet HTML 11Page - ATMEL Corporation ATMEGA165V_06 Datasheet HTML 12Page - ATMEL Corporation ATMEGA165V_06 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
ATmega165/V
2573FS–AVR–08/06
(0x7D)
Reserved
(0x7C)
ADMUX
REFS1
REFS0
ADLAR
MUX4
MUX3
MUX2
MUX1
MUX0
201
(0x7B)
ADCSRB
–ACME
ADTS2
ADTS1
ADTS0
186, 205
(0x7A)
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
203
(0x79)
ADCH
ADC Data Register High byte
204
(0x78)
ADCL
ADC Data Register Low byte
204
(0x77)
Reserved
(0x76)
Reserved
(0x75)
Reserved
(0x74)
Reserved
(0x73)
Reserved
(0x72)
Reserved
(0x71)
Reserved
(0x70)
TIMSK2
OCIE2A
TOIE2
136
(0x6F)
TIMSK1
–ICIE1
OCIE1B
OCIE1A
TOIE1
118
(0x6E)
TIMSK0
OCIE0A
TOIE0
88
(0x6D)
Reserved
(0x6C)
PCMSK1
PCINT15
PCINT14
PCINT13
PCINT12
PCINT11
PCINT10
PCINT9
PCINT8
54
(0x6B)
PCMSK0
PCINT7
PCINT6
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
54
(0x6A)
Reserved
(0x69)
EICRA
–ISC01
ISC00
52
(0x68)
Reserved
(0x67)
Reserved
(0x66)
OSCCAL
Oscillator Calibration Register
28
(0x65)
Reserved
(0x64)
PRR
PRTIM1
PRSPI
PRUSART0
PRADC
34
(0x63)
Reserved
(0x62)
Reserved
(0x61)
CLKPR
CLKPCE
CLKPS3
CLKPS2
CLKPS1
CLKPS0
29
(0x60)
WDTCR
WDCE
WDE
WDP2
WDP1
WDP0
43
0x3F (0x5F)
SREG
I
T
H
S
V
N
Z
C
9
0x3E (0x5E)
SPH
SP10
SP9
SP8
11
0x3D (0x5D)
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
11
0x3C (0x5C)
Reserved
0x3B (0x5B)
Reserved
0x3A (0x5A)
Reserved
0x39 (0x59)
Reserved
0x38 (0x58)
Reserved
0x37 (0x57)
SPMCSR
SPMIE
RWWSB
RWWSRE
BLBSET
PGWRT
PGERS
SPMEN
237
0x36 (0x56)
Reserved
0x35 (0x55)
MCUCR
JTD
–PUD
IVSEL
IVCE
215
0x34 (0x54)
MCUSR
JTRF
WDRF
BORF
EXTRF
PORF
216
0x33 (0x53)
SMCR
–SM2
SM1
SM0
SE
32
0x32 (0x52)
Reserved
0x31 (0x51)
OCDR
IDRD/OCD
OCDR6
OCDR5
OCDR4
OCDR3
OCDR2
OCDR1
OCDR0
211
0x30 (0x50)
ACSR
ACD
ACBG
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
186
0x2F (0x4F)
Reserved
0x2E (0x4E)
SPDR
SPI Data Register
146
0x2D (0x4D)
SPSR
SPIF
WCOL
SPI2X
146
0x2C (0x4C)
SPCR
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
144
0x2B (0x4B)
GPIOR2
General Purpose I/O Register 2
22
0x2A (0x4A)
GPIOR1
General Purpose I/O Register 1
22
0x29 (0x49)
Reserved
0x28 (0x48)
Reserved
0x27 (0x47)
OCR0A
Timer/Counter0 Output Compare Register A
88
0x26 (0x46)
TCNT0
Timer/Counter0 (8 Bit)
87
0x25 (0x45)
Reserved
0x24 (0x44)
TCCR0A
FOC0A
WGM00
COM0A1
COM0A0
WGM01
CS02
CS01
CS00
85
0x23 (0x43)
GTCCR
TSM
PSR2
PSR10
90
0x22 (0x42)
EEARH
–EEAR8
18
0x21 (0x41)
EEARL
EEPROM Address Register Low Byte
18
0x20 (0x40)
EEDR
EEPROM Data Register
18
0x1F (0x3F)
EECR
EERIE
EEMWE
EEWE
EERE
18
0x1E (0x3E)
GPIOR0
General Purpose I/O Register 0
22
0x1D (0x3D)
EIMSK
PCIE1
PCIE0
–INT0
53
0x1C (0x3C)
EIFR
PCIF1
PCIF0
INTF0
53
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page


Similar Part No. - ATMEGA165V_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA165V_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P_08 Datasheet
363Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_1 Datasheet
4Mb / 393P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162 ATMEL-ATMEGA162_1 Datasheet
5Mb / 324P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com