Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA325 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATMEGA325
Description  8-bit Microcontroller with In-System Programmable Flash
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA325 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATMEGA325 Datasheet HTML 1Page - ATMEL Corporation ATMEGA325 Datasheet HTML 2Page - ATMEL Corporation ATMEGA325 Datasheet HTML 3Page - ATMEL Corporation ATMEGA325 Datasheet HTML 4Page - ATMEL Corporation ATMEGA325 Datasheet HTML 5Page - ATMEL Corporation ATMEGA325 Datasheet HTML 6Page - ATMEL Corporation ATMEGA325 Datasheet HTML 7Page - ATMEL Corporation ATMEGA325 Datasheet HTML 8Page - ATMEL Corporation ATMEGA325 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
ATmega325/3250/645/6450
2570JS–AVR–11/06
The AVR core combines a rich instruction set with 32 general purpose working registers.
All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing
two independent registers to be accessed in one single instruction executed in one clock
cycle. The resulting architecture is more code efficient while achieving throughputs up to
ten times faster than conventional CISC microcontrollers.
The ATmega325/3250/645/6450 provides the following features: 32/64K bytes of In-
System Programmable Flash with Read-While-Write capabilities, 1/2K bytes EEPROM,
2/4K byte SRAM, 54/69 general purpose I/O lines, 32 general purpose working regis-
ters, a JTAG interface for Boundary-scan, On-chip Debugging support and
programming, three flexible Timer/Counters with compare modes, internal and external
interrupts, a serial programmable USART, Universal Serial Interface with Start Condi-
tion Detector, an 8-channel, 10-bit ADC, a programmable Watchdog Timer with internal
Oscillator, an SPI serial port, and five software selectable power saving modes. The Idle
mode stops the CPU while allowing the SRAM, Timer/Counters, SPI port, and interrupt
system to continue functioning. The Power-down mode saves the register contents but
freezes the Oscillator, disabling all other chip functions until the next interrupt or hard-
ware reset. In Power-save mode, the asynchronous timer will continue to run, allowing
the user to maintain a timer base while the rest of the device is sleeping. The ADC Noise
Reduction mode stops the CPU and all I/O modules except asynchronous timer and
ADC to minimize switching noise during ADC conversions. In Standby mode, the crys-
tal/resonator Oscillator is running while the rest of the device is sleeping. This allows
very fast start-up combined with low-power consumption.
The device is manufactured using Atmel’s high density non-volatile memory technology.
The On-chip In-System re-Programmable (ISP) Flash allows the program memory to be
reprogrammed In-System through an SPI serial interface, by a conventional non-volatile
memory programmer, or by an On-chip Boot program running on the AVR core. The
Boot program can use any interface to download the application program in the Applica-
tion Flash memory. Software in the Boot Flash section will continue to run while the
Application Flash section is updated, providing true Read-While-Write operation. By
combining an 8-bit RISC CPU with In-System Self-Programmable Flash on a monolithic
chip, the Atmel ATmega325/3250/645/6450 is a powerful microcontroller that provides a
highly flexible and cost effective solution to many embedded control applications.
The ATmega325/3250/645/6450 AVR is supported with a full suite of program and sys-
tem development tools including: C Compilers, Macro Assemblers, Program
Debugger/Simulators, In-Circuit Emulators, and Evaluation kits.


Similar Part No. - ATMEGA325

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA325 ATMEL-ATMEGA325 Datasheet
2Mb / 347P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325 Datasheet
3Mb / 353P
   8-bit Microcontroller with In-System Programmable Flash
ATmega325 ATMEL-ATmega325 Datasheet
780Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325 Datasheet
6Mb / 362P
   High Endurance Non-volatile Memory Segments
ATMEGA325-16AI ATMEL-ATMEGA325-16AI Datasheet
2Mb / 347P
   8-bit Microcontroller with In-System Programmable Flash
More results

Similar Description - ATMEGA325

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329V_0611 ATMEL-ATMEGA329V_0611 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325_07 Datasheet
780Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329_071 ATMEL-ATMEGA329_071 Datasheet
783Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325_0611 ATMEL-ATMEGA325_0611 Datasheet
3Mb / 353P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325 Datasheet
2Mb / 347P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329 ATMEL-ATMEGA329_06 Datasheet
329Kb / 28P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA649 ATMEL-ATMEGA649 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_14 Datasheet
5Mb / 336P
   8-bit Microcontroller with 32KBytes In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128_02 Datasheet
349Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467CS-AVR-02/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com