Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA644 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATMEGA644
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA644 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATMEGA644_07 Datasheet HTML 1Page - ATMEL Corporation ATMEGA644_07 Datasheet HTML 2Page - ATMEL Corporation ATMEGA644_07 Datasheet HTML 3Page - ATMEL Corporation ATMEGA644_07 Datasheet HTML 4Page - ATMEL Corporation ATMEGA644_07 Datasheet HTML 5Page - ATMEL Corporation ATMEGA644_07 Datasheet HTML 6Page - ATMEL Corporation ATMEGA644_07 Datasheet HTML 7Page - ATMEL Corporation ATMEGA644_07 Datasheet HTML 8Page - ATMEL Corporation ATMEGA644_07 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
2593LS–AVR–02/07
ATmega644
The AVR core combines a rich instruction set with 32 general purpose working registers. All the
32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent
registers to be accessed in one single instruction executed in one clock cycle. The resulting
architecture is more code efficient while achieving throughputs up to ten times faster than con-
ventional CISC microcontrollers.
The ATmega644 provides the following features: 64K bytes of In-System Programmable Flash
with Read-While-Write capabilities, 2K bytes EEPROM, 4K bytes SRAM, 32 general purpose I/O
lines, 32 general purpose working registers, Real Time Counter (RTC), three flexible
Timer/Counters with compare modes and PWM, 2 USARTs, a byte oriented 2-wire Serial Inter-
face, a 8-channel, 10-bit ADC with optional differential input stage with programmable gain,
programmable Watchdog Timer with Internal Oscillator, an SPI serial port, IEEE std. 1149.1
compliant JTAG test interface, also used for accessing the On-chip Debug system and program-
ming and six software selectable power saving modes. The Idle mode stops the CPU while
allowing the SRAM, Timer/Counters, SPI port, and interrupt system to continue functioning. The
Power-down mode saves the register contents but freezes the Oscillator, disabling all other chip
functions until the next interrupt or Hardware Reset. In Power-save mode, the asynchronous
timer continues to run, allowing the user to maintain a timer base while the rest of the device is
sleeping. The ADC Noise Reduction mode stops the CPU and all I/O modules except Asynchro-
nous Timer and ADC, to minimize switching noise during ADC conversions. In Standby mode,
the Crystal/Resonator Oscillator is running while the rest of the device is sleeping. This allows
very fast start-up combined with low power consumption. In Extended Standby mode, both the
main Oscillator and the Asynchronous Timer continue to run.
The device is manufactured using Atmel’s high-density nonvolatile memory technology. The On-
chip ISP Flash allows the program memory to be reprogrammed in-system through an SPI serial
interface, by a conventional nonvolatile memory programmer, or by an On-chip Boot program
running on the AVR core. The boot program can use any interface to download the application
program in the application Flash memory. Software in the Boot Flash section will continue to run
while the Application Flash section is updated, providing true Read-While-Write operation. By
combining an 8-bit RISC CPU with In-System Self-Programmable Flash on a monolithic chip,
the Atmel ATmega644 is a powerful microcontroller that provides a highly flexible and cost effec-
tive solution to many embedded control applications.
The ATmega644 AVR is supported with a full suite of program and system development tools
including: C compilers, macro assemblers, program debugger/simulators, in-circuit emulators,
and evaluation kits.
2.2
Pin Descriptions
2.2.1
VCC
Digital supply voltage.
2.2.2
GND
Ground.
2.2.3
Port A (PA7:PA0)
Port A serves as analog inputs to the Analog-to-digital Converter.
Port A also serves as an 8-bit bi-directional I/O port with internal pull-up resistors (selected for
each bit). The Port A output buffers have symmetrical drive characteristics with both high sink


Similar Part No. - ATMEGA644_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA644_0702 ATMEL-ATMEGA644_0702 Datasheet
4Mb / 374P
   8-bit Microcontroller with 64K Bytes In- System Programmable Flash
More results

Similar Description - ATMEGA644_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644_0702 ATMEL-ATMEGA644_0702 Datasheet
4Mb / 374P
   8-bit Microcontroller with 64K Bytes In- System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_09 Datasheet
659Kb / 25P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
AT89LP6440 ATMEL-AT89LP6440 Datasheet
5Mb / 194P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_09 Datasheet
618Kb / 21P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64_0610 ATMEL-ATMEGA64_0610 Datasheet
3Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_1 Datasheet
8Mb / 392P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_06 Datasheet
297Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64 Datasheet
190Kb / 20P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com