Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP301LSN26T1G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP301LSN26T1G
Description  Voltage Detector Series
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP301LSN26T1G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP301LSN26T1G Datasheet HTML 6Page - ON Semiconductor NCP301LSN26T1G Datasheet HTML 7Page - ON Semiconductor NCP301LSN26T1G Datasheet HTML 8Page - ON Semiconductor NCP301LSN26T1G Datasheet HTML 9Page - ON Semiconductor NCP301LSN26T1G Datasheet HTML 10Page - ON Semiconductor NCP301LSN26T1G Datasheet HTML 11Page - ON Semiconductor NCP301LSN26T1G Datasheet HTML 12Page - ON Semiconductor NCP301LSN26T1G Datasheet HTML 13Page - ON Semiconductor NCP301LSN26T1G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
NCP300, NCP301
http://onsemi.com
10
Table 1. ELECTRICAL CHARACTERISTIC TABLE FOR 0.9 − 4.9 V
NCP300 Series
Detector Threshold
Detector Threshold
Hysteresis
Supply Current
Nch Sink Current
Pch Source
Current
Vin Low
Vin High
Vin Low
Vin High
Part Number
VDET− (V) (Note 4)
VHYS (V)
Iin (mA)
(Note 5)
Iin (mA)
(Note 6)
IOUT (mA)
(Note 7)
IOUT (mA)
(Note 8)
IOUT (mA)
(Note 9)
Min
Typ
Max
Min
Typ
Max
Typ
Typ
Typ
Typ
Typ
NCP300LSN09T1
0.882
0.9
0.918
0.027
0.045
0.063
0.20
0.45
0.05
0.5
2.0
NCP300LSN18T1
1.764
1.8
1.836
0.054
0.090
0.126
0.23
0.48
NCP300LSN185T1
1.813
1.85
1.887
0.056
0.093
0.130
NCP300LSN20T1
1.960
2.0
2.040
0.060
0.100
0.140
NCP300LSN27T1
2.646
2.7
2.754
0.081
0.135
0.189
0.25
0.50
NCP300LSN28T1
2.744
2.8
2.856
0.084
0.140
0.196
NCP300LSN30T1
2.940
3.0
3.060
0.090
0.150
0.210
NCP300LSN33T1
3.234
3.3
3.366
0.099
0.165
0.231
NCP300LSN34T1
3.332
3.4
3.468
0.102
0.170
0.238
NCP300LSN44T1
4.312
4.4
4.488
0.132
0.220
0.308
NCP300LSN45T1
4.410
4.5
4.590
0.135
0.225
0.315
0.33
0.52
NCP300LSN46T1
4.508
4.6
4.692
0.138
0.230
0.322
NCP300LSN47T1
4.606
4.7
4.794
0.141
0.235
0.329
0.34
0.53
4. Values shown apply at +25
°C only. For voltage options greater than 1.1 V, VDET− limits over operating temperature range (−40°C to +125°C)
are VNOM ±3%. For voltage options < 1.2 V, VDET− is guaranteed only at +25°C.
5. Condition 1: 0.9 − 2.9 V, Vin = VDET− − 0.10 V; 3.0 − 3.9 V, Vin = VDET− − 0.13 V; 4.0 − 4.9 V, Vin = VDET− − 0.16 V
6. Condition 2: 0.9 − 4.9 V, Vin = VDET− + 2.0 V
7. Condition 3: 0.9 − 4.9 V, Vin = 0.7 V, VOUT = 0.05 V, Active Low ‘L’ Suffix Devices
8. Condition 4: 0.9 − 1.0 V, Vin = 0.85 V, VOUT = 0.5 V; 1.1 − 1.5 V, Vin = 1.0 V, VOUT = 0.5 V; 1.6 − 4.9 V, Vin = 1.5 V, VOUT = 0.5 V,
Active Low ‘L’ Suffix Devices
9. Condition 5: 0.9 − 3.9 V, Vin = 4.5 V, VOUT = 2.4 V; 4.0 − 4.9 V, Vin = 8.0 V, VOUT = 5.9 V, Active Low ‘L’ Suffix Devices
Table 2. ELECTRICAL CHARACTERISTIC TABLE FOR 0.9 − 4.9 V
NCP300 Series
Detector Threshold
Detector Threshold
Hysteresis
Supply Current
Nch Sink
Current
Pch Source Current
Vin Low
Vin High
Vin Low
Vin High
Part Number
VDET− (V) (Note 10)
VHYS (V)
Iin (mA)
(Note 11)
Iin (mA)
(Note 12)
IOUT (mA)
(Note 13)
IOUT (mA)
(Note 14)
IOUT (mA)
(Note 15)
Min
Typ
Max
Min
Typ
Max
Typ
Typ
Typ
Typ
Typ
NCP300HSN09T1
0.882
0.9
0.918
0.027
0.045
0.063
0.20
0.45
2.5
0.04
0.08
NCP300HSN18T1
1.764
1.8
1.836
0.054
0.090
0.126
0.23
0.48
NCP300HSN27T1
2.646
2.7
2.754
0.081
0.135
0.189
0.25
0.50
NCP300HSN30T1
2.940
3.0
3.060
0.090
0.150
0.210
NCP300HSN45T1
4.410
4.5
4.590
0.135
0.225
0.315
0.33
0.52
NCP300HSN47T1
4.606
4.7
4.794
0.141
0.235
0.329
0.34
0.53
10. Values shown apply at +25
°C only. For voltage options greater than 1.1 V, VDET− limits over operating temperature range (−40°C to +125°C)
are VNOM ±3%. For voltage options < 1.2 V, VDET− is guaranteed only at +25°C.
11. Condition 1: 0.9 − 2.9 V, Vin = VDET− − 0.10 V; 3.0 − 3.9 V, Vin = VDET− − 0.13 V; 4.0 − 4.9 V, Vin = VDET− − 0.16 V
12. Condition 2: 0.9 − 4.9 V, Vin = VDET− + 2.0 V
13. Condition 3: 0.9 − 1.4 V, Vin = 1.5 V, VOUT = 0.5 V; 1.5 − 4.9 V, Vin = 5.0 V, VOUT = 0.5 V, Active High ‘H’ Suffix Devices
14. Condition 4: 0.9 − 4.9 V, Vin = 0.7 V, VOUT = 0.4 V, Active High ‘H’ Suffix Devices
15. Condition 5: 0.9 − 1.0 V, Vin = 0.8 V, VOUT = GND; 1.1 − 1.5 V, Vin = 1.0 V, VOUT = GND; 1.6 − 4.9 V, Vin = 1.5 V, VOUT = GND,
Active High ‘H’ Suffix Devices


Similar Part No. - NCP301LSN26T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP301LSN26T1G ONSEMI-NCP301LSN26T1G Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
NCP301LSN26T1G ONSEMI-NCP301LSN26T1G Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
More results

Similar Description - NCP301LSN26T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP304A ONSEMI-NCP304A Datasheet
110Kb / 6P
   Voltage Detector Series
September, 2008 ??Rev. 1
NCP302 ONSEMI-NCP302_14 Datasheet
177Kb / 26P
   Voltage Detector Series
May, 2014 ??Rev. 26
NCP304 ONSEMI-NCP304_15 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
NCP304 ONSEMI-NCP304 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP304 ONSEMI-NCP304_06 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP300 ONSEMI-NCP300_17 Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
NCP300 ONSEMI-NCP300_16 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
NCV301HSN27T1G ONSEMI-NCV301HSN27T1G Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP301LSN24T1G ONSEMI-NCP301LSN24T1G Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com