Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA165-16AU Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATMEGA165-16AU
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA165-16AU Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATMEGA165-16AU Datasheet HTML 6Page - ATMEL Corporation ATMEGA165-16AU Datasheet HTML 7Page - ATMEL Corporation ATMEGA165-16AU Datasheet HTML 8Page - ATMEL Corporation ATMEGA165-16AU Datasheet HTML 9Page - ATMEL Corporation ATMEGA165-16AU Datasheet HTML 10Page - ATMEL Corporation ATMEGA165-16AU Datasheet HTML 11Page - ATMEL Corporation ATMEGA165-16AU Datasheet HTML 12Page - ATMEL Corporation ATMEGA165-16AU Datasheet HTML 13Page - ATMEL Corporation ATMEGA165-16AU Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
ATmega165/V
2573FS–AVR–08/06
Note:
1. For compatibility with future devices, reserved bits should be written to zero if accessed. Reserved I/O memory addresses
should never be written.
2. I/O Registers within the address range 0x00 - 0x1F are directly bit-accessible using the SBI and CBI instructions. In these
registers, the value of single bits can be checked by using the SBIS and SBIC instructions.
3. Some of the Status Flags are cleared by writing a logical one to them. Note that, unlike most other AVRs, the CBI and SBI
instructions will only operate on the specified bit, and can therefore be used on registers containing such Status Flags. The
CBI and SBI instructions work with registers 0x00 to 0x1F only.
4. When using the I/O specific commands IN and OUT, the I/O addresses 0x00 - 0x3F must be used. When addressing I/O
Registers as data space using LD and ST instructions, 0x20 must be added to these addresses. The ATmega165 is a com-
plex microcontroller with more peripheral units than can be supported within the 64 location reserved in Opcode for the IN
and OUT instructions. For the Extended I/O space from 0x60 - 0xFF in SRAM, only the ST/STS/STD and LD/LDS/LDD
instructions can be used.
0x1B (0x3B)
Reserved
0x1A (0x3A)
Reserved
0x19 (0x39)
Reserved
0x18 (0x38)
Reserved
0x17 (0x37)
TIFR2
OCF2A
TOV2
137
0x16 (0x36)
TIFR1
–ICF1
OCF1B
OCF1A
TOV1
119
0x15 (0x35)
TIFR0
OCF0A
TOV0
88
0x14 (0x34)
PORTG
PORTG4
PORTG3
PORTG2
PORTG1
PORTG0
74
0x13 (0x33)
DDRG
DDG4
DDG3
DDG2
DDG1
DDG0
74
0x12 (0x32)
PING
PING4
PING3
PING2
PING1
PING0
74
0x11 (0x31)
PORTF
PORTF7
PORTF6
PORTF5
PORTF4
PORTF3
PORTF2
PORTF1
PORTF0
73
0x10 (0x30)
DDRF
DDF7
DDF6
DDF5
DDF4
DDF3
DDF2
DDF1
DDF0
73
0x0F (0x2F)
PINF
PINF7
PINF6
PINF5
PINF4
PINF3
PINF2
PINF1
PINF0
74
0x0E (0x2E)
PORTE
PORTE7
PORTE6
PORTE5
PORTE4
PORTE3
PORTE2
PORTE1
PORTE0
73
0x0D (0x2D)
DDRE
DDE7
DDE6
DDE5
DDE4
DDE3
DDE2
DDE1
DDE0
73
0x0C (0x2C)
PINE
PINE7
PINE6
PINE5
PINE4
PINE3
PINE2
PINE1
PINE0
73
0x0B (0x2B)
PORTD
PORTD7
PORTD6
PORTD5
PORTD4
PORTD3
PORTD2
PORTD1
PORTD0
73
0x0A (0x2A)
DDRD
DDD7
DDD6
DDD5
DDD4
DDD3
DDD2
DDD1
DDD0
73
0x09 (0x29)
PIND
PIND7
PIND6
PIND5
PIND4
PIND3
PIND2
PIND1
PIND0
73
0x08 (0x28)
PORTC
PORTC7
PORTC6
PORTC5
PORTC4
PORTC3
PORTC2
PORTC1
PORTC0
72
0x07 (0x27)
DDRC
DDC7
DDC6
DDC5
DDC4
DDC3
DDC2
DDC1
DDC0
72
0x06 (0x26)
PINC
PINC7
PINC6
PINC5
PINC4
PINC3
PINC2
PINC1
PINC0
73
0x05 (0x25)
PORTB
PORTB7
PORTB6
PORTB5
PORTB4
PORTB3
PORTB2
PORTB1
PORTB0
72
0x04 (0x24)
DDRB
DDB7
DDB6
DDB5
DDB4
DDB3
DDB2
DDB1
DDB0
72
0x03 (0x23)
PINB
PINB7
PINB6
PINB5
PINB4
PINB3
PINB2
PINB1
PINB0
72
0x02 (0x22)
PORTA
PORTA7
PORTA6
PORTA5
PORTA4
PORTA3
PORTA2
PORTA1
PORTA0
72
0x01 (0x21)
DDRA
DDA7
DDA6
DDA5
DDA4
DDA3
DDA2
DDA1
DDA0
72
0x00 (0x20)
PINA
PINA7
PINA6
PINA5
PINA4
PINA3
PINA2
PINA1
PINA0
72
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page


Similar Part No. - ATMEGA165-16AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA165-16AU ATMEL-ATMEGA165-16AU Datasheet
3Mb / 337P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATmega165-16AU ATMEL-ATmega165-16AU Datasheet
3Mb / 336P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165-16AU ATMEL-ATMEGA165-16AU Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA165-16AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P_08 Datasheet
363Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA16 ATMEL-ATMEGA16_06 Datasheet
320Kb / 24P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162V ATMEL-ATMEGA162V_07 Datasheet
2Mb / 325P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_0608 ATMEL-ATMEGA165V_0608 Datasheet
3Mb / 337P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P_0611 ATMEL-ATMEGA165P_0611 Datasheet
3Mb / 368P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P_1 Datasheet
4Mb / 393P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA162 ATMEL-ATMEGA162_1 Datasheet
5Mb / 324P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com