Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA168-20AI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATMEGA168-20AI
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA168-20AI Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATMEGA168-20AI Datasheet HTML 5Page - ATMEL Corporation ATMEGA168-20AI Datasheet HTML 6Page - ATMEL Corporation ATMEGA168-20AI Datasheet HTML 7Page - ATMEL Corporation ATMEGA168-20AI Datasheet HTML 8Page - ATMEL Corporation ATMEGA168-20AI Datasheet HTML 9Page - ATMEL Corporation ATMEGA168-20AI Datasheet HTML 10Page - ATMEL Corporation ATMEGA168-20AI Datasheet HTML 11Page - ATMEL Corporation ATMEGA168-20AI Datasheet HTML 12Page - ATMEL Corporation ATMEGA168-20AI Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9
2545JS–AVR–12/06
ATmega48/88/168
(0xBF)
Reserved
(0xBE)
Reserved
(0xBD)
TWAMR
TWAM6
TWAM5
TWAM4
TWAM3
TWAM2
TWAM1
TWAM0
–239
(0xBC)
TWCR
TWINT
TWEA
TWSTA
TWSTO
TWWC
TWEN
–TWIE
236
(0xBB)
TWDR
2-wire Serial Interface Data Register
238
(0xBA)
TWAR
TWA6
TWA5
TWA4
TWA3
TWA2
TWA1
TWA0
TWGCE
239
(0xB9)
TWSR
TWS7
TWS6
TWS5
TWS4
TWS3
–TWPS1
TWPS0
238
(0xB8)
TWBR
2-wire Serial Interface Bit Rate Register
236
(0xB7)
Reserved
(0xB6)
ASSR
EXCLK
AS2
TCN2UB
OCR2AUB
OCR2BUB
TCR2AUB
TCR2BUB
159
(0xB5)
Reserved
(0xB4)
OCR2B
Timer/Counter2 Output Compare Register B
158
(0xB3)
OCR2A
Timer/Counter2 Output Compare Register A
157
(0xB2)
TCNT2
Timer/Counter2 (8-bit)
157
(0xB1)
TCCR2B
FOC2A
FOC2B
WGM22
CS22
CS21
CS20
156
(0xB0)
TCCR2A
COM2A1
COM2A0
COM2B1
COM2B0
–WGM21
WGM20
153
(0xAF)
Reserved
(0xAE)
Reserved
(0xAD)
Reserved
(0xAC)
Reserved
(0xAB)
Reserved
(0xAA)
Reserved
(0xA9)
Reserved
(0xA8)
Reserved
(0xA7)
Reserved
(0xA6)
Reserved
(0xA5)
Reserved
(0xA4)
Reserved
(0xA3)
Reserved
(0xA2)
Reserved
(0xA1)
Reserved
(0xA0)
Reserved
(0x9F)
Reserved
(0x9E)
Reserved
(0x9D)
Reserved
(0x9C)
Reserved
(0x9B)
Reserved
(0x9A)
Reserved
(0x99)
Reserved
(0x98)
Reserved
(0x97)
Reserved
(0x96)
Reserved
(0x95)
Reserved
(0x94)
Reserved
(0x93)
Reserved
(0x92)
Reserved
(0x91)
Reserved
(0x90)
Reserved
(0x8F)
Reserved
(0x8E)
Reserved
(0x8D)
Reserved
(0x8C)
Reserved
(0x8B)
OCR1BH
Timer/Counter1 - Output Compare Register B High Byte
134
(0x8A)
OCR1BL
Timer/Counter1 - Output Compare Register B Low Byte
134
(0x89)
OCR1AH
Timer/Counter1 - Output Compare Register A High Byte
134
(0x88)
OCR1AL
Timer/Counter1 - Output Compare Register A Low Byte
134
(0x87)
ICR1H
Timer/Counter1 - Input Capture Register High Byte
135
(0x86)
ICR1L
Timer/Counter1 - Input Capture Register Low Byte
135
(0x85)
TCNT1H
Timer/Counter1 - Counter Register High Byte
134
(0x84)
TCNT1L
Timer/Counter1 - Counter Register Low Byte
134
(0x83)
Reserved
(0x82)
TCCR1C
FOC1A
FOC1B
–133
(0x81)
TCCR1B
ICNC1
ICES1
WGM13
WGM12
CS12
CS11
CS10
132
(0x80)
TCCR1A
COM1A1
COM1A0
COM1B1
COM1B0
–WGM11
WGM10
130
(0x7F)
DIDR1
–AIN1D
AIN0D
243
(0x7E)
DIDR0
ADC5D
ADC4D
ADC3D
ADC2D
ADC1D
ADC0D
259
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page


Similar Part No. - ATMEGA168-20AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA168-20AI ATMEL-ATMEGA168-20AI Datasheet
2Mb / 349P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA168-20AI ATMEL-ATMEGA168-20AI Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA168-20AI ATMEL-ATMEGA168-20AI Datasheet
4Mb / 376P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA168-20AI ATMEL-ATMEGA168-20AI Datasheet
4Mb / 378P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA168-20AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com